Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N25Q032A13E1241F Datasheet(PDF) 26 Page - Micron Technology

Part # N25Q032A13E1241F
Description  32-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase, XiP enabled, serial flash memory with 108 MHz SPI bus interface
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

N25Q032A13E1241F Datasheet(HTML) 26 Page - Micron Technology

Back Button N25Q032A13E1241F Datasheet HTML 22Page - Micron Technology N25Q032A13E1241F Datasheet HTML 23Page - Micron Technology N25Q032A13E1241F Datasheet HTML 24Page - Micron Technology N25Q032A13E1241F Datasheet HTML 25Page - Micron Technology N25Q032A13E1241F Datasheet HTML 26Page - Micron Technology N25Q032A13E1241F Datasheet HTML 27Page - Micron Technology N25Q032A13E1241F Datasheet HTML 28Page - Micron Technology N25Q032A13E1241F Datasheet HTML 29Page - Micron Technology N25Q032A13E1241F Datasheet HTML 30Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 153 page
background image
Operating features
N25Q032 - 3 V
26/153
Micron Technology, Inc., reserves the right to change products or specifications without notice.
©2010 Micron Technology, Inc. All rights reserved.
5.2
Dual SPI (DIO-SPI) Protocol
In the Dual SPI (DIO-SPI) protocol all the instructions, addresses and I/O data are
transmitted on two data lines. All the functionality available in the Extended SPI protocol is
also available in the DIO-SPI protocol. The DIO-SPI instructions are comparable with the
Extended SPI instructions; however, in DIO-SPI, the instructions are multiplexed on the two
data lines, DQ0 and DQ1.
The only exceptions are the READ, Quad Read, and Program instructions, which are not
available in DIO-SPI protocol, and the RDID instruction, which is replaced in the DIO-SPI
protocol by the Multiple I/O Read Identification (MIORDID) instruction.
The Multiple I/O Read Identification Instruction reads just the standard SPI electronic ID (3
bytes), while the Extended SPI protocol RDID instruction allows access to the UID bytes.
To help the application code port from Extended SPI to DIO-SPI protocol, the instructions
available in the DIO-SPI protocol have the same operation code as the Extended SPI
protocol, the only exception being the MIORDID instruction.
5.2.1
Multiple I/O Read Identification
The Multiple I/O Read Identification (MIORDID) instruction is available to read the device
electronic ID.With respect to the RDID instruction of the Extended SPI protocol, the output
data, shifted out on the 2 data lines DQ0 and DQ1.
Since the read ID instruction in the DIO-SPI protocol is limited to 3 bytes of the standard
electronic ID, the UID bytes are not read with the MIORDID instruction
5.2.2
Dual Command Fast reading
Reading the memory data multiplexing the instruction, the addresses and the output data on
2 data lines can be achieved in DIO-SPI protocol by mean of the Dual Command Fast Read
instruction, that has 3 instruction codes (BBh, 3Bh and 0Bh) to help the application code
porting from Extended SPI protocol to DIO-SPI protocol. Of course quad and single I/O
Read instructions are not available in DIO-SPI mode.
For Dual Command fast read instructions the number of dummy clock cycles is configurable
by using VCR bits [7:4] or NVCR bits [15:12].
After a successful reading instruction, a reduced tSHSL equal to 20ns is allowed to further
improve random access time (in all the other cases tSHSL should be at least 50 ns). See
Table 31.: AC Characteristics.
5.2.3
Page programming
Programming the memory by transmitting the instruction, addresses and the output data on
2 data lines can be achieved in DIO-SPI protocol by using the Dual Command Page
Program instruction, that has 3 instruction codes (D2h, A2h and 02h) to help port from
Extended SPI protocol to DIO-SPI protocol
Quad and single input Program instructions are not available in DIO-SPI mode.


Similar Part No. - N25Q032A13E1241F

ManufacturerPart #DatasheetDescription
logo
Micron Technology
N25Q032A13E1240x MICRON-N25Q032A13E1240x Datasheet
884Kb / 82P
   SPI-compatible serial bus interface
More results

Similar Description - N25Q032A13E1241F

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
N25Q128 NUMONYX-N25Q128_1 Datasheet
5Mb / 180P
   128-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase on boot sectors,XiP enabled, serial flash memory with 108 MHz SPI bus interface
N25Q128 NUMONYX-N25Q128 Datasheet
5Mb / 185P
   128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
logo
Micron Technology
N25Q128A11B1241F MICRON-N25Q128A11B1241F Datasheet
5Mb / 185P
   128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
logo
STMicroelectronics
M25PX32 STMICROELECTRONICS-M25PX32 Datasheet
550Kb / 63P
   32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
logo
Numonyx B.V
M25PX32 NUMONYX-M25PX32 Datasheet
1Mb / 65P
   32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
logo
Micron Technology
M25PX16SOVZM6TP MICRON-M25PX16SOVZM6TP Datasheet
1Mb / 65P
   16-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
logo
Numonyx B.V
M25PX64-VMF6TP NUMONYX-M25PX64-VMF6TP Datasheet
1Mb / 70P
   64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
M25PX16-VMN6TP NUMONYX-M25PX16-VMN6TP Datasheet
1Mb / 65P
   16-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
M25PX64 NUMONYX-M25PX64 Datasheet
1Mb / 66P
   64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
logo
SPANSION
S25FL032P0XMFI013 SPANSION-S25FL032P0XMFI013 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com