Electronic Components Datasheet Search |
|
DF14-2628SCFA Datasheet(PDF) 2 Page - Hirose Electric |
|
DF14-2628SCFA Datasheet(HTML) 2 Page - Hirose Electric |
2 / 8 page B235 DF14 Seriesq1.25mm Pitch Super Low profile Crimping Connector qContact Applicable cable size 2628: AWG26 to 28 3032: AWG30 to 32 Packaging Type SCF: Socket contact/reel Plating Type Blank: Tin plated A: Gold plated DF14 - 2628 SCF A 1 2 3 2 3 sProduct Specifications Current rating 1A Voltage rating 150V AC Operating Temperature Range -35 to +85ç (Note 1) Operating Moisture Range 40 to 80% Storage Temperature Range -10 to +60ç (Note 2) Storage Moisture Range 40 to 70% (Note 2) Item Specification Condition 1. Insulation Resistance 500M ohms Min 100V DC 2. Withstanding voltage No flashover or insulation breakdown. 500V AC/1 minute 3. Contact Resistance 30m ohms Max 100mA 4. Insertion/Extraction Force MIN0.15N (15gf), MAX3N (300gf) Measure at the square steel pin of 0.3±0.002mm 5. Vibration No electrical discontinuity of 1µs or more Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions. 6. Humidity (Steady state) Contact resistance: 30m ohms Max Insulation resistance:500M ohms Min 96 hours at temperature of 40ç and humidity of 90% to 95% 7. Temperature Cycle Contact resistance: 30m ohms Max Insulation resistance: 500M ohms Min (-25ç: 30 minutes➝5 to 35ç: 10 minutes➝85ç: 30 minutes➝ 5 to 35ç: 10 minutes) 5 cycles 8. Durability (Mating/un-mating) Contact resistance: 30m ohms Max Tin plating: 30 cycles Gold plating: 50 cycles 9. Resistance to Soldering heat No deformation of components affecting performance. Reflow: At the recommended temperature profile Manual soldering: 300ç for 3 seconds Rating Note 1: Includes temperature rise caused by current flow. Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation. Note 3: Information contained in this catalog represents general requirements for this Series. Contact us for the drawings and specifications for a specific part number shown. sMaterial Product Part Material Finish Remarks Crimping Socket Insulator Polyamide Beige UL94V-0 Crimping Contact for Socket Contact Phosphor Copper Tin-copper plated or gold plated ––––––– Insulator Polyamide Beige UL94V-0 Pin Header Contact Brass Tin-copper plated or gold plated ––––––– Fitting Phosphor copper Tin-copper plated ––––––– sOrdering Information 1 qConnector 1 2 3 Series Name: DF14 Blank: Standard, with boss A: on-board, without boss H: offset Number of Contacts: 2 to 10, 15, 20, 25, 30 Connector Type S: Single row socket P: Single row pin header Contact Pitch: 1.25mm Contact Type C: Crimping socket H: Right angle SMT 4 5 6 1 DF 14 # - * S - 1.25 C 3 2 4 5 6 The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. |
Similar Part No. - DF14-2628SCFA |
|
Similar Description - DF14-2628SCFA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |