Electronic Components Datasheet Search |
|
FH12F-18S-0.5SH Datasheet(PDF) 11 Page - Hirose Electric |
|
FH12F-18S-0.5SH Datasheet(HTML) 11 Page - Hirose Electric |
11 / 20 page 11 FH12 Seriesq0.5mm and 1mm Pitch Connectors For FPC/FFC 6 8 10 11 12 13 14 15 16 17 18 19 20 22 24 2.5 3.5 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 8.5 9.0 9.5 10.5 11.5 3.5 4.5 5.5 6.0 6.5 7.0 7.5 8.0 8.5 9.0 9.5 10.0 10.5 11.5 12.5 25 26 28 29 30 32 33 34 35 36 40 42 45 50 53 12.0 12.5 13.5 14.0 14.5 15.5 16.0 16.5 17.0 17.5 19.5 20.5 22.0 24.5 26.0 13.0 13.5 14.5 15.0 15.5 16.5 17.0 17.5 18.0 18.5 20.5 21.5 23.0 25.5 27.0 6 8 10 11 12 13 14 15 16 17 18 19 20 22 24 2.5 3.5 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 8.5 9.0 9.5 10.5 11.5 8.1 9.1 10.1 10.6 11.1 11.6 12.1 12.6 13.1 13.6 14.1 14.6 15.1 16.1 17.1 4.5 5.5 6.5 7.0 7.5 8.0 8.5 9.0 9.5 10.0 10.5 11.0 11.5 12.5 13.5 25 26 28 29 30 32 33 34 35 36 40 42 45 50 53 12.0 12.5 13.5 14.0 14.5 15.5 16.0 16.5 17.0 17.5 19.5 20.5 22.0 24.5 26.0 17.6 18.1 19.1 19.6 20.1 21.1 21.6 22.1 22.6 23.1 25.1 26.1 27.6 30.1 31.6 14.0 14.5 15.5 16.0 16.5 17.5 18.0 18.5 19.0 19.5 21.5 22.5 24.0 26.5 28.0 sRecommended FPC/FFC dimensions and Land/Metal Mask dimensions q0.5mm Pitch Product Dimension Number of Contacts A B A B Dimension Number of Contacts Unit: mm Dimension Number of Contacts A B C Dimension Number of Contacts A B C Unit: mm Land / Metal Mask dimensions FPC/FFC dimensions 0.5mm Pitch Bottom Contact Type 0.5mm Pitch Top Contact Type C 0.5±0.1 0.5±0.05 A±0.05 B±0.07 0.35±0.03(FPC) 0.3±0.03(FFC) 0.5±0.1 B±0.1 C±0.1 A±0.05 0.5±0.05 0.3±0.03(Land) 0.25±0.03(Metal mask) Recommended metal mask thickness : 0.15mm 0.5mm Pitch Vertical Mounting Type *Set the stiffener thickness to 0.188 (7.5mil) min. 0.8±0.1(Land) 0.65±0.05(Metal mask) 0.6±0.1(Land) 0.5±0.05(Metal mask) 0.5±0.1 0.5±0.05 0.3±0.05 A±0.05 B±0.07 0.35±0.03(FPC) Recommended metal mask thickness : 0.15mm Even contact number Odd contact number 0.3±0.03(FFC) 0.5±0.1 0.5±0.05 1±0.05 1±0.05 1±0.05 A±0.1 B±0.05 0.8±0.1(Land) 0.65±0.05(Metal mask) 0.6±0.1(Land) 0.5±0.05(Metal mask) 0.5±0.05 1±0.05 1±0.05 1±0.05 A±0.1 No.1 contact No.1 contact B±0.05 10 12 13 15 16 17 18 20 22 24 04.5 05.5 06.0 07.0 07.5 08.0 08.5 09.5 10.5 11.5 05.5 06.5 07.0 08.0 08.5 09.0 09.5 10.5 11.5 12.5 26 30 32 33 34 36 40 45 49 50 60 12.5 14.5 15.5 16.0 16.5 17.5 19.5 22.0 24.0 24.5 29.5 13.5 15.5 16.5 17.0 17.5 18.5 20.5 23.0 25.0 25.5 30.5 Dimension Number of Contacts A B A B Dimension Number of Contacts Unit: mm 10 12 13 15 16 17 18 20 22 24 06.5 07.5 08.0 09.0 09.5 10.0 10.5 11.5 12.5 13.5 04.5 05.5 06.0 07.0 07.5 08.0 08.5 09.5 10.5 11.5 26 30 32 33 34 36 40 45 49 50 60 14.5 16.5 17.5 18.0 18.5 19.5 21.5 24.0 26.0 26.5 31.5 12.5 14.5 15.5 16.0 16.5 17.5 19.5 22.0 24.0 24.5 29.5 Dimension Number of Contacts A B A B Dimension Number of Contacts Unit: mm Product Type Types other than those below FH12F C Dimension 0.3±0.05min Stiffener thickness should be 0.188 mm (7.5 mil) min 0.18±0.05 The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. |
Similar Part No. - FH12F-18S-0.5SH |
|
Similar Description - FH12F-18S-0.5SH |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |