Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF14-6S-1.25C Datasheet(PDF) 1 Page - Hirose Electric

Part # DF14-6S-1.25C
Description  1.25mm Pitch Super Low profile Crimping Connector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF14-6S-1.25C Datasheet(HTML) 1 Page - Hirose Electric

  DF14-6S-1.25C Datasheet HTML 1Page - Hirose Electric DF14-6S-1.25C Datasheet HTML 2Page - Hirose Electric DF14-6S-1.25C Datasheet HTML 3Page - Hirose Electric DF14-6S-1.25C Datasheet HTML 4Page - Hirose Electric DF14-6S-1.25C Datasheet HTML 5Page - Hirose Electric DF14-6S-1.25C Datasheet HTML 6Page - Hirose Electric DF14-6S-1.25C Datasheet HTML 7Page - Hirose Electric DF14-6S-1.25C Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
B234
1.25mm Pitch Super Low profile Crimping Connector
DF14 Series
sFeatures
1. Super Low Profile
This is a connector special for right angle which has pursued a low
profile on the board.
Board mounting height:
2.5mm
A signal can be fetched from the area where there is no board to
board space. (Refer to fig.1)
Offset type is available.
Board mounting height:
1.6mm (Refer to fig.2)
2. Correspond to Automatic Mounting
The header has the vacuum mount face which enables the vacuum
absorption and the automatic mounting by the embossed tape
packaging.In addition, the tube packaging can be selected.
3. Four Wall Type Without Friction to Board by Socket
The header has the box structure to prevent from being twisted and
has the perfect mis-insertion prevention method. Moreover the
header has the wall on the board side and doesn't have any trouble
resulted from the friction to board by socket.
In addition, the metal fitting is attached to prevent the solder peel.
sApplications
LCD, Note PC, Mobile Terminal Small business equipment, Video
camera
Board Mounting Figure
DF14(A)
(7.3)
(1)
Board Mounting Figure
fig.2
DF14H
fig.1
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF14-6S-1.25C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF14-6S-1.25C HIROSE-DF14-6S-1.25C Datasheet
195Kb / 6P
   1.25mm Pitch Super Low profile Crimping Connector
DF14-6S-1.25C HIROSE-DF14-6S-1.25C Datasheet
284Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14-6S-1.25C HIROSE-DF14-6S-1.25C Datasheet
299Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
More results

Similar Description - DF14-6S-1.25C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF14-2S-1.25C HIROSE-DF14-2S-1.25C Datasheet
195Kb / 6P
   1.25mm Pitch Super Low profile Crimping Connector
DF14 HIROSE-DF14 Datasheet
299Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14A-5P-1.25H56 HIROSE-DF14A-5P-1.25H56 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF1420P1.25H55 HIROSE-DF1420P1.25H55 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14-2S-1.25C HIROSE-DF14-2S-1.25C_1 Datasheet
284Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF13-3P-1.25V50 HIROSE-DF13-3P-1.25V50 Datasheet
661Kb / 12P
   1.25mm Pitch Miniature Crimping Connector
DF13-2S-1.25C HIROSE-DF13-2S-1.25C Datasheet
426Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
DF13C-3P-1.25V50 HIROSE-DF13C-3P-1.25V50 Datasheet
428Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
DF13 HIROSE-DF13 Datasheet
363Kb / 12P
   1.25mm Pitch Miniature Crimping Connector (UL Listed)
logo
YEONHO ELECTRONICS
12507TS YEONHO-12507TS Datasheet
216Kb / 1P
   1.25mm PITCH CONNECTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com