Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CIM03N800 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # CIM03N800
Description  Chip Bead ; CIB/CIM Series For EMI Suppression
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CIM03N800 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button CIM03N800 Datasheet HTML 6Page - Samsung semiconductor CIM03N800 Datasheet HTML 7Page - Samsung semiconductor CIM03N800 Datasheet HTML 8Page - Samsung semiconductor CIM03N800 Datasheet HTML 9Page - Samsung semiconductor CIM03N800 Datasheet HTML 10Page - Samsung semiconductor CIM03N800 Datasheet HTML 11Page - Samsung semiconductor CIM03N800 Datasheet HTML 12Page - Samsung semiconductor CIM03N800 Datasheet HTML 13Page - Samsung semiconductor CIM03N800 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
14
15
Part No.
Thickness
(mm)
Impedance
(
Ω)±25%
@100 MHz
DC Resistance
(
Ω) Max.
Rated Current
(mA) Max.
CIB 21P 110
CIB 21P 150
CIB 21P 260
CIB 21P 330
CIB 21P 470
CIM 21U 800
CIM 21U 101
CIM 21U 121
CIM 21U 151
CIM 21U 241
CIM 21U 301
CIM 21U 471
CIM 21U 601
CIM 21U 102
CIM 21U 202
CIB 21J 260
CIB 21J 400
CIM 21J 600
CIM 21J 800
CIM 21J 121
CIM 21J 151
CIM 21J 221
CIM 21J 241
CIM 21J 301
CIM 21J 471
CIM 21J 601
CIM 21J 102
CIM 21J 152
CIM 21J 182
CIM 21J 202
CIM 21K 152
CIM 21K 252
CIM 21N 700
CIM 21N 121
CIM 21N 241
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
11
15
26
33
47
80
100
120
150
240
300
470
600
1000(at 70MHz)
2000(at 70MHz)
26
40
60
80
120
150
220
240
300
470
600
1000
1500(at 70MHz)
1800(at 70MHz)
2000(at 70MHz)
1500
2500
70
120
240
0.05
0.05
0.05
0.05
0.05
0.10
0.10
0.10
0.15
0.15
0.15
0.25
0.30
0.45
0.70
0.05
0.05
0.08
0.08
0.15
0.15
0.02
0.20
0.25
0.25
0.25
0.40
0.55
0.45
0.50
0.45
0.80
0.20
0.25
0.3
2000
2000
2000
1500
1500
900
500
500
400
400
400
400
400
400
300
2000
2000
900
900
600
500
400
400
400
400
400
400
300
300
300
300
250
600
500
400
CIB/CIM 2012(0805) Type


Similar Part No. - CIM03N800

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIM03N800 SAMSUNG-CIM03N800 Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series For EMI Suppression
CIM03N800 SAMSUNG-CIM03N800 Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series For EMI Suppression
CIM03N800 SAMSUNG-CIM03N800 Datasheet
4Mb / 31P
   MULTILAYER CHIP COMPONENTS
CIM03N800 SAMSUNG-CIM03N800 Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series For EMI Suppression
CIM03N800 SAMSUNG-CIM03N800 Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series
More results

Similar Description - CIM03N800

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIB21P260NE SAMSUNG-CIB21P260NE Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series For EMI Suppression
CIB32P600NE SAMSUNG-CIB32P600NE Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series For EMI Suppression
CIM10J301NC SAMSUNG-CIM10J301NC Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series For EMI Suppression
CIM21J601NE SAMSUNG-CIM21J601NE Datasheet
1Mb / 16P
   Chip Bead ; CIB/CIM Series
CIM21J202NE SAMSUNG-CIM21J202NE Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series
CIM10J102NC SAMSUNG-CIM10J102NC Datasheet
757Kb / 5P
   Chip Bead For EMI Suppression
logo
Rhombus Industries Inc.
F-118 RHOMBUS-IND-F-118 Datasheet
19Kb / 1P
   EMI Suppression Filter Dual Ferrite Bead Construction
logo
Wurth Elektronik GmbH &...
74279203 WURTH-74279203 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
74279205 WURTH-74279205 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
74270033 WURTH-74270033 Datasheet
408Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com