Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF50A-6S-1C Datasheet(PDF) 8 Page - Hirose Electric

Part # DF50A-6S-1C
Description  1mm Pitch, Board to Cable Lock Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF50A-6S-1C Datasheet(HTML) 8 Page - Hirose Electric

Back Button DF50A-6S-1C Datasheet HTML 4Page - Hirose Electric DF50A-6S-1C Datasheet HTML 5Page - Hirose Electric DF50A-6S-1C Datasheet HTML 6Page - Hirose Electric DF50A-6S-1C Datasheet HTML 7Page - Hirose Electric DF50A-6S-1C Datasheet HTML 8Page - Hirose Electric DF50A-6S-1C Datasheet HTML 9Page - Hirose Electric DF50A-6S-1C Datasheet HTML 10Page - Hirose Electric DF50A-6S-1C Datasheet HTML 11Page - Hirose Electric DF50A-6S-1C Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
DF50 Series1mm Pitch, Board to Cable Lock Connector
●DF50A-2P-1H to DF50A-6P-1H (Number of contacts : 2 to 6)
DF50A-8P-1H to DF50A-16P-1H (Number of contacts : 8 to 16)
B​​​
Emboss tape dimensions
(in conformity to JIS C 0806)
B​​​
Emboss tape dimensions
(in conformity to JIS C 0806)
B​​​
Reel Condition Dimensions
B​​​
Reel Condition Dimensions
Unreeling direction
C
C
C-C
12±0.1
4±0.1
2±0.1
Ø1.5
+0.1
0
Product Label
Ø1.5 to the depth
of the perforation
Unreeling direction
30.4 MAX
24.4
+2
0
Ø13±0.2
Unreeling direction
C
C
C-C
12±0.1
4±0.1
2±0.1
Ø1.5
+0.1
0
Product Label
Ø1.5 to the depth
of the perforation
Unreeling direction
G MAX
H
+2
0
Ø13±0.2
Unit : mm
Product No.
HRS No.
No. of Contacts
D
E
F
G
H
DF50A-8P-1H (**)
CL665-1037-0-**
8
14.2
28.4
32
38.4
32.4
DF50A-10P-1H (**)
CL665-1039-6-**
10
20.2
28.4
32
38.4
32.4
DF50A-12P-1H (**)
CL665-1041-8-**
12
20.2
28.4
32
38.4
32.4
DF50A-16P-1H (**)
CL665-1045-9-**
16
20.2
40.4
44
50.4
44.4
(Note) Please place orders for embossed packaged products by the multiple of the number of reels. (1,000 connectors per reel)


Similar Part No. - DF50A-6S-1C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF50A-6S-1C HIROSE-DF50A-6S-1C Datasheet
809Kb / 12P
   1 mm Pitch, WtoB, Positive Lock Connector
DF50A-6S-1C HIROSE-DF50A-6S-1C Datasheet
629Kb / 12P
   1mm Pitch, Board to Wire Lock Connector
More results

Similar Description - DF50A-6S-1C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF50 HIROSE-DF50 Datasheet
629Kb / 12P
   1mm Pitch, Board to Wire Lock Connector
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
FX15-31P-C HIROSE-FX15-31P-C Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15S-51S HIROSE-FX15S-51S Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
List of Unclassifed Man...
FX15SC-51S-0.5SV ETC2-FX15SC-51S-0.5SV Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
Hirose Electric
KW30 HIROSE-KW30 Datasheet
395Kb / 12P
   1mm Pitch, Single Row, Center Lock, Wire-to-Board Connector (UL/C-UL Listed)
Jul. 2022
DF9-9S-1V HIROSE-DF9-9S-1V Datasheet
275Kb / 8P
   1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1)
FX15 HIROSE-FX15 Datasheet
2Mb / 24P
   1mm Pitch Wire-to-Board Connectors supporting LVDS signal
DF9-15S-1V32 HIROSE-DF9-15S-1V32 Datasheet
239Kb / 8P
   1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1)
logo
Samtec, Inc
S1SS-05-28-GF-07.00-S SAMTEC-S1SS-05-28-GF-07.00-S Datasheet
335Kb / 2P
   1MM CABLE ASSEMBLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com