Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF50A-5S-1C Datasheet(PDF) 10 Page - Hirose Electric

Part # DF50A-5S-1C
Description  1mm Pitch, Board to Cable Lock Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF50A-5S-1C Datasheet(HTML) 10 Page - Hirose Electric

Back Button DF50A-5S-1C Datasheet HTML 4Page - Hirose Electric DF50A-5S-1C Datasheet HTML 5Page - Hirose Electric DF50A-5S-1C Datasheet HTML 6Page - Hirose Electric DF50A-5S-1C Datasheet HTML 7Page - Hirose Electric DF50A-5S-1C Datasheet HTML 8Page - Hirose Electric DF50A-5S-1C Datasheet HTML 9Page - Hirose Electric DF50A-5S-1C Datasheet HTML 10Page - Hirose Electric DF50A-5S-1C Datasheet HTML 11Page - Hirose Electric DF50A-5S-1C Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
DF50 Series1mm Pitch, Board to Cable Lock Connector
Crimp contact
Product No.
HRS No.
Type
Quantity
Treatment
DF50-2830SCFA
CL665-0002-0-00
Reel contact
30,000 pieces per reel
Gold plating
DF50K-2830SCFA
CL665-0017-8-00
Reel contact
30,000 pieces per reel
Gold plating
DF50-3032SCFA
Under development
---------
---------
---------
(Note) As this product is sold per (30,000 piece) reel, please place orders by the multiple of the number of reels.
Product No.
HRS No.
Recommended wire
Cable name
Conductor size
(Core structure)
Diameter
of the wire
DF50-2830SCFA
CL0665-0002-0-00
UL1061
AWG28
(7pieces / Ø0.127mm)
Ø0.8 to
0.9mm
UL1061
AWG30
(7pieces / Ø0.102mm)
DF50K-2830SCFA
CL0665-0017-8-00
UL1571
AWG28
(7pieces / Ø0.13mm)
Ø0.58mm
(Note) Please contact our Sales Department when you are using wires other than applicable wires.
Applicable wire (Tinned Annealed Copper Wire)
Strip length
1.3 to 1.7mm
Applicable crimping tool
Type
Product No.
HRS No.
Applicable contact
Applicator
AP105-DF50-2830S
CL901-4616-0
DF50-2830SCFA
Press body
CM-105
CL901-0005-4
---------
Hand tool
HT305/DF50-2830HC
CL902-4634-8
DF50-2830SCFA
Pull-out tool
DF-C-PO(B)
CL550-0179-2
DF50-2830SCFA
(Note) Problems caused by tools other than our specified ones are out of warranty events.
0.63
0.12
1.4
2.7
4
Ø1.2


Similar Part No. - DF50A-5S-1C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF50A-5S-1C HIROSE-DF50A-5S-1C Datasheet
809Kb / 12P
   1 mm Pitch, WtoB, Positive Lock Connector
DF50A-5S-1C HIROSE-DF50A-5S-1C Datasheet
629Kb / 12P
   1mm Pitch, Board to Wire Lock Connector
More results

Similar Description - DF50A-5S-1C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF50 HIROSE-DF50 Datasheet
629Kb / 12P
   1mm Pitch, Board to Wire Lock Connector
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
FX15-31P-C HIROSE-FX15-31P-C Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15S-51S HIROSE-FX15S-51S Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
List of Unclassifed Man...
FX15SC-51S-0.5SV ETC2-FX15SC-51S-0.5SV Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
Hirose Electric
KW30 HIROSE-KW30 Datasheet
395Kb / 12P
   1mm Pitch, Single Row, Center Lock, Wire-to-Board Connector (UL/C-UL Listed)
Jul. 2022
DF9-9S-1V HIROSE-DF9-9S-1V Datasheet
275Kb / 8P
   1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1)
FX15 HIROSE-FX15 Datasheet
2Mb / 24P
   1mm Pitch Wire-to-Board Connectors supporting LVDS signal
DF9-15S-1V32 HIROSE-DF9-15S-1V32 Datasheet
239Kb / 8P
   1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1)
logo
Samtec, Inc
S1SS-05-28-GF-07.00-S SAMTEC-S1SS-05-28-GF-07.00-S Datasheet
335Kb / 2P
   1MM CABLE ASSEMBLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com