Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH26W-27S-0.3SHW Datasheet(PDF) 2 Page - Hirose Electric

Part # FH26W-27S-0.3SHW
Description  0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH26W-27S-0.3SHW Datasheet(HTML) 2 Page - Hirose Electric

  FH26W-27S-0.3SHW Datasheet HTML 1Page - Hirose Electric FH26W-27S-0.3SHW Datasheet HTML 2Page - Hirose Electric FH26W-27S-0.3SHW Datasheet HTML 3Page - Hirose Electric FH26W-27S-0.3SHW Datasheet HTML 4Page - Hirose Electric FH26W-27S-0.3SHW Datasheet HTML 5Page - Hirose Electric FH26W-27S-0.3SHW Datasheet HTML 6Page - Hirose Electric FH26W-27S-0.3SHW Datasheet HTML 7Page - Hirose Electric FH26W-27S-0.3SHW Datasheet HTML 8Page - Hirose Electric FH26W-27S-0.3SHW Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FH26 Series
G0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
UL94HB
---------------
---------------
Temperature: -55 ç/+15ç to +35ç/+85ç/+15ç to +35ç
Time: 30 / 2 to 3 / 30 / 2 to 3 (Minutes)
5 cycles
Reflow: At the recommended temperature profile
Manual soldering: 350ç +/-10ç for 5±1 seconds
1 mA
10 cycles
50 M ohms min.
No flashover or insulation breakdown.
100 V DC
90 V AC /one minute
100 m ohms max.
* Including FPC conductor resistance
Contact resistance: 100 m ohms max.
No damage, cracks, or parts dislocation.
No electrical discontinuity of 1
µs or more.
Contact resistance: 100 m ohms max.
No damage, cracks, or parts dislocation.
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 10 cycles, 3
directions.
No electrical discontinuity of 1µs. min.
Contact resistance: 100 m ohms max.
No damage, cracks, or parts dislocation.
Acceleration of 981 m/s2, 6 ms duration, sine half-wave waveform,
3 cycles in each of the 3 axis
Contact resistance: 100 m ohms max.
Insulation resistance: 50 M ohms min.
No affect on appearance or performance.
96 hours at temperature of 40±2ç and humidity of 90% to 95%.
Contact resistance: 100 m ohms max.
Insulation resistance: 50 M ohms min.
No damage, cracks, or parts looseness.
No deformation of components affecting performance.
IMaterials
IOrdering information
FH 26 W - 51S - 0.3 SHW (05)
1
4
5
2
3
6
7
Part
Contacts
Metalfittings
Insulator
Phosphor bronze
PA
LCPColor: Black
FH26 series: Deep brown
FH26W series: Light brown
Gold plating
Pure tin reflow plating
UL94V-0
Material
Finish
Remarks
ISpecifications
Rating
Current rating
0.2A DC
Voltage rating
30V AC
Operating temperature range -55 ç to +85ç (Note 1)
Operating humidity range
Relative humidity 90%
max. (No condensation)
Storage temperature range -10ç to +50ç (Note 2)
Storage humidity range
Relative humidity 90% max.
Recommended FPC :
Thickness: = 0.2±0.03mm gold plated
4. Durability
(Insertion/ withdrawal)
5. Vibration
6. Shock
7. Humidity
(Steady state)
8. Temperature cycle
9. Resistance to soldering heat
3. Contact resistance
1. Insulation resistance
2. Withstanding voltage
Item
Specification
Conditions
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range
and Humidity range covers non- conducting condition of installed connectors in storage, shipment or during transportation.
Termination type SHW: SMT horizontal staggered mounting type
Specifications
(05)…Gold plating, 5,000 pieces / reel
(10)…Gold plating with nickel barrier, 5,000 pieces / reel
(98)…Gold plating, 500 pieces / reel
(99)…Gold plating with nickel barrier, 500 pieces / reel
Series name: FH
Series No.: 26
Blank: Standard
W:
Satisfies halogen-free requirements
(Flame retardance UL94HB).
Number of positions: 13 to 71
Contact pitch: 0.3mm
1
2
3
4
5
6
7
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - FH26W-27S-0.3SHW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH26W-27S-0.3SHW HIROSE-FH26W-27S-0.3SHW Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
More results

Similar Description - FH26W-27S-0.3SHW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH26-13S-0.3SHW HIROSE-FH26-13S-0.3SHW Datasheet
652Kb / 16P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26 HIROSE-FH26 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH23 HIROSE-FH23 Datasheet
308Kb / 11P
   0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
FH23-15S-0.3SHW HIROSE-FH23-15S-0.3SHW Datasheet
644Kb / 10P
   0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
FH33-28S-0.5SH HIROSE-FH33-28S-0.5SH Datasheet
390Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH33 HIROSE-FH33 Datasheet
362Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH25-21S-0.3SH HIROSE-FH25-21S-0.3SH Datasheet
482Kb / 8P
   0.3 mm Contact Pitch, 0.9 mm above the board, Flexible Printed Circuit ZIF Connectors.
FH27-10S-0.4SH HIROSE-FH27-10S-0.4SH Datasheet
508Kb / 8P
   0.4 mm Contact Pitch, 1.2 mm above the board, Flexible Printed Circuit ZIF Connectors
FH19SC-24S-0.5SH05 HIROSE-FH19SC-24S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH36 HIROSE-FH36 Datasheet
634Kb / 12P
   0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com