Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF40C-100DS-0.4V Datasheet(PDF) 2 Page - Hirose Electric

Part # DF40C-100DS-0.4V
Description  0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF40C-100DS-0.4V Datasheet(HTML) 2 Page - Hirose Electric

  DF40C-100DS-0.4V Datasheet HTML 1Page - Hirose Electric DF40C-100DS-0.4V Datasheet HTML 2Page - Hirose Electric DF40C-100DS-0.4V Datasheet HTML 3Page - Hirose Electric DF40C-100DS-0.4V Datasheet HTML 4Page - Hirose Electric DF40C-100DS-0.4V Datasheet HTML 5Page - Hirose Electric DF40C-100DS-0.4V Datasheet HTML 6Page - Hirose Electric DF40C-100DS-0.4V Datasheet HTML 7Page - Hirose Electric DF40C-100DS-0.4V Datasheet HTML 8Page - Hirose Electric DF40C-100DS-0.4V Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DF40 Series0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
2
Materials
Product Specifications
Ordering information
DF40 # - * DP - 0.4 V (**)
Header
q
w
e
y
u
r
t
DF40 # (**) - * DS - 0.4 V (**)
q
e
w
r
u
i
t
y
Receptacle
Ratings
Current rating 0.3A
Voltage rating 30V AC, DC
Operation temperature range -35ç to +85ç (Note 1)
Operation humidity range
RH 20% to 80%
Storage temperature range
-10ç to +60ç (Note 2)
Storage humidity range
RH 40% to 70% (Note 2)
Product
Part
Material
Finish
Remarks
Receptacles
Headers
Insulator
LCP
Color : Black
UL94V-0
Contacts
Phosphor bronze
Gold plated
-------------
Item
Specification
Conditions
1. Insulation resistance
50 Mø min.
100V DC
2. Withstanding voltage
No flashover or insulation breakdown.
100V AC / one minute
3. Contact resistance
90 mø max.
1mA, 20mV AC, 1 kHz
4. Vibration
No electrical discontinuity of 1 µs or more.
Frequency: 10 to 55 Hz, single amplitude of 0.75mm, 2 hours, 3 axis
5. Humidity
Contact resistance: 90 mø max.
IInsulation resistance: 25 Mø min.
96 hours at +40±2ç and humidity of 90% to 95%.
6. Temperature cycle
Contact resistance: 90 m ø max.
Insulation resistance: 50 Mø min.
Temperature: -55➝+5ç to 35ç➝+85ç➝+5ç to +35ç
Time: 30➝10➝30➝10 (Minutes)
5 cycles
7. Durability
(insertion/withdrawal)
Contact resistance: 90 mø max.
30 cycles
8. Resistance to
soldering heat
No deformation of components
affecting performance.
Reflow: At the recommended temperature profile
Manual soldering: 350ç for 3 seconds
Note 1: Includes temperature rise caused by current flow.
Note 2: The term “storage” refers to products stored for long period of time prior to mounting and use. Operating temperature range
and humidity range covers non-conducting condition of installed connectors in storage, shipment or during transportation.
q
Series Name : DF40
w
Configuration
C: Without metal fittings
HC: Without metal fittings
(Stacking height : 2.5mm to 4.0mm)
q
Series Name : DF40
w
Configuration
C: Without metal fittings
e
Stacking Height
r
Number of Contacts
e
Number of Contacts
r
Connector Type
DP : Double-row pin header
t
Connector Type
DS : Double-row receptacle
y
Contact Pitch : 0.4mm
u
Terminal Type V: SMT vertical mount
i
Packaging
(51) : Embossed tape packaging
t
Contact Pitch : 0.4mm
y
Terminal Type V: SMT vertical mount
u
Packaging
(51) : Embossed tape packaging
Stacking Height
Blank
1.5mm
2.0
2.0mm
2.5
2.5mm
3.0
3.0mm
3.5
3.5mm
4.0
4.0mm


Similar Part No. - DF40C-100DS-0.4V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DF40C-60DP-0.4V-51 TI-DF40C-60DP-0.4V-51 Datasheet
1Mb / 30P
[Old version datasheet]   LAUNCHXL-F28379D Overview
2016-2019
More results

Similar Description - DF40C-100DS-0.4V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
   0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
DF37 HIROSE-DF37 Datasheet
792Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF37B-50DS-0.4V51 HIROSE-DF37B-50DS-0.4V51 Datasheet
875Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
logo
Omron Electronics LLC
XB4A OMRON-XB4A_1 Datasheet
387Kb / 3P
   0.4-mm Pitch Board to FPC Connector
XB4A OMRON-XB4A_11 Datasheet
511Kb / 6P
   0.4-mm Pitch Board to FPC Connector
XB4A OMRON-XB4A Datasheet
562Kb / 6P
   0.4-mm Pitch Board to FPC Connector
logo
Hirose Electric
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF18B-20DS-0.4V HIROSE-DF18B-20DS-0.4V Datasheet
433Kb / 8P
   0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com