Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX10A-80P Datasheet(PDF) 1 Page - Hirose Electric

Part # FX10A-80P
Description  10Gbps 0.5mm pitch Stacking Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX10A-80P Datasheet(HTML) 1 Page - Hirose Electric

  FX10A-80P Datasheet HTML 1Page - Hirose Electric FX10A-80P Datasheet HTML 2Page - Hirose Electric FX10A-80P Datasheet HTML 3Page - Hirose Electric FX10A-80P Datasheet HTML 4Page - Hirose Electric FX10A-80P Datasheet HTML 5Page - Hirose Electric FX10A-80P Datasheet HTML 6Page - Hirose Electric FX10A-80P Datasheet HTML 7Page - Hirose Electric FX10A-80P Datasheet HTML 8Page - Hirose Electric FX10A-80P Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
10
+Gbps 0.5mm pitch Stacking Connectors
FX10 Series Electrical Interface for the OIF 100G Long-Haul DWDM Transmission Module (MSA-100GLH)
q 0.5mm Pitch
q Stacking Height : 4 ~ 8mm
q Number of Contacts
With ground plate type : 80 / 100 / 120 / 140
Without ground plate type : 96 / 120 / 144 / 168
q Improved Transmission Efficiency
Between Boards
Transmission characteristics have been improved through a
design that fixes ground plates to both sides of the header
and receptacle.
q 10 Signal:1 Ground Arrangement
Signal and ground are arranged in a ratio of 10:1 with the
ground plate SMT connected to the board. The ground
stability achieved serves to reduce noise.
q Metal Fittings for Added Solder Weld
Strength
Metal fittings provide greater adhesion to the board,
protecting against peeling. The unique connector design
provides a connection between the fitting and the ground
plate for a stronger ground.
q Suited to High-Density Applications
The signal contact pitch of 0.5 mm produces a smaller
connector utilizing less board area for mounting.
q High contact reliability
Effective mating length is 1.1 mm for signal contacts.
q Optional Ground Plate
An alternate style without the ground plate is available. The
space provided by the ground plate removal has been filled
with additional signal contacts.
sMechanical Features
Metal fitting
Housing
Ground plate and metal
fitting make contact
Ground
plate
Signal contact
0.5mm
0.75mm
0.75mm
qCut Section
sStack Height
Headers
Receptacles
FX10#-*P/*-SV FX10#–*P/*–SV1
FX10#-*S/*-SV
4mm
5mm
qWith ground plate
qWithout ground plate
Headers
Receptacles
FX10#-*P-SV FX10–*P–SV1 FX10#-168P-SV2 FX10#-168P-SV3 FX10#-168P-SV4
FX10#-*S-SV
4mm
5mm
6mm
7mm
8mm
sWith GND Plate Type
qInsertion-Loss-to-Crosstalk-Ratio(ICR)
The insertion-loss-to-crosstalk-ratio (ICR) with five-
aggressor differential FEXT meets the extrapolated
IEEE 802.3ap specification for 10+Gbps.
qDifferential Impedance
The differential impedance is within 100 +/- 10 ohms
at 30ps rise time (20% to 80%).
sSignal Integrity Features
0
2
4
6
8
10
0
10
20
30
40
50
60
Frequency (GHz)
ICR
ICR spec
0
200
400
600
800
1000
85
90
95
100
105
110
115
Time (ps)
S(3,3)
(H):Reference dimension
2011.01w


Similar Part No. - FX10A-80P

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
FX10A-80P8-SV1 HIROSE-FX10A-80P8-SV1 Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
More results

Similar Description - FX10A-80P

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
logo
Japan Aviation Electron...
AA01A JAE-AA01A Datasheet
465Kb / 6P
   0.5mm Pitch Stacking Type Board-to-Board Connector
logo
Panasonic Semiconductor
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXK5F10347YG PANASONIC-AXK5F10347YG_13 Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
logo
Hirose Electric
FX18-60P-0.8SV HIROSE-FX18-60P-0.8SV Datasheet
2Mb / 12P
   10Gbps 0.8mm pitch Board to Board Connectors
logo
Panasonic Semiconductor
AXK520147YG PANASONIC-AXK520147YG_13 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
logo
Tyco Electronics
5-104655-6 MACOM-5-104655-6 Datasheet
383Kb / 13P
   Fine Pitch SMT Stacking Connectors
logo
Hirose Electric
BK10 HIROSE-BK10 Datasheet
694Kb / 11P
   0.3mm Pitch, 0.5mm Stacking Height, Fully Armored, Hybrid FPC-to-Board Connector
May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com