Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1425A-PL84C Datasheet(PDF) 48 Page - Microsemi Corporation

Part # A1425A-PL84C
Description  Up to 10,000 Gate Array Equivalent Gates (up to 25,000 equivalent PLD Gates)
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A1425A-PL84C Datasheet(HTML) 48 Page - Microsemi Corporation

Back Button A1425A-PL84C Datasheet HTML 44Page - Microsemi Corporation A1425A-PL84C Datasheet HTML 45Page - Microsemi Corporation A1425A-PL84C Datasheet HTML 46Page - Microsemi Corporation A1425A-PL84C Datasheet HTML 47Page - Microsemi Corporation A1425A-PL84C Datasheet HTML 48Page - Microsemi Corporation A1425A-PL84C Datasheet HTML 49Page - Microsemi Corporation A1425A-PL84C Datasheet HTML 50Page - Microsemi Corporation A1425A-PL84C Datasheet HTML 51Page - Microsemi Corporation A1425A-PL84C Datasheet HTML 52Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 90 page
background image
Detailed Specifications
2- 40
R e visio n 3
A14100A, A14V100A Timing Characteristics (continued)
Table 2-36 • A14100A, A14V100A Worst-Case Commercial Conditions, VCC = 4.75 V, TJ = 70°C
I/O Module – TTL Output Timing1
–3 Speed2 –2 Speed2 –1 Speed Std. Speed 3.3 V Speed1 Units
Parameter/Description
Min. Max. Min. Max. Min. Max. Min. Max.
Min.
Max.
tDHS
Data to Pad, High Slew
5.0
5.6
6.4
7.5
9.8
ns
tDLS
Data to Pad, Low Slew
8.0
9.0
10.2
12.0
15.6
ns
tENZHS Enable to Pad, Z to H/L, High Slew
4.0
4.5
5.1
6.0
7.8
ns
tENZLS Enable to Pad, Z to H/L, Low Slew
7.4
8.3
9.4
11.0
14.3
ns
tENHSZ Enable to Pad, H/L to Z, High Slew
8.0
9.0
10.2
12.0
15.6
ns
tENLSZ Enable to Pad, H/L to Z, Low Slew
7.4
8.3
9.4
11.0
14.3
ns
tCKHS
IOCLK Pad to Pad H/L, High Slew
9.5
9.5
10.5
12.0
15.6
ns
tCKLS
IOCLK Pad to Pad H/L, Low Slew
12.8
12.8
15.3
17.0
22.1
ns
dTLHHS Delta Low to High, High Slew
0.02
0.02
0.03
0.03
0.04
ns/pF
dTLHLS Delta Low to High, Low Slew
0.05
0.05
0.06
0.07
0.09
ns/pF
dTHLHS Delta High to Low, High Slew
0.04
0.04
0.04
0.05
0.07
ns/pF
dTHLLS Delta High to Low, Low Slew
0.05
0.05
0.06
0.07
0.09
ns/pF
I/O Module – CMOS Output Timing1
tDHS
Data to Pad, High Slew
6.2
7.0
7.9
9.3
12.1
ns
tDLS
Data to Pad, Low Slew
11.7
13.1
14.9
17.5
22.8
ns
tENZHS Enable to Pad, Z to H/L, High Slew
5.2
5.9
6.6
7.8
10.1
ns
tENZLS Enable to Pad, Z to H/L, Low Slew
8.9
10.0
11.3
13.3
17.3
ns
tENHSZ Enable to Pad, H/L to Z, High Slew
8.0
9.0
10.0
12.0
15.6
ns
tENLSZ Enable to Pad, H/L to Z, Low Slew
7.4
8.3
9.4
11.0
14.3
ns
tCKHS
IOCLK Pad to Pad H/L, High Slew
10.4
10.4
12.4
13.8
17.9
ns
tCKLS
IOCLK Pad to Pad H/L, Low Slew
14.5
14.5
17.4
19.3
25.1
ns
dTLHHS Delta Low to High, High Slew
0.04
0.04
0.05
0.06
0.08
ns/pF
dTLHLS Delta Low to High, Low Slew
0.07
0.08
0.09
0.11
0.14
ns/pF
dTHLHS Delta High to Low, High Slew
0.03
0.03
0.03
0.04
0.05
ns/pF
dTHLLS Delta High to Low, Low Slew
0.04
0.04
0.04
0.05
0.07
ns/pF
Notes: *
1. Delays based on 35 pF loading.
2. The –2 and –3 speed grades have been discontinued. Refer to PDN 0104, PDN 0203, PDN 0604, and PDN 1004 at
http://www.microsemi.com/soc/support/notifications/default.aspx#pdn.


Similar Part No. - A1425A-PL84C

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1425A-PG133B ACTEL-A1425A-PG133B Datasheet
1Mb / 98P
   HiRel FPGAs
A1425A-PG133B ACTEL-A1425A-PG133B Datasheet
1Mb / 98P
   Highly Predictable Performance with 100% Automatic Placement and Routing
More results

Similar Description - A1425A-PL84C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1225A-PQ100I MICROSEMI-A1225A-PQ100I Datasheet
2Mb / 54P
   Up to 8,000 Gate Array Gates(20,000 PLD equivalent gates)
logo
STANLEY ELECTRIC CO.,LT...
VTAN1111C-TR STANLEY-VTAN1111C-TR Datasheet
579Kb / 22P
   Equivalent to JEDEC MSL3
VCEW1151CCS-TR STANLEY-VCEW1151CCS-TR Datasheet
675Kb / 25P
   Equivalent to JEDEC Level 2a
SJW1151CKS-100-TR STANLEY-SJW1151CKS-100-TR Datasheet
629Kb / 24P
   Equivalent to JEDEC Level 2a
VCEW1151CDS-3BZH3-TR STANLEY-VCEW1151CDS-3BZH3-TR Datasheet
595Kb / 24P
   Equivalent to JEDEC Level 2a
VCKW1151CA3S-TR STANLEY-VCKW1151CA3S-TR Datasheet
682Kb / 25P
   Equivalent to JEDEC Level 2a
logo
ATMEL Corporation
MG2RT ATMEL-MG2RT_14 Datasheet
225Kb / 13P
   Full Range of Matrices with up to 480K Gates
logo
Sharp Corporation
LZ9FC23 SHARP-LZ9FC23 Datasheet
845Kb / 23P
   LZ9F SERIES 7000 GATES GATE ARRAY
logo
Micross Components
AS10515F16MIL MICROSS-AS10515F16MIL Datasheet
169Kb / 4P
   Military Equivalent Screening
logo
Texas Instruments
SE5534JGB TI-SE5534JGB Datasheet
541Kb / 20P
[Old version datasheet]   Equivalent Input Noise Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com