Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FST32211G Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FST32211G
Description  40/48-Bit Bus Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST32211G Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FST32211G Datasheet HTML 1Page - Fairchild Semiconductor FST32211G Datasheet HTML 2Page - Fairchild Semiconductor FST32211G Datasheet HTML 3Page - Fairchild Semiconductor FST32211G Datasheet HTML 4Page - Fairchild Semiconductor FST32211G Datasheet HTML 5Page - Fairchild Semiconductor FST32211G Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.fairchildsemi.com
6
Physical Dimensions inches (millimeters) unless otherwise noted
114-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
Package Number BGA114A
Technology Description
The Fairchild Switch family derives from and embodies Fairchild’s proven switch technology used for several years in its
74LVX3L384 (FST3384) bus switch product.
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com


Similar Part No. - FST32211G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST32245 FAIRCHILD-FST32245 Datasheet
170Kb / 5P
   Octal Bus Switch with 25??Series Resistor in Outputs (Preliminary)
FST32245MTC FAIRCHILD-FST32245MTC Datasheet
170Kb / 5P
   Octal Bus Switch with 25??Series Resistor in Outputs (Preliminary)
FST32245QSC FAIRCHILD-FST32245QSC Datasheet
170Kb / 5P
   Octal Bus Switch with 25??Series Resistor in Outputs (Preliminary)
FST32245WM FAIRCHILD-FST32245WM Datasheet
170Kb / 5P
   Octal Bus Switch with 25??Series Resistor in Outputs (Preliminary)
FST32253 FAIRCHILD-FST32253 Datasheet
142Kb / 5P
   Dual 4:1 Multiplexer/Demultiplexer Bus Switch with 25??Series Resistor in Outputs
More results

Similar Description - FST32211G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTD32211 FAIRCHILD-FSTD32211 Datasheet
261Kb / 7P
   40/48-Bit Bus Switch with Level Shifting
FSTUD32211 FAIRCHILD-FSTUD32211 Datasheet
246Kb / 8P
   40/48-Bit Bus Switch with -2V Undershoot Protection and Level Shifting (Preliminary)
FSTUD32450GX FAIRCHILD-FSTUD32450GX Datasheet
496Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch
logo
Pericom Semiconductor C...
PI5C3302 PERICOM-PI5C3302 Datasheet
57Kb / 3P
   Single Bit Bus Switch
logo
Integrated Device Techn...
IDT74FST3125 IDT-IDT74FST3125 Datasheet
73Kb / 5P
   4-BIT BUS SWITCH
logo
Fairchild Semiconductor
FSLV16211 FAIRCHILD-FSLV16211 Datasheet
239Kb / 6P
   24-Bit Bus Switch
FST3345 FAIRCHILD-FST3345 Datasheet
119Kb / 6P
   8-Bit Bus Switch
logo
Pericom Semiconductor C...
PI5C16211AEX PERICOM-PI5C16211AEX Datasheet
467Kb / 4P
   24-Bit Bus Switch
logo
NXP Semiconductors
74CBTLV3126 PHILIPS-74CBTLV3126_15 Datasheet
162Kb / 17P
   4-bit bus switch
Rev. 3-15 December 2011
logo
ON Semiconductor
FST16211 ONSEMI-FST16211 Datasheet
392Kb / 9P
   24-Bit Bus Switch
Revised July 2002
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com