Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DH-37-CMB Datasheet(PDF) 7 Page - Hirose Electric

Part # DH-37-CMB
Description  High speed transmission, 1mm pitch Small Interface Connector
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DH-37-CMB Datasheet(HTML) 7 Page - Hirose Electric

Back Button DH-37-CMB Datasheet HTML 3Page - Hirose Electric DH-37-CMB Datasheet HTML 4Page - Hirose Electric DH-37-CMB Datasheet HTML 5Page - Hirose Electric DH-37-CMB Datasheet HTML 6Page - Hirose Electric DH-37-CMB Datasheet HTML 7Page - Hirose Electric DH-37-CMB Datasheet HTML 8Page - Hirose Electric DH-37-CMB Datasheet HTML 9Page - Hirose Electric DH-37-CMB Datasheet HTML 10Page - Hirose Electric DH-37-CMB Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
7
DH SeriesqHigh speed transmission, 1mm pitch Small Interface Connector
sLock screw
[Applicable panel thickness 1.4 to 1.6mm:DH-LNA]
[Applicable panel thickness 0.9 to 1.2mm:DH-LNA-W4]
M2.3∞0.4
M2∞0.4
3.6
M2.3∞0.4
M2∞0.4
3.6
[Applicable panel thickness 0.5 to 0.8mm:DH-LNA-W8]
[No panel:DH-LNA-W16]
M2.3∞0.4
M2∞0.4
3.6
M2.3∞0.4
M2∞0.4
3.6


Similar Part No. - DH-37-CMB

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DH-37-CT1B HIROSE-DH-37-CT1B Datasheet
688Kb / 13P
   High Speed Transmission, 1mm Pitch Small Interface Connector
DH-37-CT2B HIROSE-DH-37-CT2B Datasheet
688Kb / 13P
   High Speed Transmission, 1mm Pitch Small Interface Connector
DH-37-CV1B HIROSE-DH-37-CV1B Datasheet
688Kb / 13P
   High Speed Transmission, 1mm Pitch Small Interface Connector
DH-37-CV2B HIROSE-DH-37-CV2B Datasheet
688Kb / 13P
   High Speed Transmission, 1mm Pitch Small Interface Connector
More results

Similar Description - DH-37-CMB

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DH60-37P HIROSE-DH60-37P Datasheet
1Mb / 29P
   High speed transmission, 1mm pitch Small Interface Connector
DH HIROSE-DH_18 Datasheet
1Mb / 28P
   High speed transmission, 1mm pitch Small Interface Connector
DH40-27S HIROSE-DH40-27S Datasheet
688Kb / 13P
   High Speed Transmission, 1mm Pitch Small Interface Connector
logo
Japan Aviation Electron...
FI-XBD7S-HF10 JAE-FI-XBD7S-HF10 Datasheet
772Kb / 12P
   LCD interface connector compatible with high-speed differential transmission
logo
Murata Manufacturing Co...
LXES2TBCC4-028 MURATA-LXES2TBCC4-028 Datasheet
155Kb / 2P
   High-speed Transmission Line
LXES21DAA4-138 MURATA-LXES21DAA4-138 Datasheet
154Kb / 2P
   High-speed Transmission Line
LXES21DAA4-136 MURATA-LXES21DAA4-136 Datasheet
154Kb / 2P
   High-speed Transmission Line
LXES11DAA2-135 MURATA-LXES11DAA2-135 Datasheet
151Kb / 2P
   High-speed Transmission Line
LXES1UTAA1-157 MURATA-LXES1UTAA1-157 Datasheet
153Kb / 2P
   High-speed Transmission Line
LXES11DAA2-137 MURATA-LXES11DAA2-137 Datasheet
154Kb / 2P
   High-speed Transmission Line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com