Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF50-50DP-1V Datasheet(PDF) 5 Page - Hirose Electric

Part # DF50-50DP-1V
Description  1mm Pitch, Board to Cable Lock Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF50-50DP-1V Datasheet(HTML) 5 Page - Hirose Electric

  DF50-50DP-1V Datasheet HTML 1Page - Hirose Electric DF50-50DP-1V Datasheet HTML 2Page - Hirose Electric DF50-50DP-1V Datasheet HTML 3Page - Hirose Electric DF50-50DP-1V Datasheet HTML 4Page - Hirose Electric DF50-50DP-1V Datasheet HTML 5Page - Hirose Electric DF50-50DP-1V Datasheet HTML 6Page - Hirose Electric DF50-50DP-1V Datasheet HTML 7Page - Hirose Electric DF50-50DP-1V Datasheet HTML 8Page - Hirose Electric DF50-50DP-1V Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
DF50 Series1mm Pitch, Board to Cable Lock Connector
Single-row straight pin header
B
Recommended pattern schematic
Unit : mm
Product No.
HRS No.
No. of Contacts
A
B
C
DF50A-2P-1V (**)
CL665-1001-3-**
2
5.25
1
5
DF50A-3P-1V (**)
CL665-1004-1-**
3
6.25
2
6
DF50A-4P-1V (**)
CL665-1006-7-**
4
7.25
3
7
DF50A-5P-1V (**)
CL665-1008-2-**
5
8.25
4
8
DF50A-6P-1V (**)
CL665-1010-4-**
6
9.25
5
9
DF50A-7P-1V (**)
CL665-1012-0-**
7
10.25
6
10
DF50A-8P-1V (**)
CL665-1014-5-**
8
11.25
7
11
DF50A-9P-1V (**)
CL665-1016-0-**
9
12.25
8
12
DF50A-10P-1V (**)
CL665-1017-3-**
10
13.25
9
13
DF50A-11P-1V (**)
CL665-1019-9-**
11
14.25
10
14
DF50A-12P-1V (**)
CL665-1021-0-**
12
15.25
11
15
DF50A-13P-1V (**)
CL665-1023-6-**
13
16.25
12
16
DF50A-14P-1V (**)
CL665-1025-1-**
14
17.25
13
17
DF50A-15P-1V (**)
CL665-1027-7-**
15
18.25
14
18
DF50A-16P-1V (**)
CL665-1029-2-**
16
19.25
15
19
(Note) Please place orders for embossed packaged products by the multiple of the number of reels. (1,000 connectors per reel)
*: No. of Contacts
[Specification Number: **, (**) ]
(51): Gold plating, embossed packaging
5.67
Contact No.1
Contact No.*
A
P=1
B
Contact No.1 mark
C
Contact No.1
Contact No.*
0.7±0.05
1.9±0.05
P=1±0.05
0.6±0.05
B±0.05


Similar Part No. - DF50-50DP-1V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF50-50DP-1V HIROSE-DF50-50DP-1V Datasheet
809Kb / 12P
   1 mm Pitch, WtoB, Positive Lock Connector
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 13 DF50-50DP-1V(**) ^

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com