Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF40HC2.5-30DS-0.4V51 Datasheet(PDF) 1 Page - Hirose Electric

Part # DF40HC2.5-30DS-0.4V51
Description  0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF40HC2.5-30DS-0.4V51 Datasheet(HTML) 1 Page - Hirose Electric

  DF40HC2.5-30DS-0.4V51 Datasheet HTML 1Page - Hirose Electric DF40HC2.5-30DS-0.4V51 Datasheet HTML 2Page - Hirose Electric DF40HC2.5-30DS-0.4V51 Datasheet HTML 3Page - Hirose Electric DF40HC2.5-30DS-0.4V51 Datasheet HTML 4Page - Hirose Electric DF40HC2.5-30DS-0.4V51 Datasheet HTML 5Page - Hirose Electric DF40HC2.5-30DS-0.4V51 Datasheet HTML 6Page - Hirose Electric DF40HC2.5-30DS-0.4V51 Datasheet HTML 7Page - Hirose Electric DF40HC2.5-30DS-0.4V51 Datasheet HTML 8Page - Hirose Electric DF40HC2.5-30DS-0.4V51 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
DF40 Series
0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
2012.3e
Features
1. Higher density of the board-mounted components
Extremely small board mounting pattern and low above-
the-board profile makes the connectors ideally suited for
small device applications.
2. Stacking height variation : 1.5mm to 4.0mm
3. High contact reliability
Despite connectors small size and low profile the contacts
provide strong contact forces and long contact wipe (0.45
mm), guaranteeing reliable electrical and mechanical
performance.
4. Large self-alignment distance
The connectors will self-align within 0.33 mm.
5. Confirmation of the fully mated condition
Positive “click” sensation confirms correct insertion and
connection of all contacts.
6. Built-in shock absorbing feature
The protrusions and indents in the insulator bodies protect
the connectors from failures when exposed to sudden
impact.
7. Solder wicking prevention
Nickel-plated barriers provide protection against solder
wicking into the contact areas.
8. Contact area protection
External walls protect the exposed contact areas from
intrusion of flux or foreign particles.
Other HRS
connector
DF40
Smaller width
Decrease in the board-occupied area
High contact reliability – Effective connection wipe of 0.45 mm
Interlock indentations
(for 10 to 50 positions)
Shock-absorbing rib
Stacking Height variation
Stacking
Height
1.5mm 2.0mm 2.5mm 3.0mm 3.5mm 4.0mm
Pos.
10
K
----
----
----
----
----
12
K
----
----
----
----
20
K
K
K
----
----
----
24
K
K
----
----
----
----
30
K
K
K
K
----
34
K
----
----
----
----
----
40
K
K
K
----
----
44
----
----
K
----
----
50
K
K
K
K
K
K
60
K
K
K
K
K
K
70
K
K
----
K
----
----
80
K
K
----
K
K
K
90
K
----
----
K
----
K
100
K
----
----
K
----
----
∆: Reserved for product expansion


Similar Part No. - DF40HC2.5-30DS-0.4V51

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DF400R12KE3 INFINEON-DF400R12KE3 Datasheet
492Kb / 9P
   62mm C-series module with trench/fieldstop IGBT3 and Emitter Controlled diode
revision: 3.0 2013-10-03
logo
SanRex Corporation
DF40AA120 SANREX-DF40AA120 Datasheet
264Kb / 2P
   DIODE(THREE PHASES BRIDGE TYPE)
DF40AA160 SANREX-DF40AA160 Datasheet
264Kb / 2P
   DIODE(THREE PHASES BRIDGE TYPE)
logo
Faraday Technology
DF40B0100 FARADAY-DF40B0100 Datasheet
17Kb / 2P
   HDTV DELAY LINES
DF40B0125 FARADAY-DF40B0125 Datasheet
17Kb / 2P
   HDTV DELAY LINES
More results

Similar Description - DF40HC2.5-30DS-0.4V51

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
   0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
DF37 HIROSE-DF37 Datasheet
792Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF37B-50DS-0.4V51 HIROSE-DF37B-50DS-0.4V51 Datasheet
875Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
logo
Omron Electronics LLC
XB4A OMRON-XB4A_1 Datasheet
387Kb / 3P
   0.4-mm Pitch Board to FPC Connector
XB4A OMRON-XB4A_11 Datasheet
511Kb / 6P
   0.4-mm Pitch Board to FPC Connector
XB4A OMRON-XB4A Datasheet
562Kb / 6P
   0.4-mm Pitch Board to FPC Connector
logo
Hirose Electric
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF18B-20DS-0.4V HIROSE-DF18B-20DS-0.4V Datasheet
433Kb / 8P
   0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com