Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF40HC2.5-30DS-0.4V51 Datasheet(PDF) 7 Page - Hirose Electric

Part # DF40HC2.5-30DS-0.4V51
Description  0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF40HC2.5-30DS-0.4V51 Datasheet(HTML) 7 Page - Hirose Electric

Back Button DF40HC2.5-30DS-0.4V51 Datasheet HTML 3Page - Hirose Electric DF40HC2.5-30DS-0.4V51 Datasheet HTML 4Page - Hirose Electric DF40HC2.5-30DS-0.4V51 Datasheet HTML 5Page - Hirose Electric DF40HC2.5-30DS-0.4V51 Datasheet HTML 6Page - Hirose Electric DF40HC2.5-30DS-0.4V51 Datasheet HTML 7Page - Hirose Electric DF40HC2.5-30DS-0.4V51 Datasheet HTML 8Page - Hirose Electric DF40HC2.5-30DS-0.4V51 Datasheet HTML 9Page - Hirose Electric DF40HC2.5-30DS-0.4V51 Datasheet HTML 10Page - Hirose Electric DF40HC2.5-30DS-0.4V51 Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DF40 Series0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
7
B±0.08
Pick-and-place area : C±0.2
P=0.4±0.05
A±0.2
0.15±0.02
Header
B±0.02
P=0.4±0.02
0.3±0.02
0.65±0.02
0.23±0.02
0.35±0.02
Recommended PCB mounting pattern
Unit: mm
[Specification number]
(51): Embossed tape packaging (5,000 pieces per reel)
Part Number
CL No.
Number of contacts
A
B
C
DF40C- 10DP-0.4V(51)
684-4035-0-51
10
3.52
1.6
1.0
DF40C- 12DP-0.4V(51)
684-4149-9-51
12
3.92
2.0
1.0
DF40C- 20DP-0.4V(51)
684-4010-9-51
20
5.52
3.6
1.0
DF40C- 24DP-0.4V(51)
684-4011-1-51
24
6.32
4.4
1.2
DF40C- 30DP-0.4V(51)
684-4012-4-51
30
7.52
5.6
1.5
DF40C- 34DP-0.4V(51)
684-4024-3-51
34
8.32
6.4
2.3
DF40C- 40DP-0.4V(51)
684-4013-7-51
40
9.52
7.6
3.2
DF40C- 44DP-0.4V(51)
684-4077-0-51
44
10.32
8.4
3.2
DF40C- 50DP-0.4V(51)
684-4014-0-51
50
11.52
9.6
3.2
DF40C- 60DP-0.4V(51)
684-4003-3-51
60
13.52
11.6
3.2
DF40C- 70DP-0.4V(51)
684-4015-2-51
70
15.52
13.6
3.2
DF40C- 80DP-0.4V(51)
684-4001-8-51
80
17.52
15.6
3.2
DF40C- 90DP-0.4V(51)
684-4125-0-51
90
19.52
17.6
3.2
DF40C-100DP-0.4V(51)
684-4032-1-51
100
21.52
19.6
3.2
Note 1: Order by number of reels.
Note 2: 60 or 100 positions connectors will not have small interlock indentations in the contact areas.
Note 3: The contacts in each of the 4 corners serve as metal solder brackets only and should NOT be used for current carrying.
Note 4: Location of the HRS logo and cavity identification mark may differ from what is shown.
Note 5: This connector is not polarized.


Similar Part No. - DF40HC2.5-30DS-0.4V51

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DF400R12KE3 INFINEON-DF400R12KE3 Datasheet
492Kb / 9P
   62mm C-series module with trench/fieldstop IGBT3 and Emitter Controlled diode
revision: 3.0 2013-10-03
logo
SanRex Corporation
DF40AA120 SANREX-DF40AA120 Datasheet
264Kb / 2P
   DIODE(THREE PHASES BRIDGE TYPE)
DF40AA160 SANREX-DF40AA160 Datasheet
264Kb / 2P
   DIODE(THREE PHASES BRIDGE TYPE)
logo
Faraday Technology
DF40B0100 FARADAY-DF40B0100 Datasheet
17Kb / 2P
   HDTV DELAY LINES
DF40B0125 FARADAY-DF40B0125 Datasheet
17Kb / 2P
   HDTV DELAY LINES
More results

Similar Description - DF40HC2.5-30DS-0.4V51

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
   0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
DF37 HIROSE-DF37 Datasheet
792Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF37B-50DS-0.4V51 HIROSE-DF37B-50DS-0.4V51 Datasheet
875Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
logo
Omron Electronics LLC
XB4A OMRON-XB4A_1 Datasheet
387Kb / 3P
   0.4-mm Pitch Board to FPC Connector
XB4A OMRON-XB4A_11 Datasheet
511Kb / 6P
   0.4-mm Pitch Board to FPC Connector
XB4A OMRON-XB4A Datasheet
562Kb / 6P
   0.4-mm Pitch Board to FPC Connector
logo
Hirose Electric
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF18B-20DS-0.4V HIROSE-DF18B-20DS-0.4V Datasheet
433Kb / 8P
   0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com