Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF40HC-30DS-0.4V51 Datasheet(PDF) 3 Page - Hirose Electric

Part # DF40HC-30DS-0.4V51
Description  0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF40HC-30DS-0.4V51 Datasheet(HTML) 3 Page - Hirose Electric

  DF40HC-30DS-0.4V51 Datasheet HTML 1Page - Hirose Electric DF40HC-30DS-0.4V51 Datasheet HTML 2Page - Hirose Electric DF40HC-30DS-0.4V51 Datasheet HTML 3Page - Hirose Electric DF40HC-30DS-0.4V51 Datasheet HTML 4Page - Hirose Electric DF40HC-30DS-0.4V51 Datasheet HTML 5Page - Hirose Electric DF40HC-30DS-0.4V51 Datasheet HTML 6Page - Hirose Electric DF40HC-30DS-0.4V51 Datasheet HTML 7Page - Hirose Electric DF40HC-30DS-0.4V51 Datasheet HTML 8Page - Hirose Electric DF40HC-30DS-0.4V51 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DF40 Series0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
3
Pick-and-place area : C±0.2
B±0.08
HRS logo
P=0.4±0.05
A±0.2
0.12±0.02
Cavity identification
Note 2
Receptacles (Stacking Height : 1.5mm)
[Specification number]
(51): Embossed tape packaging (5,000 pieces per reel)
Ill.1
Ill.2
B±0.02
Note 3
YES
NO
P=0.4±0.02
0.2±0.02
Conductive traces
Conductive traces
Recommended PCB mounting pattern
Unit: mm
Stacking Height : 1.5mm
Part Number
CL No.
Number of contacts
A
B
C
D
DF40C- 10DS-0.4V(51)
684-4036-2-51
10
4.6
1.6
1.0
1.45
DF40C- 12DS-0.4V(51)
Reserved for product expansion
12
5.0
2.0
1.0
1.45
DF40C- 20DS-0.4V(51)
684-4005-9-51
20
6.6
3.6
1.0
1.45
DF40C- 24DS-0.4V(51)
684-4006-1-51
24
7.4
4.4
1.2
1.45
DF40C- 30DS-0.4V(51)
684-4007-4-51
30
8.6
5.6
1.5
1.45
DF40C- 34DS-0.4V(51)
684-4023-0-51
34
9.4
6.4
2.3
1.45
DF40C- 40DS-0.4V(51)
684-4008-7-51
40
10.6
7.6
3.2
1.45
DF40C- 50DS-0.4V(51)
684-4009-0-51
50
12.6
9.6
3.2
1.45
DF40C- 60DS-0.4V(51)
684-4004-6-51
60
14.6
11.6
3.2
1.45
DF40C- 70DS-0.4V(51)
684-4016-5-51
70
16.6
13.6
3.2
1.45
DF40C- 80DS-0.4V(51)
684-4002-0-51
80
18.6
15.6
3.2
1.45
DF40C- 90DS-0.4V(51)
684-4124-8-51
90
20.6
17.6
3.2
1.45
DF40C-100DS-0.4V(51)
684-4033-4-51
100
22.6
19.6
3.2
1.45
Note 1: Order by number of reels.
Note 2: Connectors with 60 or 100 contacts may have several recessed areas in this location. Pick-and-place operation will
NOT be affected.
Note 3: No conductive traces through the areas indicated by
.
Refer to Ill.1 and Ill.2. for specific restrictions and exception to the above requirement.
Note 4: This connector is NOT polarized.


Similar Part No. - DF40HC-30DS-0.4V51

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DF400R12KE3 INFINEON-DF400R12KE3 Datasheet
492Kb / 9P
   62mm C-series module with trench/fieldstop IGBT3 and Emitter Controlled diode
revision: 3.0 2013-10-03
logo
SanRex Corporation
DF40AA120 SANREX-DF40AA120 Datasheet
264Kb / 2P
   DIODE(THREE PHASES BRIDGE TYPE)
DF40AA160 SANREX-DF40AA160 Datasheet
264Kb / 2P
   DIODE(THREE PHASES BRIDGE TYPE)
logo
Faraday Technology
DF40B0100 FARADAY-DF40B0100 Datasheet
17Kb / 2P
   HDTV DELAY LINES
DF40B0125 FARADAY-DF40B0125 Datasheet
17Kb / 2P
   HDTV DELAY LINES
More results

Similar Description - DF40HC-30DS-0.4V51

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
   0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
DF37 HIROSE-DF37 Datasheet
792Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF37B-50DS-0.4V51 HIROSE-DF37B-50DS-0.4V51 Datasheet
875Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
logo
Omron Electronics LLC
XB4A OMRON-XB4A_1 Datasheet
387Kb / 3P
   0.4-mm Pitch Board to FPC Connector
XB4A OMRON-XB4A_11 Datasheet
511Kb / 6P
   0.4-mm Pitch Board to FPC Connector
XB4A OMRON-XB4A Datasheet
562Kb / 6P
   0.4-mm Pitch Board to FPC Connector
logo
Hirose Electric
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF18B-20DS-0.4V HIROSE-DF18B-20DS-0.4V Datasheet
433Kb / 8P
   0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com