Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0102DN-5AA4 Datasheet(PDF) 9 Page - STMicroelectronics

Part # P0102DN-5AA4
Description  Sensitive standard SCRs up to 0.8 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P0102DN-5AA4 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button P0102DN-5AA4 Datasheet HTML 3Page - STMicroelectronics P0102DN-5AA4 Datasheet HTML 4Page - STMicroelectronics P0102DN-5AA4 Datasheet HTML 5Page - STMicroelectronics P0102DN-5AA4 Datasheet HTML 6Page - STMicroelectronics P0102DN-5AA4 Datasheet HTML 7Page - STMicroelectronics P0102DN-5AA4 Datasheet HTML 8Page - STMicroelectronics P0102DN-5AA4 Datasheet HTML 9Page - STMicroelectronics P0102DN-5AA4 Datasheet HTML 10Page - STMicroelectronics P0102DN-5AA4 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
P010xx
Package information
9/11
Figure 19.
Footprint (dimensions in mm)
Table 9.
SOT23-3L dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
0.89
1.4
0.035
0.055
A1
0
0.1
0
0.004
B
0.3
0.51
0.012
0.02
c
0.085
0.18
0.003
0.007
D
2.75
3.04
0.108
0.12
e
0.85
1.05
0.033
0.041
e1
1.7
2.1
0.067
0.083
E
1.2
1.6
0.047
0.063
H
2.1
2.75
0.083
0.108
L
0.6 typ.
0.024 typ.
S
0.35
0.65
0.014
0.026
A1
A
L
H
B
E
D
e
e1
S
c
0.95
0.61
1.26
3.25
0.73


Similar Part No. - P0102DN-5AA4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P0102DN STMICROELECTRONICS-P0102DN Datasheet
177Kb / 6P
   0.8A SCRs
P0102DN1AA3 STMICROELECTRONICS-P0102DN1AA3 Datasheet
177Kb / 6P
   0.8A SCRs
P0102DN2AL3 STMICROELECTRONICS-P0102DN2AL3 Datasheet
177Kb / 6P
   0.8A SCRs
P0102DN5AA4 STMICROELECTRONICS-P0102DN5AA4 Datasheet
125Kb / 11P
   Sensitive standard SCRs up to 0.8 A
P0102DN5AA4 STMICROELECTRONICS-P0102DN5AA4 Datasheet
177Kb / 6P
   0.8A SCRs
More results

Similar Description - P0102DN-5AA4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P0102DA-1AA3 STMICROELECTRONICS-P0102DA-1AA3 Datasheet
125Kb / 11P
   Sensitive standard SCRs up to 0.8 A
P011XX STMICROELECTRONICS-P011XX Datasheet
96Kb / 9P
   Sensitive high immunity SCRs up to 0.8 A
Rev 1 January 2009
logo
Littelfuse
EC103B LITTELFUSE-EC103B Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
STMicroelectronics
X006 STMICROELECTRONICS-X006 Datasheet
108Kb / 9P
   0.8 A sensitive gate SCRs
TN12 STMICROELECTRONICS-TN12_07 Datasheet
153Kb / 12P
   Sensitive and Standard 12 A SCRS
TN805 STMICROELECTRONICS-TN805_10 Datasheet
153Kb / 12P
   Sensitive and standard 8 A SCRs
TS1220-600T STMICROELECTRONICS-TS1220-600T Datasheet
156Kb / 13P
   Sensitive and standard 12 A SCRs
September 2011 Rev 7
TYN412RG STMICROELECTRONICS-TYN412RG Datasheet
156Kb / 13P
   Sensitive and standard 12 A SCRs
TS820-600T STMICROELECTRONICS-TS820-600T Datasheet
160Kb / 13P
   Sensitive and standard 8 A SCRs
logo
Littelfuse
S8X5ECSX LITTELFUSE-S8X5ECSX Datasheet
961Kb / 6P
   EV Series 0.8 Amp Sensitive SCRs
Revised: BO.12/08/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com