Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGA15N120ANTDTU_F109 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # FGA15N120ANTDTU_F109
Description  Extremely enhanced avalanche capability
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FGA15N120ANTDTU_F109 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FGA15N120ANTDTU_F109 Datasheet HTML 2Page - List of Unclassifed Manufacturers FGA15N120ANTDTU_F109 Datasheet HTML 3Page - List of Unclassifed Manufacturers FGA15N120ANTDTU_F109 Datasheet HTML 4Page - List of Unclassifed Manufacturers FGA15N120ANTDTU_F109 Datasheet HTML 5Page - List of Unclassifed Manufacturers FGA15N120ANTDTU_F109 Datasheet HTML 6Page - List of Unclassifed Manufacturers FGA15N120ANTDTU_F109 Datasheet HTML 7Page - List of Unclassifed Manufacturers FGA15N120ANTDTU_F109 Datasheet HTML 8Page - List of Unclassifed Manufacturers FGA15N120ANTDTU_F109 Datasheet HTML 9Page - List of Unclassifed Manufacturers FGA15N120ANTDTU_F109 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
www.fairchildsemi.com
FGA15N120ANTD
/ FGA15N120ANTD_F109 Rev. B1
Typical Performance Characteristics (Continued)
Figure 17. Forward Characteristics
Figure 18. Reverse Recovery Current
0.1
1
10
50
0.0
0.4
0.8
1.2
1.6
2.0
2.4
T
C
= 125
oC
T
C
= 25
oC
T
J
= 25
oC
T
J
= 125
oC
Forward Voltage , V
F
[V]
5
1015
2025
0
5
10
15
20
25
30
di/dt = 100A/μs
di/dt = 200A/μs
Forward Current , I
F
[A]
Figure 19. Stored Charge
Figure 20. Reverse Recovery Time
5
1015
2025
0
1000
2000
3000
4000
5000
6000
7000
di/dt = 100A/μs
di/dt = 200A/μs
Forward Current , I
F
[A]
5
1015
2025
0
100
200
300
400
di/dt = 100A/μs
di/dt = 200A/μs
Forward Current , I
F
[A]


Similar Part No. - FGA15N120ANTDTU_F109

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FGA15N120ANTDTU-F109 ONSEMI-FGA15N120ANTDTU-F109 Datasheet
907Kb / 9P
   1200 V, 15 A NPT Trench IGBT
October-2017,Rev.3
More results

Similar Description - FGA15N120ANTDTU_F109

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTGN40N120 DINTEK-DTGN40N120 Datasheet
1Mb / 8P
   Extremely enhanced avalanche capability
DTGN25N120 DINTEK-DTGN25N120 Datasheet
1Mb / 8P
   Extremely enhanced avalanche capability
DTGN50N60 DINTEK-DTGN50N60 Datasheet
1Mb / 10P
   Extremely enhanced avalanche capability
logo
STMicroelectronics
STPS10LCD100C STMICROELECTRONICS-STPS10LCD100C Datasheet
102Kb / 7P
   Avalanche capability specified
May 2008 Rev 1
logo
Littelfuse
LFUSCD20120B LITTELFUSE-LFUSCD20120B Datasheet
564Kb / 4P
   Enhanced surge capability
LFUSCD10120A LITTELFUSE-LFUSCD10120A Datasheet
572Kb / 4P
   Enhanced surge capability
LFUSCD05120A LITTELFUSE-LFUSCD05120A Datasheet
567Kb / 4P
   Enhanced surge capability
LFUSCD30120B LITTELFUSE-LFUSCD30120B Datasheet
567Kb / 4P
   Enhanced surge capability
logo
Silikron Semiconductor ...
SSF2715 SILIKRON-SSF2715 Datasheet
452Kb / 6P
   Extremely high dv/dt capability
logo
STMicroelectronics
STFI10NK60Z STMICROELECTRONICS-STFI10NK60Z Datasheet
530Kb / 13P
   Extremely high dv/dt capability
March 2012 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com