Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECOS1CP103BA Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # ECOS1CP103BA
Description  Compact size for general purpose and industrial applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOS1CP103BA Datasheet(HTML) 8 Page - Panasonic Semiconductor

  ECOS1CP103BA Datasheet HTML 1Page - Panasonic Semiconductor ECOS1CP103BA Datasheet HTML 2Page - Panasonic Semiconductor ECOS1CP103BA Datasheet HTML 3Page - Panasonic Semiconductor ECOS1CP103BA Datasheet HTML 4Page - Panasonic Semiconductor ECOS1CP103BA Datasheet HTML 5Page - Panasonic Semiconductor ECOS1CP103BA Datasheet HTML 6Page - Panasonic Semiconductor ECOS1CP103BA Datasheet HTML 7Page - Panasonic Semiconductor ECOS1CP103BA Datasheet HTML 8Page - Panasonic Semiconductor ECOS1CP103BA Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Aluminum Electrolytic Capacitors
TS-UP Standard Ratings (continued)
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
68
22 x 25
0.76
1.06
2.438
0.853
25 x 20
0.35
0.49
2.926
1.024
82
22 x 25
0.83
1.16
2.022
0.708
100
22 x 30
0.92
1.29
1.658
0.580
25 x 25
0.92
1.29
1.658
0.580
120
22 x 35
1.02
1.43
1.382
0.553
25 x 30
1.02
1.43
1.382
0.553
150
22 x 40
1.16
1.62
1.105
0.442
25 x 30
1.16
1.62
1.105
0.442
30 x 25
1.16
1.62
1.105
0.442
180
22 x 45
1.44
2.02
0.921
0.368
25 x 35
1.44
2.02
0.921
0.368
30 x 30
1.44
2.02
0.921
0.368
220
22 x 50
1.49
2.09
0.829
0.373
25 x 40
1.49
2.09
0.829
0.373
30 x 30
1.49
2.09
0.829
0.373
270
25 x 45
1.67
2.34
0.675
0.304
30 x 35
1.67
2.34
0.675
0.304
35 x 30
1.67
2.34
0.675
0.304
330
30 x 40
1.90
2.66
0.553
0.249
35 x 35
1.90
2.66
0.553
0.249
390
30 x 45
2.13
2.98
0.468
0.210
35 x 40
2.13
2.98
0.468
0.210
470
30 x 50
2.39
3.35
0.388
0.175
35 x 45
2.39
3.35
0.388
0.175
560
35 x 50
2.69
3.77
0.326
0.147
47
22 x 20
0.25
0.35
3.527
1.235
22 x 25
0.47
0.66
3.527
1.235
68
22 x 25
0.69
0.97
2.438
0.853
25 x 20
0.35
0.49
2.926
1.024
82
22 x 25
0.83
1.16
2.022
0.708
100
22 x 30
0.92
1.29
1.658
0.580
25 x 25
0.92
1.29
1.658
0.580
30 x 20
0.47
0.66
1.989
0.696
120
22 x 35
1.02
1.43
1.382
0.484
25 x 25
1.02
1.43
1.382
0.484
150
22 x 40
1.16
1.62
1.105
0.387
25 x 30
1.16
1.62
1.105
0.387
30 x 25
1.16
1.62
1.105
0.387
35 x 20
0.60
0.84
1.326
0.464
180
22 x 45
1.44
2.02
0.921
0.322
25 x 30
1.44
2.02
0.921
0.322
25 x 35
1.44
2.02
0.921
0.322
220
22 x 50
1.49
2.09
0.754
0.264
25 x 40
1.49
2.09
0.754
0.264
30 x 30
1.49
2.09
0.754
0.264
270
25 x 45
1.67
2.34
0.675
0.236
30 x 35
1.67
2.34
0.675
0.236
35 x 30
1.67
2.34
0.675
0.236
330
30 x 40
1.90
2.66
0.553
0.193
35 x 30
1.90
2.66
0.553
0.193
35 x 35
1.90
2.66
0.553
0.193
390
30 x 45
2.13
2.98
0.468
0.164
35 x 35
2.13
2.98
0.468
0.164
35 x 40
2.13
2.98
0.468
0.164
470
35 x 40
2.39
3.35
0.388
0.136
35 x 45
2.39
3.35
0.388
0.136
560
35 x 45
2.69
3.77
0.326
0.114
35 x 50
2.69
3.77
0.326
0.114
680
35 x 50
3.00
4.20
0.268
0.094
ECOS2GP101BA
ECEC2GP101BA
ECOS2TP181BA
ECOS2TP680BA
ECOS2TP680CL
ECOS2TP820BA
ECEC2TP680BA
ECEC2TP680CL
21
ECOS2GP101CA
ECEC2GP101CA
ECOS2GP101DL
ECEC2GP101DL
ECOS2GP121BA
ECEC2TP471DA
ECEC2TP471EA
ECEC2TP331EA
ECEC2TP391DA
ECEC2TP391EA
ECEC2TP271EA
ECEC2TP331DA
ECEC2TP271CA
ECEC2TP271DA
ECEC2TP181DA
ECOS2TP471EA
ECOS2TP561EA
ECOS2TP151DA
ECEC2TP221BA
ECEC2TP221CA
ECEC2TP221DA
ECEC2TP561EA
ECEC2TP151CA
ECEC2TP151DA
ECEC2TP181BA
ECEC2TP181CA
ECEC2GP151CA
ECOS2GP151BA
ECEC2GP151BA
ECOS2TP391DA
ECOS2TP391EA
ECOS2TP471DA
ECOS2GP121CX
ECEC2GP121CX
ECEC2GP121BA
ECOS2TP221CA
ECOS2TP221DA
ECOS2GP151DA
ECEC2GP151DA
ECOS2TP271CA
ECOS2TP271DA
ECOS2TP271EA
ECOS2GP151CA
ECOS2TP331DA
ECOS2TP331EA
ECEC2GP151EL
ECOS2TP181CA
ECOS2TP181DA
ECOS2GP181BA
ECEC2GP181BA
400 VDC Working, 450 VDC Surge
ECOS2GP470BL
ECOS2GP470BA
ECOS2GP151EL
ECOS2TP221BA
ECOS2GP181CX
ECEC2GP181CX
ECOS2GP181CA
ECEC2GP181CA
ECOS2TP151CA
ECOS2GP820BA
ECOS2GP221BA
ECEC2GP221BA
Panasonic Part Number (By Terminal Length)
D x L
6.3mm Length Terminal
4.0mm Length Terminal
ECOS2TP151BA
ECEC2GP221CA
ECOS2GP221DA
ECEC2GP221DA
ECOS2GP271CA
ECEC2GP271CA
ECOS2GP680BA
ECOS2GP271DA
ECEC2GP271DA
ECEC2GP271EA
ECOS2GP331DA
ECEC2GP331DA
ECOS2GP221CA
ECEC2GP331EX
ECOS2GP271EA
ECEC2GP331EA
ECOS2GP331EX
ECOS2GP391EA
ECEC2GP391EA
ECOS2GP471EX
ECEC2GP471EX
ECOS2GP391DA
ECEC2GP391DA
ECOS2GP391EX
ECEC2GP391EX
ECOS2GP331EA
Max 85°C R.C. (Arms)
20°C ESR (Ω, max.)
Part numbers shown with 2 pins
Size (mm)
ECOS2GP471EA
ECEC2GP471EA
ECOS2GP561EA
ECEC2GP561EA
ECOS2GP681EX
ECEC2GP681EX
ECOS2GP561EX
ECEC2GP561EX
385 VDC Working, 435 VDC Surge
ECEC2TP820BA
ECOS2TP121BA
ECOS2TP121CA
ECOS2TP101BA
ECOS2TP101CA
ECEC2TP101BA
ECEC2TP101CA
ECEC2GP470BL
ECEC2GP470BA
ECEC2TP151BA
ECEC2TP121BA
ECEC2TP121CA
ECEC2GP680BA
ECEC2GP680CL
ECEC2GP820BA
ECOS2GP680CL


Similar Part No. - ECOS1CP103BA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECOS1CP103BA PANASONIC-ECOS1CP103BA Datasheet
193Kb / 10P
   Aluminum Electrolytic Capacitors
ECOS1CP103BA PANASONIC-ECOS1CP103BA Datasheet
243Kb / 9P
   Aluminum Electrolytic Capacitors
ECOS1CP103BA PANASONIC-ECOS1CP103BA Datasheet
243Kb / 9P
   Aluminum Electrolytic Capacitors
ECOS1CP103BA PANASONIC-ECOS1CP103BA Datasheet
243Kb / 9P
   Aluminum Electrolytic Capacitors
ECOS1CP103BA PANASONIC-ECOS1CP103BA Datasheet
193Kb / 10P
   Panasonic Industrial Company
More results

Similar Description - ECOS1CP103BA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECO-S1JP682DA PANASONIC-ECO-S1JP682DA Datasheet
193Kb / 10P
   Compact size for general purpose and industrial applications
ECOS1CP153EL PANASONIC-ECOS1CP153EL Datasheet
193Kb / 10P
   Compact size for general purpose and industrial applications
ECOS1CP473EA PANASONIC-ECOS1CP473EA Datasheet
193Kb / 10P
   Compact size for general purpose and industrial applications
logo
List of Unclassifed Man...
PCF14JT200R ETC2-PCF14JT200R Datasheet
364Kb / 7P
   General purpose resistor ideal for commercial/industrial applications
CF18JT560R ETC2-CF18JT560R Datasheet
98Kb / 3P
   General purpose resistor ideal for commercial/industrial applications
SLS-1500 ETC2-SLS-1500 Datasheet
276Kb / 5P
   Compact Flow Meter for Industrial Applications
logo
Vishay Siliconix
SD101AWS-G VISHAY-SD101AWS-G Datasheet
85Kb / 4P
   For general purpose applications
Rev. 1.2, 14-Oct-16
SD103AW-G VISHAY-SD103AW-G Datasheet
94Kb / 4P
   For general purpose applications
Rev. 1.7, 25-Aug-16
SD101AW-G VISHAY-SD101AW-G Datasheet
86Kb / 4P
   For general purpose applications
Rev. 1.0, 25-Feb-13
logo
Fairchild Semiconductor
KSE2955T FAIRCHILD-KSE2955T Datasheet
38Kb / 4P
   General Purpose and Switching Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com