Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVZ3G152C01R02 Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # PVZ3G152C01R02
Description  TRIMMER POTENTIOMETER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PVZ3G152C01R02 Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button PVZ3G152C01R02 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PVZ3G152C01R02 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PVZ3G152C01R02 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PVZ3G152C01R02 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PVZ3G152C01R02 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PVZ3G152C01R02 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PVZ3G152C01R02 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PVZ3G152C01R02 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PVZ3G152C01R02 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SPECIFICATION No. JVR03Z-7148B
8/12
UNCONTROLLED
COPY
REFERENCE ONLY
7.5 Operating environmental conditions
The trimmer potentiometer should not be used under the following environmental conditions.
If you use the trimmer potentiometer in an environment other than listed below, please consult with a Murata
factory representative prior to using.
(1) Corrosive gaseous atmosphere. ( e,g. Cl ,H S,NH ,SO ,NO etc)
(2) In liquid. ( Ex. Water, Oil, Medical liquid, Organic solvent, etc)
(3) Dusty/dirty atmosphere.
(4) Direct sunlight.
(5) No static voltage or electric/magnetic fields.
(6) Direct sea breeze.
(7) Other variations of the above.
7.6 Storage Conditions
(1) To ensure the solderability of the terminal, store that the temperature is -10 to +40°C and the relative
humidity is 30 to 85% RH, and use within six months after delivery. If you are going to use a product that
has been stored for more than six months, please check its solderability beforehand.
(2) Do not store in or near corrosive gases.
(3) Do not store under direct sunlight.
7.7 Circuit design guide
(1) Please confirm specifications of required trimmer potentiometers (power rating, maximum operating
voltage, operating temperature, etc.).
(2) When using with partial load (rheostat), minimize the power depending on the resistance value.
(3) If the trimmer potentiometer is used in DC and high humidity conditions, please connect wiper (#2) for
plus and resistive element (#1 or #3) for minus.
(4) Use trimmer potentiometer within 90% of the effective-electrical rotational angle to prevent a sudden
change of resistance when excessive current is applied.
(5) The maximum input voltage to a trimmer potentiometer should not exceed (P R)^ 1/2 or the maximum
operating voltage, whichever is smaller.
(6) If the mounting process includes reflow soldering for the upper side of the PCB and flow soldering for its
lower side and a product is mounted on the upper side by reflow soldering without cleaning, take the
following cautions in order to prevent the flux from flowing onto the wiper sliding surface.
1. Don't place the product within 10 mm from the outer edge of the PCB.
2. Don't provide a through hole near the product.
(A distance of 10 mm or more between the product and a through hole is necessary.)
8.
Notice
(1)Please make sure that your product has been evaluated in view of your specifications with our product
being mounted to your product.
(2) You are requested not to use our product deviating from the agreed specifications.
(3) Please return one duplicate of this product specification to us with your receipt signature. If the duplicate is
not returned, this product specification will be deemed to have been received by you.
(4) We consider it is not appropriate to include any terms and conditions with regard to the business
transaction in the product specifications, drawings or other technical documents. Therefor, if your
technical documents as above include such terms and conditions such as warranty clause, product
liability clause, or intellectual property infringement liability clause, they will be deemed to be invalid.
*P: Power rating (W)
R: Normal resistance value (ohm)
-
+
#1
#2
#3


Similar Part No. - PVZ3G152C01R02

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PVZ3G102C01B00 MURATA-PVZ3G102C01B00 Datasheet
193Kb / 3P
   Inductance
logo
Murata Manufacturing Co...
PVZ3G102C01B00 MURATA1-PVZ3G102C01B00 Datasheet
248Kb / 3P
   Excellent solderability characteristics are achieved via special plating techniques on each termination.
09/13/2022
PVZ3G102C01B00 MURATA1-PVZ3G102C01B00_V01 Datasheet
248Kb / 3P
   Excellent solderability characteristics are achieved via special plating techniques on each termination.
09/13/2022
logo
Murata Manufacturing Co...
PVZ3G102C01R00 MURATA-PVZ3G102C01R00 Datasheet
193Kb / 3P
   Inductance
logo
Murata Manufacturing Co...
PVZ3G102C01R00 MURATA1-PVZ3G102C01R00 Datasheet
248Kb / 3P
   Excellent solderability characteristics are achieved via special plating techniques on each termination.
09/13/2022
More results

Similar Description - PVZ3G152C01R02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WIW1012 ETC1-WIW1012 Datasheet
702Kb / 1P
   Trimmer Potentiometer
logo
Sharma Electro Componen...
WIW3269 SHARMA-WIW3269 Datasheet
693Kb / 1P
   Trimmer Potentiometer
WIW1028 SHARMA-WIW1028 Datasheet
748Kb / 1P
   Trimmer Potentiometer
WIW1036 SHARMA-WIW1036 Datasheet
713Kb / 1P
   Trimmer Potentiometer
WIW3329 SHARMA-WIW3329 Datasheet
703Kb / 1P
   Trimmer Potentiometer
logo
List of Unclassifed Man...
WIW1028 ETC1-WIW1028 Datasheet
748Kb / 1P
   Trimmer Potentiometer
logo
Sharma Electro Componen...
WIW1029 SHARMA-WIW1029 Datasheet
743Kb / 1P
   Trimmer Potentiometer
WIW3362 SHARMA-WIW3362 Datasheet
709Kb / 1P
   Trimmer Potentiometer
WIW1015 SHARMA-WIW1015 Datasheet
722Kb / 1P
   Trimmer Potentiometer
logo
Dallas Semiconductor
DS1866 DALLAS-DS1866 Datasheet
77Kb / 5P
   Log Trimmer Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com