Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSB6726 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FSB6726
Description  PNP General Purpose Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB6726 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FSB6726 Datasheet HTML 1Page - Fairchild Semiconductor FSB6726 Datasheet HTML 2Page - Fairchild Semiconductor FSB6726 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-
25
2.5
IC= 50 mA,VCE = 10V, f=20MHz
Small Signal Current Gain
hfe
pF
30
VCB = 10 V, f = 1MHz
Collector-Base Capacitance
Ccb
SMALL SIGNAL CHARACTERISTICS
V
1.2
IC = 1 A, VCE = 1 V
Base-Emitter On Voltage
VBE(on)
mV
500
IC = 1 A, IB = 100 mA
Collector-Emitter Saturation Voltage
VCE(sat)
-
-
250
60
50
IC = 100 mA, VCE = 1 V
IC = 1 A,
VCE = 1V
DC Current Gain
hFE
ON CHARACTERISTICS*
nA
100
VEB = 5V
Emitter Cutoff Current
IEBO
nA
100
VCB = 40 V
Collector Cutoff Current
ICBO
V
5
IE = 100
µA
Emitter-Base Breakdown Voltage
BVEBO
V
40
IC = 100
µA
Collector-Base Breakdown Voltage
BVCBO
V
30
IC = 10 mA
Collector-Emitter Breakdown Voltage
BVCEO
OFF CHARACTERISTICS
Units
Max
Min
Test Conditions
Parameter
Symbol
PNP General Purpose Amplifier
(continued)
Electrical Characteristics
TA = 25°C unless otherwise noted
*Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2.0%
Page 2 of 2
fsb6726lwp Pr77 RevA


Similar Part No. - FSB6726

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSB67508 FAIRCHILD-FSB67508 Datasheet
411Kb / 8P
   Smart Power Module (SPM)
More results

Similar Description - FSB6726

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com