Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4113-D-ZT1 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI4113-D-ZT1
Description  DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4113-D-ZT1 Datasheet(HTML) 1 Page - Silicon Laboratories

  SI4113-D-ZT1 Datasheet HTML 1Page - Silicon Laboratories SI4113-D-ZT1 Datasheet HTML 2Page - Silicon Laboratories SI4113-D-ZT1 Datasheet HTML 3Page - Silicon Laboratories SI4113-D-ZT1 Datasheet HTML 4Page - Silicon Laboratories SI4113-D-ZT1 Datasheet HTML 5Page - Silicon Laboratories SI4113-D-ZT1 Datasheet HTML 6Page - Silicon Laboratories SI4113-D-ZT1 Datasheet HTML 7Page - Silicon Laboratories SI4113-D-ZT1 Datasheet HTML 8Page - Silicon Laboratories SI4113-D-ZT1 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Rev. 1.61 1/10
Copyright © 2010 by Silicon Laboratories
Si4133
Si4133
Si4123/22/13/12
D UAL-B AND RF S YNTHESIZER WITH I NTEGRATED VCO S
F OR WIRELESS C OMMUNICATIONS
F EATURES
Applications
Description
The Si4133 is a monolithic integrated circuit that performs both IF and dual-
band RF synthesis for wireless communications applications. The Si4133
includes three VCOs, loop filters, reference and VCO dividers, and phase
detectors. Divider and powerdown settings are programmable with a three-
wire serial interface.
Functional Block Diagram
Dual-band RF synthesizers

RF1: 900 MHz to 1.8 GHz

RF2: 750 MHz to 1.5 GHz
IF synthesizer

IF: 62.5 to 1000 MHz
Integrated VCOs, loop filters,
varactors, and resonators
Minimal (2) number of external
components required
Low phase noise
Programmable powerdown modes
1 µA standby current
18 mA typical supply current
2.7 to 3.6 V operation
Packages: 24-pin TSSOP,
28-lead QFN

Lead-free and RoHS compliant
Dual-band communications
Digital cellular telephones GSM 850, E-GSM 900, DCS 1800,
PCS 1900
Digital cordless phones
Analog cordless phones
Wireless local loop
IFOUT
IFLA
IFLB
RFOUT
XIN
PWDN
SDATA
SCLK
SEN
IF
RF2
RF1
Powerdown
Control
Reference
Amplifier
Serial
Interface
AUXOUT
IFDIV
R
R
R
N
N
N
Phase
Detector
22-bit
Data
Register
Test
Mux
RFLC
RFLD
RFLA
RFLB
Phase
Detector
Phase
Detector
Patents pending
Ordering Information:
See page 31.
Pin Assignments
Si4133-GT
Si4133-GM
124
223
322
421
520
619
718
817
916
10
15
11
14
12
13
SCLK
SDATA
GNDR
RFLD
RFLC
RFLB
GNDR
RFLA
GNDR
GNDR
RFOUT
VDDR
SEN
VDDI
IFOUT
GNDI
IFLB
IFLA
GNDD
VDDD
GNDD
XIN
PWDN
AUXOUT
GND
Pad
RFLD
RFLC
RFLB
GNDR
RFLA
GNDI
IFLB
IFLA
VDDD
GNDD
XIN
21
20
19
18
17
16
15
8
9
10 11 12 13 14
28 27 26
25 24 23 22
1
2
3
4
5
6
7
GNDR
GNDR
GNDD


Similar Part No. - SI4113-D-ZT1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI4113-BM ETC-SI4113-BM Datasheet
713Kb / 34P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4113-BT ETC-SI4113-BT Datasheet
713Kb / 34P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
More results

Similar Description - SI4113-D-ZT1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI4133-D-GMR ETC2-SI4133-D-GMR Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4133 ETC-SI4133 Datasheet
713Kb / 34P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4133 SILABS-SI4133 Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
SI4133G-X2 ETC-SI4133G-X2 Datasheet
875Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4122G SILABS-SI4122G Datasheet
469Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
SI4133G-X2 SILABS-SI4133G-X2 Datasheet
667Kb / 28P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
SI4126 SILABS-SI4126 Datasheet
733Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4136 SILABS-SI4136_10 Datasheet
314Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4133W SILABS-SI4133W Datasheet
513Kb / 32P
   RF SYNTHESIZER WITH INTEGRATED VCOS FOR W-CDMA AND GSM/UMTS WIRELESS COMMUNICATIONS
SI4114G SILABS-SI4114G Datasheet
367Kb / 24P
   RF SYNTHESIZER WITH INTEGRATED VCOS FOR DIRECT CONVERSION GSM AND GPRS WIRELESS COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com