Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI32177-B-GM Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SI32177-B-GM
Description  ProSLIC Single-Chip FXS Solution with FXO Option
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI32177-B-GM Datasheet(HTML) 2 Page - Silicon Laboratories

  SI32177-B-GM Datasheet HTML 1Page - Silicon Laboratories SI32177-B-GM Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ProSLIC
Copyright © 2009 by Silicon Laboratories
4.14.09
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders
Si3217x and Si3291x
ProSLIC® Single-Chip FXS Solution with FXO Option
Parameter
Symbol
Test Condition
Min
Typical
Max
Unit
Ambient Temperature
TA
F-Grade
0
25
70
°C
G-Grade
–40
25
85
°C
Supply Voltage, Si3217x
VDD
3.13
3.3
3.47
V
Battery Voltage, Si3217x
VBAT
–15
–136/–110
V
Maximum Loop Resistance
(loop + load)
RLOOP
ILOOP=18 mA, VBAT = –48 V
2000
DC Differential Output
Resistance
RDO
ILOOP < ILIM
160
640
Idle Channel Noise
C-Message weighted
8
12
dBrnC
PSRR from VDD
RX and TX, dc to 3.4 kHz
55
dB
Longitudinal to Metallic/PCM
Balance (forward or reverse)
200 Hz to 1 kHz
58
60
dB
1 kHz to 3.4 kHz
53
58
dB
Metallic/PCM to Longitudinal Balance
200 Hz to 3.4 kHz
40
dB
Longitudinal Impedance
200 Hz to 3.4 kHz at
TIP or RING
50
Longitudinal Current per Pin
Active off-hook
200 Hz to 3.4 kHz
25
mA
DC Feed Current
See Table 5,
Si3217x
Data Sheet
VTR = 0 V
45
mA
2-Wire Return Loss
200 Hz to 3.4 kHz
26
30
dB
Transhybrid Balance
300 Hz to 3.4 kHz
26
30
dB
Thermal Resistance (QFN-42)
θ
JA
32
°C/W
Thermal Resistance (SOIC-16)
θ
JA
85
°C/W
Continuous Power Dissipation (QFN-42)
PD
TA = 85 °C
1.3
W
Continuous Power Dissipation (SOIC-16)
PD
TA = 85 °C
0.47
W
Selected Electrical Specifications
Package Information
42-Pin QFN
16-Pin SOIC
D
D2
e
E
E2
5.00 BS C
b
0.50 BS C
7.00 BS C
Min
Typ
Max
MM
0.20
0.25
0.30
3.35
3.40
3.45
A
0.60
0.65
0.70
E3
E4
3.15
3.20
3.25
L
0.35
0.40
0.45
L1
0.05
0.10
0.15
1.65
1.70
1.75
5.35
5.40
5.45
A2
b
c
D
E
A1
9.90 BSC
Min
Max
0.31
0.51
A
1.75
E1
e
L
L2
0.10
0.25
1.25
0.17
0.25
6.00 BSC
3.90 BSC
1.27 BSC
0.25 BSC
h
0.40
1.27
0.25
0.50
ø


Similar Part No. - SI32177-B-GM

ManufacturerPart #DatasheetDescription
logo
Silicon image
Si32177-B-GM SILICONIMAGE-Si32177-B-GM Datasheet
91Kb / 2P
   ProSLIC짰 Single-Chip FXS Solution with FXO Option
logo
Silicon Laboratories
SI32177-B-GM SILABS-SI32177-B-GM Datasheet
91Kb / 2P
   Low power standby operation Tracking dc-dc controller Patented low-power ringing Wideband voice support
Si32177-B-GM SILABS-Si32177-B-GM Datasheet
197Kb / 1P
   Revision 1.1 of the Si3217x datasheet adds manufacturing information
Si32177-B-GM SILABS-Si32177-B-GM Datasheet
42Kb / 2P
   Silicon Laboratories is pleased to announce revision 1.2 of the datasheet
Si32177-B-GM1 SILABS-Si32177-B-GM1 Datasheet
42Kb / 2P
   Silicon Laboratories is pleased to announce revision 1.2 of the datasheet
More results

Similar Description - SI32177-B-GM

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI3217XB SKYWORKS-SI3217XB Datasheet
1Mb / 50P
   PROSLIC® SINGLE-CHIP FXS SOLUTION WITH FXO OPTION
Rev. 1.5 August 12, 2021
logo
Silicon image
SI32178-B-FM SILICONIMAGE-SI32178-B-FM Datasheet
91Kb / 2P
   ProSLIC짰 Single-Chip FXS Solution with FXO Option
logo
Skyworks Solutions Inc.
SI3217X-C SKYWORKS-SI3217X-C Datasheet
653Kb / 47P
   PROSLIC® SINGLE-CHIP FXS SOLUTION
Rev. 1.1 August 31, 2021
SI3219X SKYWORKS-SI3219X Datasheet
1Mb / 32P
   ProSLIC® Single FXS Solution
Rev. 1.0 October 6, 2021
SI3228X SKYWORKS-SI3228X Datasheet
1Mb / 42P
   ProSLIC® Single-Chip Dual FXS Solution
Rev. 1.0 August 11, 2021
SI3229X SKYWORKS-SI3229X Datasheet
1Mb / 43P
   ProSLIC® Single-Chip Dual FXS Solution
Rev. 1.1 July 26, 2021
SI32172 SKYWORKS-SI32172 Datasheet
616Kb / 46P
   PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
Rev. 1.0 August 31, 2021
logo
Silicon Laboratories
SI3228X SILABS-SI3228X Datasheet
319Kb / 3P
   ProSLIC짰 Single-Chip Dual FXS Solution
logo
Skyworks Solutions Inc.
SI3218X SKYWORKS-SI3218X Datasheet
1Mb / 43P
   ProSLIC® Single-Channel FXS Solutions
Rev. 1.0 October 6, 2021
logo
Silicon Laboratories
SI3219X SILABS-SI3219X Datasheet
287Kb / 3P
   ProSLIC짰 Single FXS Solution
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com