Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSB660 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSB660
Description  PNP Low Saturation Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB660 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSB660 Datasheet HTML 1Page - Fairchild Semiconductor FSB660 Datasheet HTML 2Page - Fairchild Semiconductor FSB660 Datasheet HTML 3Page - Fairchild Semiconductor FSB660 Datasheet HTML 4Page - Fairchild Semiconductor FSB660 Datasheet HTML 5Page - Fairchild Semiconductor FSB660 Datasheet HTML 6Page - Fairchild Semiconductor FSB660 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Typical Characteristics
Current Gain vs. Collector Current
0.0001
0.001
0.01
0.1
1
10
0
100
200
300
400
500
600
700
800
900
1000
I - COLLECTOR CURRENT (mA)
C
25°C
125°C
- 40°C
V
= 2.0V
ce
Collector-Emitter Saturation
Voltage vs Collector Current
0.01
0.1
1
10
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
I - COLLECTOR CURRENT (mA)
C
- 40°C
25°C
125°C
β = 10
Input/Output Capacitance vs.
Reverse Bias Voltage
0.1
0.5
1
10
20
50
100
0
50
100
150
200
250
300
350
400
V
- COLLECTOR VOLTAGE (V)
CE
V
= 2.0V
ce
C ibo
Cobo
f = 1.0MHz
Base-Emitter Saturation
Voltage vs Collector Current
0.001
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1
1.2
1.4
I - COLLECTOR CURRENT (A)
C
25°C
- 40°C
125°C
β = 10
Base-Emitter On Voltage vs.
Collector Current
0.0001
0.001
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
I - COLLECTOR CURRENT (A)
C
25°C
- 40°C
125°C
V
= 2.0V
ce
PA


Similar Part No. - FSB660

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSB660 FAIRCHILD-FSB660 Datasheet
54Kb / 4P
   PNP Low Saturation Transistor
FSB660A FAIRCHILD-FSB660A Datasheet
54Kb / 4P
   PNP Low Saturation Transistor
logo
ON Semiconductor
FSB660A ONSEMI-FSB660A Datasheet
279Kb / 7P
   PNP Low Saturation Transistor
September 2018 Rev. 2
logo
Fairchild Semiconductor
FSB660 FAIRCHILD-FSB660_01 Datasheet
54Kb / 4P
   PNP Low Saturation Transistor
More results

Similar Description - FSB660

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FZT749 FAIRCHILD-FZT749 Datasheet
27Kb / 2P
   PNP Low Saturation Transistor
FMMT549 FAIRCHILD-FMMT549_06 Datasheet
151Kb / 5P
   PNP Low Saturation Transistor
FSB660 FAIRCHILD-FSB660_01 Datasheet
54Kb / 4P
   PNP Low Saturation Transistor
logo
ON Semiconductor
FZT790A ONSEMI-FZT790A Datasheet
279Kb / 7P
   PNP Low Saturation Transistor
February 2015 Rev. 3.1
FSB749 ONSEMI-FSB749 Datasheet
267Kb / 6P
   PNP Low Saturation Transistor
January 2014 Rev. 1.1.0
logo
Fairchild Semiconductor
FMBS549 FAIRCHILD-FMBS549 Datasheet
204Kb / 6P
   PNP Low Saturation Transistor
FMBS549 FAIRCHILD-FMBS549_06 Datasheet
178Kb / 5P
   PNP Low Saturation Transistor
FPN660 FAIRCHILD-FPN660 Datasheet
57Kb / 5P
   PNP Low Saturation Transistor
ZTX749A FAIRCHILD-ZTX749A Datasheet
40Kb / 3P
   PNP Low Saturation Transistor
NZT660 FAIRCHILD-NZT660 Datasheet
200Kb / 7P
   PNP Low Saturation Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com