Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4702-C19 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SI4702-C19
Description  Broadcast FM Radio Tuner for Portable Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4702-C19 Datasheet(HTML) 2 Page - Silicon Laboratories

  SI4702-C19 Datasheet HTML 1Page - Silicon Laboratories SI4702-C19 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FM Tuner
Copyright © 2008 by Silicon Laboratories
4.3.08
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders
Si4702/03-C19
Broadcast FM Radio Tuner for Portable Applications
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Input Frequency
fRF
76
108
MHz
Sensitivity
(S+N)/N = 26 dB
1.1
µV EMF
Input IP3
|f2 – f1| > 1 MHz; f0 = 2 x f1 – f2
AGC disabled
106
dBµV EMF
Adjacent Channel Selectivity
±200 kHz
50
dB
Alternate Channel Selectivity
±400 kHz
70
dB
RCLK Frequency
32.768
kHz
RCLK Frequency Tolerance
–200
200
ppm
Audio Output Voltage
72
80
90
mVrms
Audio Band Limits
±1.5 dB
30
15k
Hz
Audio S/N
59
dB
Audio THD
0.1
0.5
%
Supply Voltage
VD, VA
2.7
5.5
V
Interface Supply Voltage
VIO
1.5
3.6
V
Ambient Temperature
TA
–20
25
85
°C
Supply Current
IAD
14.4
mA
Powerdown Current
IPD
8.5
12
µA
Seek/Tune Time
60
ms/channel
SCLK Frequency
fCLK
3-wire operation
2.5
MHz
fSCL
2-wire operation
400
kHz
Powerup Time
From powerdown
110
ms
Selected Electrical Specifications
Pin Assignments
GND
PAD
1
GND
LOUT
ROUT
RST
NC
GND
GND
FMIP
RFGND
VD
2
5
4
3
6
15
12
13
14
7
10
9
8
11
17
18
19
20
16
Package Information
Table 1. Package Dimensions
Symbol
Millimeters
Symbol
Millimeters
Min
Nom
Max
Min
Nom
Max
A
0.50
0.55
0.60
f
2.53 BSC
A1
0.00
0.02
0.05
L
0.35
0.40
0.45
b
0.18
0.25
0.30
L1
0.00
0.10
c
0.27
0.32
0.37
aaa
0.10
D
3.00 BSC
bbb
0.10
D2
1.65
1.70
1.75
ccc
0.08
e
0.50 BSC
ddd
0.10
E
3.00 BSC
eee
0.10
E2
1.65
1.70
1.75


Similar Part No. - SI4702-C19

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI4702-C19 SKYWORKS-SI4702-C19 Datasheet
449Kb / 44P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
Revision 0.8 to Revision 0.9
SI4702-C19-GM SKYWORKS-SI4702-C19-GM Datasheet
449Kb / 44P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
Revision 0.8 to Revision 0.9
More results

Similar Description - SI4702-C19

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4708-C SILABS-SI4708-C Datasheet
1Mb / 40P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
SI4708 SILABS-SI4708 Datasheet
997Kb / 3P
   Broadcast FM Radio Tuner for Portable Applications
logo
Skyworks Solutions Inc.
SI4708-C SKYWORKS-SI4708-C Datasheet
412Kb / 39P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
Revision 0.6 to Revision 1.0
logo
Silicon Laboratories
SI4700 SILABS-SI4700 Datasheet
154Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
SI4702 SILABS-SI4702 Datasheet
184Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
logo
Silicon image
SI4703-C19-GM SILICONIMAGE-SI4703-C19-GM Datasheet
203Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
logo
Skyworks Solutions Inc.
SI4702-C19 SKYWORKS-SI4702-C19 Datasheet
449Kb / 44P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
Revision 0.8 to Revision 0.9
logo
Silicon Laboratories
SI4720-B20-GMR SILABS-SI4720-B20-GMR Datasheet
1Mb / 48P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
SI4720 SILABS-SI4720 Datasheet
198Kb / 2P
   Broadcast FM Radio Transceiver for Portable Applications
SI4720-B20 SILABS-SI4720-B20 Datasheet
1Mb / 48P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com