Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5013-D-GM Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SI5013-D-GM
Description  OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5013-D-GM Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI5013-D-GM Datasheet HTML 6Page - Silicon Laboratories SI5013-D-GM Datasheet HTML 7Page - Silicon Laboratories SI5013-D-GM Datasheet HTML 8Page - Silicon Laboratories SI5013-D-GM Datasheet HTML 9Page - Silicon Laboratories SI5013-D-GM Datasheet HTML 10Page - Silicon Laboratories SI5013-D-GM Datasheet HTML 11Page - Silicon Laboratories SI5013-D-GM Datasheet HTML 12Page - Silicon Laboratories SI5013-D-GM Datasheet HTML 13Page - Silicon Laboratories SI5013-D-GM Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Si5013
10
Rev. 1.6
Table 5. Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
DC Supply Voltage
VDD
–0.5 to 3.5
V
LVTTL Input Voltage
VDIG
–0.3 to 3.6
V
Differential Input Voltages
VDIF
–0.3 to (VDD+ 0.3)
V
Maximum Current any output PIN
±50
mA
Operating Junction Temperature
TJCT
–55 to 150
°C
Storage Temperature Range
TSTG
–55 to 150
°C
ESD HBM Tolerance (100 pf, 1.5 k
Ω)1
kV
Note: Permanent device damage may occur if the above Absolute Maximum Ratings are exceeded. Functional operation
should be restricted to the conditions as specified in the operational sections of this data sheet. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 6. Thermal Characteristics
Parameter
Symbol
Test Condition
Value
Unit
Thermal Resistance Junction to Ambient
ϕ
JA
Still Air
38
°C/W


Similar Part No. - SI5013-D-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5013-EVB SILABS-SI5013-EVB Datasheet
1Mb / 11P
   Differential I/Os ac coupled
logo
List of Unclassifed Man...
SI5013-X-GM ETC1-SI5013-X-GM Datasheet
153Kb / 24P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Silicon Laboratories
SI5013-X-GM SILABS-SI5013-X-GM Datasheet
400Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
More results

Similar Description - SI5013-D-GM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI5013 ETC1-SI5013 Datasheet
153Kb / 24P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Silicon Laboratories
SI5013 SILABS-SI5013 Datasheet
400Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5017 SILABS-SI5017 Datasheet
396Kb / 26P
   OC-48/STM-16 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5022 SILABS-SI5022 Datasheet
333Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5023 SILABS-SI5023 Datasheet
781Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Exar Corporation
XRT94L55 EXAR-XRT94L55 Datasheet
53Kb / 2P
   SONET/SDH OC-48/STM-16, 4XOC-12/STM-4, 16XOC-3/STM-1 FRAMER/CONCENTRATOR WITH INTEGRATED CDR?셎
logo
List of Unclassifed Man...
SI5010 ETC-SI5010 Datasheet
287Kb / 16P
   OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Silicon Laboratories
SI5010 SILABS-SI5010 Datasheet
276Kb / 20P
   OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
logo
List of Unclassifed Man...
SI5022 ETC1-SI5022 Datasheet
399Kb / 22P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMP
logo
Applied Micro Circuits ...
CS1220 AMCC-CS1220 Datasheet
108Kb / 2P
   SONET/SDH/ATM Quad OC-3/12 with Clock Data Recovery (CDR)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com