Electronic Components Datasheet Search |
|
Si4730-D60-GU2 Datasheet(PDF) 6 Page - Silicon Laboratories |
|
Si4730-D60-GU2 Datasheet(HTML) 6 Page - Silicon Laboratories |
6 / 44 page Si4730/31/34/35-D60 6 Rev. 1.1 Table 2. DC Characteristics (VA = 2.7 to 5.5 V, VD = 1.62 to 3.6 V, TA = –20 to 85 °C) Parameter Symbol Test Condition Min Typ Max Unit FM Mode VAQFN Supply Current IFMVA Digital Output Mode1 —8.2 9.5 mA VDQFN Supply Current IFMVD — 10.5 13.5 VASSOP Supply Current IFMVA — 18.5 21.5 VDSSOP Supply Current IFMVD — 0.15 0.6 VAQFN Supply Current IFMVA Analog Output Mode2 —9.1 10.3 VDQFN Supply Current IFMVD —9.9 12.8 VASSOP Supply Current IFMVA — 19.1 21.3 VDSSOP Supply Current IFMVD 0.1 0.6 AM Mode VAQFN Supply Current IAMVA Digital Output Mode —6.5 7.5 mA VDQFN Supply Current IAMVD — 8.5 11.0 VASSOP Supply Current IAMVA — 14.5 16.5 VDSSOP Supply Current IAMVD — 0.15 0.50 VAQFN Supply Current IAMVA Analog Output Mode —7.5 8.5 VDQFN Supply Current IAMVD —8 10.2 VASSOP Supply Current IAMVA — 15.3 17.2 VDSSOP Supply Current IAMVD —0.1 0.4 AUXIN Mode VAQFN Supply Current IAUXVA —5.7 6.3 mA VDQFN Supply Current IAUXVD —6.5 8.0 VASSOP Supply Current IAUXVA —0.3 0.4 VDSSOP Supply Current IAUXVD —11.8 13.0 Powerdown VAQFN Powerdown Current IAPD —4 15 µA VASSOP Powerdown Current — 9.5 15 VDQFN Powerdown Current IDPD SCLK, RCLK inactive — 3 10 µA VDSSOP Powerdown Current SCLK, RCLK inactive — 3 10 High Level Input Voltage3 VIH 0.7 x VD —VD +0.3 V Low Level Input Voltage3 VIL –0.3 — 0.3 x VD V High Level Input Current3 IIH VIN =VD =3.6 V –10 — 10 µA Notes: 1. Guaranteed by characterization. 2. Backwards compatible mode to rev B and rev C. Additional features on this device may increase typical supply current. 3. For input pins SCLK, SEN, SDIO, RST, RCLK, DCLK, DFS, GPO1, GPO2, and GPO3. 4. For output pins SDIO, DOUT, GPO1, GPO2, and GPO3. |
Similar Part No. - Si4730-D60-GU2 |
|
Similar Description - Si4730-D60-GU2 |