Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXTP60N20T Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTP60N20T
Description  N-Channel Enhancement Mode For PDP Drivers Avalanche Rated
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP60N20T Datasheet(HTML) 4 Page - IXYS Corporation

  IXTP60N20T Datasheet HTML 1Page - IXYS Corporation IXTP60N20T Datasheet HTML 2Page - IXYS Corporation IXTP60N20T Datasheet HTML 3Page - IXYS Corporation IXTP60N20T Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTA60N20T IXTP60N20T
IXTQ60N20T
Fig. 7. Input Admittance
0
20
40
60
80
100
120
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
VGS - Volts
TJ = 150ºC
25ºC
- 40ºC
Fig. 8. Transconductance
0
20
40
60
80
100
120
0
20
40
60
80
100
120
140
ID - Amperes
TJ = - 40ºC
150ºC
25ºC
Fig. 9. Forward Voltage Drop of Intrinsic Diode
0
20
40
60
80
100
120
140
160
180
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
VSD - Volts
TJ = 150ºC
TJ = 25ºC
Fig. 10. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
10
20304050
6070
QG - NanoCoulombs
VDS = 100V
I D = 30A
I G = 10mA
Fig. 11. Capacitance
10
100
1,000
10,000
0
5
10
15
20
25
30
35
40
VDS - Volts
f = 1 MHz
Ciss
Crss
Coss
Fig. 12. Maximum Transient Thermal Impedance
0.01
0.10
1.00
0.00001
0.0001
0.001
0.01
0.1
1
Pulse Width - Second
IXYS REF: T_60N20T(5G)02-10-10


Similar Part No. - IXTP60N20T

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTP60N20T ISC-IXTP60N20T Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXTP60N20T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
   N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
IXTU1R4N60P IXYS-IXTU1R4N60P Datasheet
157Kb / 4P
   N-Channel Enhancement Mode Avalanche Rated
IXTP08N100P IXYS-IXTP08N100P Datasheet
158Kb / 4P
   N-Channel Enhancement Mode Avalanche Rated
IXTA180N10T IXYS-IXTA180N10T Datasheet
160Kb / 2P
   N-Channel Enhancement Mode Avalanche Rated
IXTH30N50P IXYS-IXTH30N50P Datasheet
352Kb / 5P
   N-Channel Enhancement Mode Avalanche Rated
IXTP2N100P IXYS-IXTP2N100P Datasheet
153Kb / 4P
   N-Channel Enhancement Mode Avalanche Rated
MMIX1T132N50P3 IXYS-MMIX1T132N50P3 Datasheet
273Kb / 7P
   N-Channel Enhancement Mode Avalanche Rated
IXTH96N25T IXYS-IXTH96N25T Datasheet
176Kb / 5P
   N-Channel Enhancement Mode Avalanche Rated
IXTH160N15T IXYS-IXTH160N15T Datasheet
130Kb / 5P
   N-Channel Enhancement Mode Avalanche Rated
IXTF200N10T IXYS-IXTF200N10T Datasheet
166Kb / 5P
   N-Channel Enhancement Mode Avalanche Rated
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com