Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N2510-6002RB Datasheet(PDF) 2 Page - 3M Electronics

Part # N2510-6002RB
Description  .100??x .100??Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

N2510-6002RB Datasheet(HTML) 2 Page - 3M Electronics

  N2510-6002RB Datasheet HTML 1Page - 3M Electronics N2510-6002RB Datasheet HTML 2Page - 3M Electronics N2510-6002RB Datasheet HTML 3Page - 3M Electronics N2510-6002RB Datasheet HTML 4Page - 3M Electronics N2510-6002RB Datasheet HTML 5Page - 3M Electronics N2510-6002RB Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MFour-Wall Header
2500 Series
TS-0770-L
Sheet 2 of 5
Ordering Information
X25XX - 60XX - XX
Inch
(mm)
±
.005
±
±
.01
Tolerance Unless Noted
.0
.00
.000
[ ] Dimensions for
Reference only
C
Table 1
Pin Qty
Dimensions
Polarizing
Notches
A
B
6
0.588 (14.94)
0.508 (12.90)
B
8
0.688 (17.48)
0.608 (15.44)
B
10
0.788 (20.02)
0.708 (17.98)
BC
14
0.988 (25.10)
0.908 (23.06)
BCDE
16
1.088 (27.64)
1.008 (25.60)
ABCDE
20
1.288 (32.72)
1.208 (30.68)
ABCDE
24
1.488 (37.80)
1.408 (35.76)
ABCDE
26
1.588 (40.34)
1.508 (38.30)
ABCDE
30
1.788 (45.42)
1.708 (43.38)
ABCDE
34
1.988 (50.50)
1.908 (48.46)
ABCDE
36
2.088 (53.04)
2.008 (51.00)
ABCDE
40
2.288 (58.12)
2.208 (56.08)
ABCDE
50
2.788 (70.82)
2.708 (68.78)
ABCDE
60
3.288 (83.52)
3.208 (81.48)
ABCDE
64
3.488 (88.60)
3.408 (86.56)
ABCDE
Notes:
1. Notches A & C will accomodate 3M Polarizing Keys (3M Part #3518 or N3518).
2. Contact tails .0245 [0.622] wire with .0075 [0.191] corner radii & .028 [.072] diagonal.
3. Solder stand offs facilitate .01 clearance above board for reflow soldering.
Prefix:
N = High Temp. Black (PCT)
(RB, UB, or UG Pltg. Req’d)
Blank = Std. Temp. Gray (PBT)
(UB or UG Pltg. Req’d)
Pin Quantity:
(See Table 1)
Plating:
RB = 30µ” [0.76µm] Gold with 200µ” [5.08 µm]
Matte Tin Solder Tails (RIA E1 & C1 apply)
UG = 15µ” [0.38µm] Gold with 200µ” [5.08µm] 60:40
Tin-Lead Solder Tails (RIA E3 & C2 apply)
UB = 30µ” [0.76µm] Gold with 200µ” [5.05µm] 60:40
Tin-Lead Solder Tails (RIA E3 & C2 apply)
Solder Tail
02 = for .062 [1.57] thick board (Standard)
03 = for .094 to .125 [2.39 to 3.18] thick board
.100”x.100”LowProfile,StraightThrough-Hole


Similar Part No. - N2510-6002RB

ManufacturerPart #DatasheetDescription
logo
3M Electronics
N2510-5002-RB 3M-N2510-5002-RB Datasheet
364Kb / 5P
   4-Wall Header
N2510-5003-RB 3M-N2510-5003-RB Datasheet
364Kb / 5P
   4-Wall Header
N2510-50K2-RB 3M-N2510-50K2-RB Datasheet
364Kb / 5P
   4-Wall Header
More results

Similar Description - N2510-6002RB

ManufacturerPart #DatasheetDescription
logo
3M Electronics
N2534-5002RB 3M-N2534-5002RB Datasheet
1Mb / 6P
   .100 x .100 Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
N2514-5002-RB 3M-N2514-5002-RB Datasheet
1Mb / 6P
   .100??x .100??Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
N2516-6003RB 3M-N2516-6003RB Datasheet
1Mb / 6P
   .100 x .100 Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
N2514-6002RB 3M-N2514-6002RB Datasheet
1Mb / 6P
   .100??x .100??Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
2520-6002UB 3M-2520-6002UB Datasheet
1Mb / 6P
   .100??x .100??Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
N2526-5002RB 3M-N2526-5002RB Datasheet
1Mb / 6P
   .100 x .100 Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
2540-6003UG 3M-2540-6003UG Datasheet
1Mb / 6P
   100 x .100 Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
D2516-6V0C-AR-WE 3M-D2516-6V0C-AR-WE Datasheet
1Mb / 6P
   .100 x .100 Low Profi le, SMT Straight, Straight and Rt Angle Through-Hole
D2526-6002 3M-D2526-6002 Datasheet
1Mb / 6P
   100 x .100 Low Profi le, SMT Straight, Straight and Rt Angle Through-Hole
80400031292 3M-80400031292 Datasheet
1Mb / 6P
   3M??Four-Wall Header .100??x .100??Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com