Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR10200CTL-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # SBR10200CTL-13
Description  10A SBR SUPER BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR10200CTL-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  SBR10200CTL-13 Datasheet HTML 1Page - Diodes Incorporated SBR10200CTL-13 Datasheet HTML 2Page - Diodes Incorporated SBR10200CTL-13 Datasheet HTML 3Page - Diodes Incorporated SBR10200CTL-13 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SBR10200CTL
Document number: DS35431 Rev. 5 - 2
4 of 4
www.diodes.com
February 2012
© Diodes Incorporated
SBR10200CTL
SBR is a registered trademark of Diodes Incorporated
Suggested Pad Layout
IMPORTANT NOTICE
DIODES INCORPORATED MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARDS TO THIS DOCUMENT,
INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE
(AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION).
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to this document and any product described herein. Diodes Incorporated does not assume any liability arising out of the
application or use of this document or any product described herein; neither does Diodes Incorporated convey any license under its patent or
trademark rights, nor the rights of others. Any Customer or user of this document or products described herein in such applications shall assume
all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on Diodes Incorporated
website, harmless against all damages.
Diodes Incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel.
Should Customers purchase or use Diodes Incorporated products for any unintended or unauthorized application, Customers shall indemnify and
hold Diodes Incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising out of, directly or
indirectly, any claim of personal injury or death associated with such unintended or unauthorized application.
Products described herein may be covered by one or more United States, international or foreign patents pending. Product names and markings
noted herein may also be covered by one or more United States, international or foreign trademarks.
LIFE SUPPORT
Diodes Incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express
written approval of the Chief Executive Officer of Diodes Incorporated. As used herein:
A. Life support devices or systems are devices or systems which:
1. are intended to implant into the body, or
2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the
labeling can be reasonably expected to result in significant injury to the user.
B. A critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the
failure of the life support device or to affect its safety or effectiveness.
Customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support devices or systems, and
acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any
use of Diodes Incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or systems-related
information or support that may be provided by Diodes Incorporated.
Further, Customers must fully indemnify Diodes Incorporated and its
representatives against any damages arising out of the use of Diodes Incorporated products in such safety-critical, life support devices or systems.
Copyright © 2012, Diodes Incorporated
www.diodes.com
Dimensions
Value (in mm)
Z
11.6
X1
1.5
X2
7.0
Y1
2.5
Y2
7.0
C
6.9
E1
2.3
X2
C
Z
X1
Y1
E1
Y2


Similar Part No. - SBR10200CTL-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR10200CTL DIODES-SBR10200CTL_15 Datasheet
93Kb / 4P
   10A SBR짰 SUPER BARRIER RECTIFIER
More results

Similar Description - SBR10200CTL-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR10U300CT DIODES-SBR10U300CT Datasheet
180Kb / 3P
   10A SBR Super Barrier Rectifier
SBR10U300 Rev. 2
SBR10100CT DIODES-SBR10100CT Datasheet
178Kb / 3P
   10A SBR Super Barrier Rectifier
SBR10100 Rev. 2
SBR10100CTL DIODES-SBR10100CTL_18 Datasheet
421Kb / 5P
   10A SBR SUPER BARRIER RECTIFIER
SBR10E45P5 DIODES-SBR10E45P5 Datasheet
564Kb / 5P
   10A SBR SUPER BARRIER RECTIFIER
SBR10U100CT DIODES-SBR10U100CT Datasheet
209Kb / 4P
   10A SBR Super Barrier Rectifier
SBR10U100 Rev. 2
SBR1040CT DIODES-SBR1040CT Datasheet
171Kb / 3P
   10A SBR Super Barrier Rectifier
SBR1040 Rev. 2
SBR1060CT DIODES-SBR1060CT Datasheet
139Kb / 3P
   10A SBR Super Barrier Rectifier
SBR1060 Rev. 2
SBR10B45P5 DIODES-SBR10B45P5 Datasheet
603Kb / 5P
   10A SBR SUPER BARRIER RECTIFIER
SBR10U40CT DIODES-SBR10U40CT Datasheet
180Kb / 3P
   10A SBR Super Barrier Rectifier
SBR10U40 Rev. 2
SBR10U45D1Q DIODES-SBR10U45D1Q Datasheet
699Kb / 6P
   10A SBR SUPER BARRIER RECTIFIER
January 2022
SBR10U60CT DIODES-SBR10U60CT Datasheet
179Kb / 3P
   10A SBR Super Barrier Rectifier
SBR10U60 Rev. 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com