Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si3201-BS Datasheet(PDF) 28 Page - Silicon Laboratories

Part # Si3201-BS
Description  PROSLIC PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si3201-BS Datasheet(HTML) 28 Page - Silicon Laboratories

Back Button Si3201-BS Datasheet HTML 24Page - Silicon Laboratories Si3201-BS Datasheet HTML 25Page - Silicon Laboratories Si3201-BS Datasheet HTML 26Page - Silicon Laboratories Si3201-BS Datasheet HTML 27Page - Silicon Laboratories Si3201-BS Datasheet HTML 28Page - Silicon Laboratories Si3201-BS Datasheet HTML 29Page - Silicon Laboratories Si3201-BS Datasheet HTML 30Page - Silicon Laboratories Si3201-BS Datasheet HTML 31Page - Silicon Laboratories Si3201-BS Datasheet HTML 32Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 108 page
background image
Si3230
28
Preliminary Rev. 0.96
Figure 12. Tone Generator Timing Diagram
Table 25. Associated Tone Generator Registers
Tone Generator 1
Parameter
Description / Range
Register Bits
Location
Oscillator 1 Frequency Coefficient
Sets oscillator frequency
OSC1[15:0]
Indirect Register 13
Oscillator 1 Amplitude Coefficient
Sets oscillator amplitude
OSC1X[15:0]
Indirect Register 14
Oscillator 1 initial phase coefficient
Sets initial phase
OSC1Y[15:0]
Indirect Register 15
Oscillator 1 Active Timer
0 to 8 seconds
OAT1[15:0]
Direct Registers 36 & 37
Oscillator 1 Inactive Timer
0 to 8 seconds
OIT1[15:0]
Direct Register 38 & 39
Oscillator 1 Control
Status and control
registers
OSS1, REL, OZ1,
O1TAE, O1TIE,
O1E, O1SO[1:0]
Direct Register 32
Tone Generator 2
Parameter
Description/Range
Register
Location
Oscillator 2 Frequency Coefficient
Sets oscillator frequency
OSC2[15:0]
Indirect Register 16
Oscillator 2 Amplitude Coefficient
Sets oscillator amplitude
OSC2X[15:0]
Indirect Register 17
Oscillator 2 initial phase coefficient
Sets initial phase
OSC2Y[15:0]
Indirect Register 18
Oscillator 2 Active Timer
0 to 8 seconds
OAT2[15:0]
Direct Registers 40 & 41
Oscillator 2 Inactive Timer
0 to 8 seconds
OIT2[15:0]
Direct Register 42 & 43
Oscillator 2 Control
Status and control
registers
OSS2, OZ2,
O2TAE, O2TIE,
O2E, O2SO[1:0]
Direct Register 33
...
...
0,1
...
0,1
...
..., OAT1
..., OAT1
..., OIT1
0,1
...
0,1
...
O1E
OSS1
Tone
Gen. 1
Signal
Output


Similar Part No. - Si3201-BS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3201-BS SILABS-SI3201-BS Datasheet
1Mb / 118P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3201-BS SILABS-SI3201-BS Datasheet
1Mb / 108P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
More results

Similar Description - Si3201-BS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI3210 ETC-SI3210 Datasheet
1Mb / 122P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3210-FT SILABS-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3230 SILABS-SI3230 Datasheet
1Mb / 108P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3233 SILABS-SI3233 Datasheet
1Mb / 100P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon image
SI3210-FT SILICONIMAGE-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3215 SILABS-SI3215 Datasheet
1Mb / 118P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
logo
Mitel Networks Corporat...
MH88617 MITEL-MH88617 Datasheet
78Kb / 16P
   Programmable SLIC with Ringing Amplification Advance Information
logo
Will Semiconductor Ltd.
SPD61089A WILLSEMI-SPD61089A Datasheet
707Kb / 5P
   High Voltage Ringing SLIC Protector
SPD51725QS WILLSEMI-SPD51725QS Datasheet
973Kb / 5P
   High Voltage Ringing SLIC Protector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com