Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXX06V5 Datasheet(PDF) 4 Page - Littelfuse

Part # LXX06V5
Description  6 Amp bi-directional solid state switch series is designed for AC switching
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LXX06V5 Datasheet(HTML) 4 Page - Littelfuse

  LXX06V5 Datasheet HTML 1Page - Littelfuse LXX06V5 Datasheet HTML 2Page - Littelfuse LXX06V5 Datasheet HTML 3Page - Littelfuse LXX06V5 Datasheet HTML 4Page - Littelfuse LXX06V5 Datasheet HTML 5Page - Littelfuse LXX06V5 Datasheet HTML 6Page - Littelfuse LXX06V5 Datasheet HTML 7Page - Littelfuse LXX06V5 Datasheet HTML 8Page - Littelfuse LXX06V5 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
64
Revised: June 24, 2011 04:57 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
6 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Lxx06xx & Qxx06xx & Qxx06xHx Series
Static Characteristics
Symbol
Test Conditions
Value
Unit
V
TM
I
TM = 11.3A tp = 380 µs
MAX.
1.60
V
I
DRM / IRRM
V
DRM = VRRM
Lxx06xy
T
J = 25°C
400 - 600V
MAX.
20
μA
T
J = 110°C
400 - 600V
0.5
mA
Qxx06xy
T
J = 25°C
400 - 1000V
50
μA
T
J = 125°C
400 - 800V
2
mA
T
J = 100°C
1000V
3
Qxx06xHy
T
J = 25°C
400 - 800V
10
μA
1000V
20
T
J = 125°C
400 - 800V
3
mA
T
J = 100°C
1000V
2
Thermal Resistances
Symbol
Parameter
Value
Unit
R
θ(J-C)
Junction to case (AC)
L/Qxx06Ryy / L/Qxx06Nyy
1.8
°C/W
L/Qxx06Lyy
3.3
L/Qxx06Vyy / L/Qxx06Dyy
3.2
R
θ(J-A)
Junction to ambient
L/Qxx06Ryy
45
°C/W
L/Qxx06Lyy
50
L/Qxx06Vyy
70
Note: xx = voltage, x = package, y = sensitivity, yy = type & sensitivity
Figure 1: Definition of Quadrants
Figure 2: Normalized DC Gate Trigger Current for
All Quadrants vs. Junction Temperature
Junction Temperature (T
J)- °C
-65
-40
-1510356085110
125
4.0
3.0
2.0
1.0
0.0
Note: Alternistors will not operate in QIV
MT2 POSITIVE
(Positive Half Cycle)
MT2 NEGATIVE
(Negative Half Cycle)
NOTE: Alternistors will not operate in QIV
MT1
MT2
+ I
GT
REF
QII
MT1
IGT
GATE
MT2
REF
MT1
MT2
REF
MT1
MT2
REF
QI
QIV
QIII
ALL POLARITIES ARE REFERENCED TO MT1
(
-)
IGT
GATE
(+)
IGT -
IGT
GATE
(
-)
IGT
GATE
(+)
+
-


Similar Part No. - LXX06V5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LXX06XX LITTELFUSE-LXX06XX Datasheet
759Kb / 14P
   RoHS compliant
More results

Similar Description - LXX06V5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
LX08L6 LITTELFUSE-LX08L6 Datasheet
435Kb / 14P
   8 Amp bi-directional solid state switch series is designed for AC switching and phase
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com