Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXX06L5 Datasheet(PDF) 2 Page - Littelfuse

Part # LXX06L5
Description  6 Amp bi-directional solid state switch series is designed for AC switching
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LXX06L5 Datasheet(HTML) 2 Page - Littelfuse

  LXX06L5 Datasheet HTML 1Page - Littelfuse LXX06L5 Datasheet HTML 2Page - Littelfuse LXX06L5 Datasheet HTML 3Page - Littelfuse LXX06L5 Datasheet HTML 4Page - Littelfuse LXX06L5 Datasheet HTML 5Page - Littelfuse LXX06L5 Datasheet HTML 6Page - Littelfuse LXX06L5 Datasheet HTML 7Page - Littelfuse LXX06L5 Datasheet HTML 8Page - Littelfuse LXX06L5 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
62
Revised: June 24, 2011 04:57 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
6 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Lxx06xx & Qxx06xx & Qxx06xHx Series
Absolute Maximum Ratings — Standard Triac
Symbol
Parameter
Value
Unit
I
T(RMS)
RMS on-state current (full sine wave)
Qxx06Ry / Qxx06Ny
T
C = 95°C
6
A
Qxx06Ly
T
C = 90°C
I
TSM
Non repetitive surge peak on-state current
(full cycle, T
J initial = 25°C)
f = 50 Hz
t = 20 ms
65
A
f = 60 Hz
t = 16.7 ms
80
I2t
I2t Value for fusing
t
p = 8.3 ms
26.5
A2s
di/dt
Critical rate of rise of on-state current
I
G = 200mA with 0.1µs rise time
f = 120 Hz
T
J = 125°C
70
A/μs
I
GTM
Peak gate trigger current
t
p ≤ 10 μs; IGT ≤ IGTM
T
J = 125°C
1.6
A
P
G(AV)
Average gate power dissipation
T
J = 125°C
0.5
W
T
stg
Storage temperature range
-40 to 150
°C
T
J
Operating junction temperature range
-40 to 125
°C
Note: xx = voltage, y = sensitivity
Absolute Maximum Ratings — Alternistor Triac (3 Quadrants)
Symbol
Parameter
Value
Unit
I
T(RMS)
RMS on-state current (full sine wave)
Qxx06LHy
T
C = 95°C
6
A
Qxx06RHy / Qxx06NHy
Qxx06VHy / Qxx06DHy
T
C = 100°C
I
TSM
Non repetitive surge peak on-state current
(full cycle, T
J initial = 25°C)
f = 50 Hz
t = 20 ms
Qxx06VHy
Qxx06DHy
55
A
Qxx06LHy
Qxx06RHy
Qxx06NHy
80
f = 60 Hz
t = 16.7 ms
Qxx06VHy
Qxx06DHy
65
Qxx06LHy
Qxx06RHy
Qxx06NHy
85
I2t
I2t Value for fusing
t
p = 8.3 ms
Qxx06VHy
Qxx06DHy
17.5
A2s
Qxx06LHy
Qxx06RHy
Qxx06NHy
30
di/dt
Critical rate of rise of on-state current
f = 120 Hz
T
J = 125°C
70
A/μs
I
GTM
Peak gate trigger current
t
p ≤ 10 μs; IGT ≤ IGTM
T
J = 125°C
1.6
A
P
G(AV)
Average gate power dissipation
T
J = 125°C
0.5
W
T
stg
Storage temperature range
-40 to 150
°C
T
J
Operating junction temperature range
-40 to 125
°C
Note: xx = voltage, y = sensitivity


Similar Part No. - LXX06L5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LXX06XX LITTELFUSE-LXX06XX Datasheet
759Kb / 14P
   RoHS compliant
More results

Similar Description - LXX06L5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
LX08L6 LITTELFUSE-LX08L6 Datasheet
435Kb / 14P
   8 Amp bi-directional solid state switch series is designed for AC switching and phase
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com