Electronic Components Datasheet Search |
|
LA15QS800-4 Datasheet(PDF) 6 Page - Littelfuse |
|
LA15QS800-4 Datasheet(HTML) 6 Page - Littelfuse |
6 / 9 page POWR-GARD® Fuse Datasheet Special Purpose ©June 2011 Littelfuse www.littelfuse.com 6 alTernaTe dimenSion SemiconducTor FuSeS 500 VAC • Very Fast-Acting • 35-1200 Amperes Specifications Voltage Rating: AC: 500 V DC: 500 V Interrupting Rating: AC: 200 kA DC: 100 kA Ampere Range: 35 – 1200 A Approvals: UL Recognized CSA Certified ampere raTing liTTelFuSe caTalog numBer mounTing Type maximum clearing i2T @500 Vac (a2S x 103) WaTTS loSS @ raTed currenT (W) 35 LA50QS35-4 4 0.56 6 40 LA50QS40-4 4 0.69 7 50 LA50QS50-4 4 1.1 8 60 LA50QS60-4 4 1.8 10 70 LA50QS70-4 4 1.9 12 80 LA50QS80-4 4 2.6 14 90 LA50QS90-4 4 3.6 15 100 LA50QS100-4 4 4.4 17 125 LA50QS125-4 4 5.6 21 150 LA50QS150-4 4 9 25 175 LA50QS175-4 4 15 29 200 LA50QS200-4 4 20 33 225 LA50QS225-4 4 25 37 ampere raTing liTTelFuSe caTalog numBer mounTing Type maximum clearing i2T @500 Vac (a2S x 103) WaTTS loSS @ raTed currenT (W) 250 LA50QS250-4 4 29 41 300 LA50QS300-4 4 55 49 350 LA50QS350-4 4 88 57 400 LA50QS400-4 4 98 65 450 LA50QS450-4 4 130 69 500 LA50QS500-4 4 160 77 600 LA50QS600-4 4 220 92 700 LA50QS700-4 4 270 110 800 LA50QS800-4 4 360 130 900 LA50QS900-4 4 500 140 1000 LA50QS1000-4 4 560 160 1200 LA50QS1200-4 4 930 175 Dimensions for reference only. ampere raTing mounTing Type dimenSionS in incheS (mm) a B c d e F g h 35 – 100 4 3.63 (92.2) 1.00 (25.4) 2.13 (54.1) 2.94 (74.7) 2.75 (69.9) 0.31 (7.9) 0.75 (19.1) 0.13 (3.3) 125 – 200 4 3.63 (92.2) 1.22 (31.0) 2.13 (54.1) 2.94 (74.7) 2.81 (71.4) 0.31 (7.9) 1.00 (25.4) 0.19 (4.8) 225 – 400 4 4.34 (110) 1.50 (38.1) 2.09 (53.1) 3.41 (86.6) 2.78 (70.6) 0.41 (10.4) 1.00 (25.4) 0.25 (6.4) 450 – 600 4 4.47 (114) 2.00 (50.8) 2.22 (56.4) 3.53 (89.7) 2.91 (73.9) 0.41 (10.4) 1.50 (38.1) 0.25 (6.4) 700 – 800 4 6.47 (164.3) 2.50 (63.5) 2.22 (56.4) 5.00 (127.0) 3.44 (87.3) 0.53 (13.5) 1.50 (38.1) 0.25 (6.4) 900 – 1200 4 6.97 (177.0) 3.00 (76.2) 3.22 (81.8) 5.47 (138.9) 4.47 (113.5) 0.63 (15.9) 2.38 (60.3) 0.44 (11.1) Contact Littelfuse for characteristic curves. Web Resources TC Curves, downloadable CAD drawings and other technical information: www.littelfuse.com/la50qs Dimensions LA50QS Series |
Similar Part No. - LA15QS800-4 |
|
Similar Description - LA15QS800-4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |