Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS6S0965RCB Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FS6S0965RCB
Description  Fairchild Power Switch(FPS)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FS6S0965RCB Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FS6S0965RCB Datasheet HTML 1Page - Fairchild Semiconductor FS6S0965RCB Datasheet HTML 2Page - Fairchild Semiconductor FS6S0965RCB Datasheet HTML 3Page - Fairchild Semiconductor FS6S0965RCB Datasheet HTML 4Page - Fairchild Semiconductor FS6S0965RCB Datasheet HTML 5Page - Fairchild Semiconductor FS6S0965RCB Datasheet HTML 6Page - Fairchild Semiconductor FS6S0965RCB Datasheet HTML 7Page - Fairchild Semiconductor FS6S0965RCB Datasheet HTML 8Page - Fairchild Semiconductor FS6S0965RCB Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
FS6S0965RCB
4
Electrical Characteristics (Continued)
(Ta=25
°C unless otherwise specified)
Note:
1. These parameters are the current flowing in the control IC.
2. These parameters, although guaranteed, are tested in the EDS(wafer test) process.
3. These parameters indicate the inductor current.
4. These parameters, although guranteed at the design, are not tested in the mass production
Parameter
Symbol
Condition
Min.
Typ. Max. Unit
UVLO SECTION
Start Threshold Voltage
VSTART
VFB=GND
14
15
16
V
Stop Threshold Voltage
VSTOP
VFB=GND
8
9
10
V
OSCILLATOR SECTION
Initial Frequency
FOSC
-
222528
kHz
Voltage Stability
FSTABLE
12V
≤ Vcc ≤ 23V
0
1
3
%
Temperature Stability (4)
∆FOSC
-25
°C ≤ Ta ≤ 85°C0
±5±10
%
Maximum Duty Cycle
DMAX
-
929598
%
Minimum Duty Cycle
DMIN
--
-
0
%
FEEDBACK SECTION
Feedback Source Current
IFB
VFB=GND
0.7
0.9
1.1
mA
Shutdown Feedback Voltage
VSD
Vfb
≥ 6.9V
6.9
7.5
8.1
V
Shutdown Delay Current
Idelay
VFB=5V
1.6
2.0
2.4
µA
SYNC & SOFTSTART SECTION
Softstart Vortage
VSS
Vfb=2
4.7
5.0
5.3
V
Softstart Current
ISS
Vss=V
0.8
1.0
1.2
mA
Sync High Threshold Voltage
VSYNCH
Vcc=16V,Vfb=5V
-
7.2
-
V
Sync Low Threshold Voltage
VSYNCL
Vcc=16V,Vfb=5V
-
5.8
-
V
BURST MODE SECTION
Burst Mode Low Threshold Voltage
VBURL
Vfb=0V
10.4
11.0
11.6
V
Burst Mode High Threshold Voltage
VBURH
Vfb=0V
11.4
12.0
12.6
V
Burst Mode Enable Feedback Voltage(4)
VBEN
Vcc=10.5V
0.7
1.0
1.3
V
Burst Mode Peak Current Limit(3)
IBU_PK
Vcc=10.5V
0.45
0.6
0.75
V
Burst Mode Frequency
FBUR
Vcc=10.5V, Vfb=0V
40
50
60
kHz
CURRENT LIMIT(SELF-PROTECTION)SECTION
Peak Current Limit(3)
IOVER
-
5.28
6.0
6.72
A
PROTECTION SECTION
Over Voltage Protection
VOVP
Vcc
≥ 27V
27
30
33
V
Over Current Latch Voltage (2)
VOCL
-
0.9
1.0
1.1
V
Thermal Shutdown Temperature(4)
TSD
-
140
160
-
°C
TOTAL DEVICE SECTION
Start Up Current
ISTART
Vfb=GND, VCC=14V
-
0.1
0.17
mA
Operating Supply Current (1)
IOP
Vfb=GND, VCC=16V
-10
15
mA
IOP(MIN)
Vfb=GND, VCC=10V
IOP(MAX)
Vfb=GND, VCC=28V


Similar Part No. - FS6S0965RCB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FS6S0965RC FAIRCHILD-FS6S0965RC Datasheet
135Kb / 12P
   Fairchild Power Switch(SPS)
FS6S0965RC-TU FAIRCHILD-FS6S0965RC-TU Datasheet
135Kb / 12P
   Fairchild Power Switch(SPS)
FS6S0965RC-YDTU FAIRCHILD-FS6S0965RC-YDTU Datasheet
135Kb / 12P
   Fairchild Power Switch(SPS)
More results

Similar Description - FS6S0965RCB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com