Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-0402CD6N8KTT Datasheet(PDF) 11 Page - Pulse A Technitrol Company

Part # PE-0402CD6N8KTT
Description  WIRE-WOUND RF CHIP INDUCTORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-0402CD6N8KTT Datasheet(HTML) 11 Page - Pulse A Technitrol Company

Back Button PE-0402CD6N8KTT Datasheet HTML 7Page - Pulse A Technitrol Company PE-0402CD6N8KTT Datasheet HTML 8Page - Pulse A Technitrol Company PE-0402CD6N8KTT Datasheet HTML 9Page - Pulse A Technitrol Company PE-0402CD6N8KTT Datasheet HTML 10Page - Pulse A Technitrol Company PE-0402CD6N8KTT Datasheet HTML 11Page - Pulse A Technitrol Company PE-0402CD6N8KTT Datasheet HTML 12Page - Pulse A Technitrol Company PE-0402CD6N8KTT Datasheet HTML 13Page - Pulse A Technitrol Company PE-0402CD6N8KTT Datasheet HTML 14Page - Pulse A Technitrol Company PE-0402CD6N8KTT Datasheet HTML 15Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
WIRE-WOUND RF CHIP
INDUCTORS - 0603CD SERIES
Notes:
1. Inductance measured using a HP4286A RF Impedance Analyzer.
2. Q measured using a HP4291A RF Impedance Analyzer with a
HP16193A Test Fixture.
3. SRF measured using a HP8753C Network Analyzer.
4. RDC measured using a Valhalla Scientific model 4100 ATC
Digital Ohmmeter.
5. Based on a 15oC maximum temperature rise.
6. Sample Kit Part Number: PE-0603CDKIT-T
7. 5-sides or top side epoxy cap.
Dimensions: Inches
mm
Unless otherwise specified
all tolerances are ± .010
0,25
2 X .025
0,64
.025
0,64
.050
1,27
SUGGESTED PAD LAYOUT
.049 MAX
1,24
.071 MAX
1,80
2X.014 ±.004
0,36 ±0,10
.040MAX
1,02
.005/0,13
BOTTOM VIEW
Mechanical
0
20
40
60
80
100
120
Frequency (MHz)
Q
10
100
1000
10000
33 nH
68 nH
120 nH
22 nH
3.3 nH
12 nH
Frequency (MHz)
10
100
1000
10000
3.3 nH
12 nH
33 nH
68 nH
0
50
100
150
200
120 nH
22 nH
25
75
125
175
Typical Q vs Frequency
Typical Inductance vs Frequency
Electrical Specifications @ 25°C (continued)
Inductance 1
Standard
Optional
Q 2
SRF 3
RDC 4
IDC 5
Part Number
(nH)
Tolerance
Tolerance
(MIN)
(MHz MIN)
(
Ω MAX)
(mA MAX)
PE-0603CD820KTT
82 @ 150MHz
±10% (K)
±5% (J), ±2% (G)
34 @ 150MHz
1700
0.540
400
PE-0603CD101KTT
98.50 @ 150MHz
±10% (K)
±5% (J), ±2% (G)
34 @ 150MHz
1400
0.580
400
PE-0603CDR10KTT
100 @ 150MHz
±10% (K)
±5% (J), ±2% (G)
34 @ 150MHz
1400
0.580
400
PE-0603CD111KTT
110 @ 150MHz
±10% (K)
±5% (J), ±2% (G)
33 @ 150MHz
1300
0.610
300
PE-0603CDR12KTT
120 @ 150MHz
±10% (K)
±5% (J), ±2% (G)
32 @ 150MHz
1300
0.650
300
PE-0603CD121KTT
122 @ 150MHz
±10% (K)
±5% (J), ±2% (G)
33 @ 150MHz
1300
0.650
300
PE-0603CD151KTT
150 @ 150MHz
±10% (K)
±5% (J), ±2% (G)
28 @ 150MHz
990
0.920
280
PE-0603CD181KTT
180 @ 100MHz
±10% (K)
±5% (J), ±2% (G)
25 @ 100MHz
990
1.250
240
PE-0603CD201KTT
200 @ 100MHz
±10% (K)
±5% (J), ±2% (G)
25 @ 100MHz
900
1.980
240
PE-0603CD211KTT
210 @ 100MHz
±10% (K)
±5% (J), ±2% (G)
27 @ 100MHz
895
2.060
220
PE-0603CD221KTT
220 @ 100MHz
±10% (K)
±5% (J), ±2% (G)
25 @ 100MHz
900
1.900
200
PE-0603CD251KTT
250 @ 100MHz
±10% (K)
±5% (J), ±2% (G)
25 @ 100MHz
822
3.550
180
PE-0603CD271KTT
270 @ 100MHz
±10% (K)
±5% (J), ±2% (G)
24 @ 100MHz
860
2.300
170
PE-0603CD331KTT
330 @ 100MHz
±10% (K)
±5% (J), ±2% (G)
22 @ 100MHz
500
2.300
150
PE-0603CD391KTT
390 @ 100MHz
±10% (K)
±5% (J), ±2% (G)
20 @ 100 MHz
350
2.900
130
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 62787060 •• China 86 755 33966678 •• Taiwan 886 3 4356768
www.pulseeng.com
9
WC701.L (4/10)


Similar Part No. - PE-0402CD6N8KTT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-0402CD6N8KTG PULSE-PE-0402CD6N8KTG Datasheet
201Kb / 5P
   RF CHIP INDUCTORS
More results

Similar Description - PE-0402CD6N8KTT

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TREM322522N TOKEN-TREM322522N Datasheet
393Kb / 6P
   TREM RF Chip Wire Wound Inductors
TREC322522N TOKEN-TREC322522N Datasheet
379Kb / 5P
   TREC Chip Wire Wound RF Inductors
logo
Sumida Corporation
5501 SUMIDA-5501 Datasheet
355Kb / 4P
   Wire Wound Chip Inductors
5506 SUMIDA-5506 Datasheet
391Kb / 3P
   Wire Wound Chip Inductors
5514 SUMIDA-5514 Datasheet
382Kb / 3P
   Wire Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB2518T220K TAIYO-YUDEN-LB2518T220K Datasheet
137Kb / 1P
   Wire-wound Chip Inductors
LB2518T221M TAIYO-YUDEN-LB2518T221M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB3218T331M TAIYO-YUDEN-LB3218T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2518T331M TAIYO-YUDEN-LB2518T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
logo
Central Technologies
CT0603HCF CT-CT0603HCF Datasheet
377Kb / 1P
   Wire-wound Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com