Electronic Components Datasheet Search |
|
THS4011IDG4 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
THS4011IDG4 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 35 page NC IN− NC IN+ NC THS4012 DORDGN† PACKAGE (TOPVIEW) 1 2 3 4 8 7 6 5 1OUT 1IN − 1IN + −VCC VCC+ 2OUT 2IN− 2IN+ 1 2 3 4 8 7 6 5 NULL IN − IN + VCC− NULL VCC+ OUT NC THS4011 D,DGN,ORJGPACKAGE (TOPVIEW) NC − Nointernalconnection Cross-sectionviewshowing PowerPADoption(DGN) † This packageisintheProductPreviewstageof development. Pleasecontactyour localTIsalesof ficefor availability. 19 20 1 3 2 17 18 16 15 14 13 12 11 9 10 5 4 6 7 8 NC VCC+ NC OUT NC THS4011 FK PACKAGE (TOPVIEW) THS4011 THS4012 www.ti.com SLOS216E – JUNE 1999 – REVISED APRIL 2010 290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS Check for Samples: THS4011, THS4012 1 FEATURES 2 • High Speed – 290-MHz Bandwidth (G = 1, –3 dB) – 310-V/ms Slew Rate – 37-ns Settling Time (0.1%) • Low Distortion – THD = –80 dBc (f = 1 MHz, RL = 150 Ω) • 110-mA Output Current Drive (Typical) • 7.5-nV/ √Hz Voltage Noise • Excellent Video Performance – 70-MHz Bandwidth (0.1 dB, G = 1) – 0.006% Differential Gain Error – 0.01° Differential Phase Error • ±5-V to ±15-V Supply Voltage • Available in Standard SOIC, MSOP PowerPAD™, JG, or FK Packages • Evaluation Module Available DESCRIPTION The THS4011 and THS4012 are high-speed, single/dual, voltage feedback amplifiers ideal for a wide range of applications. The devices offer good ac performance, with 290-MHz bandwidth, 310-V/ms slew rate, and 37-ns settling time (0.1%). These amplifiers have a high output drive capability of 110 mA and draw only 7.8-mA supply current per channel. For applications requiring low distortion, the THS4011/4012 operate with a total harmonic distortion (THD) of -80 dBc at f = 1 MHz. For video applications, the THS4011/4012 offer 0.1-dB gain flatness to 70 MHz, 0.006% differential gain error, and 0.01° differential phase error. RELATED DEVICES DEVICE DESCRIPTION THS4011/4012 290-MHz low-distortion high-speed amplifiers THS4031/4032 100-MHz low-noise high-speed-amplifiers THS4061/4062 180-MHz high-speed amplifiers 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 PowerPAD is a trademark of Texas Instruments. PRODUCTION DATA information is current as of publication date. Copyright © 1999–2010, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - THS4011IDG4 |
|
Similar Description - THS4011IDG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |