Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRP800 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FRP800
Description  Ultra-fast POWERplanar??Rectifiers 8 A, 50-200 V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FRP800 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FRP800 Datasheet HTML 1Page - Fairchild Semiconductor FRP800 Datasheet HTML 2Page - Fairchild Semiconductor FRP800 Datasheet HTML 3Page - Fairchild Semiconductor FRP800 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - FRP800

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FRP1000 FAIRCHILD-FRP1000 Datasheet
118Kb / 4P
   Ultra-fast POWER planar??Rectifiers 10-20 A, 50-200 V
FRP1005 FAIRCHILD-FRP1005 Datasheet
118Kb / 4P
   Ultra-fast POWER planar??Rectifiers 10-20 A, 50-200 V
FRP1010 FAIRCHILD-FRP1010 Datasheet
118Kb / 4P
   Ultra-fast POWER planar??Rectifiers 10-20 A, 50-200 V
FRP1015 FAIRCHILD-FRP1015 Datasheet
118Kb / 4P
   Ultra-fast POWER planar??Rectifiers 10-20 A, 50-200 V
FRP1020 FAIRCHILD-FRP1020 Datasheet
118Kb / 4P
   Ultra-fast POWER planar??Rectifiers 10-20 A, 50-200 V
More results

Similar Description - FRP800

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FRP1600CC FAIRCHILD-FRP1600CC Datasheet
110Kb / 4P
   Ultra-fast POWERplanar??Rectifiers 16 A, 50-200 V
FRM3200CC FAIRCHILD-FRM3200CC Datasheet
113Kb / 4P
   Ultra-fast POWERplanar??Rectifiers 32 A, 50-200V
FRP1600 FAIRCHILD-FRP1600 Datasheet
109Kb / 4P
   Ultra-fast POWER planar??Rectifiers 16 A, 50-200 V
FRP1000 FAIRCHILD-FRP1000 Datasheet
118Kb / 4P
   Ultra-fast POWER planar??Rectifiers 10-20 A, 50-200 V
logo
Microsemi Corporation
UES1401 MICROSEMI-UES1401_04 Datasheet
138Kb / 2P
   8 amp ultra fast rectifiers
logo
Solid States Devices, I...
SDR705 SSDI-SDR705 Datasheet
201Kb / 2P
   70 AMP 50-200 VOLTS 50 nsec ULTRA FAST RECTIFIER
logo
ON Semiconductor
MURS105 ONSEMI-MURS105 Datasheet
195Kb / 6P
   Power Rectifier, Ultra-Fast Recovery, 1 A, 50-600 V
August, 2023 - Rev. 18
logo
Gulf Semiconductor
UGSP06D GULFSEMI-UGSP06D Datasheet
81Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 200 CURRENT: 6.0A
logo
Nexperia B.V. All right...
PNE20080EPE-Q NEXPERIA-PNE20080EPE-Q Datasheet
264Kb / 12P
   200 V, 8 A hyperfast recovery rectifier
16 June 2022
PNE20080EPE NEXPERIA-PNE20080EPE Datasheet
263Kb / 12P
   200 V, 8 A hyperfast recovery rectifier
16 June 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com