Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCX619 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FCX619
Description  50V NPN LOW SATURATION POWER TRANSISTOR IN SOT89
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FCX619 Datasheet(HTML) 1 Page - Diodes Incorporated

  FCX619_13 Datasheet HTML 1Page - Diodes Incorporated FCX619_13 Datasheet HTML 2Page - Diodes Incorporated FCX619_13 Datasheet HTML 3Page - Diodes Incorporated FCX619_13 Datasheet HTML 4Page - Diodes Incorporated FCX619_13 Datasheet HTML 5Page - Diodes Incorporated FCX619_13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FCX619
Datasheet Number: DS33067 Rev. 7 - 2
1 of 6
www.diodes.com
February 2013
© Diodes Incorporated
FCX619
A Product Line of
Diodes Incorporated
50V NPN LOW SATURATION POWER TRANSISTOR IN SOT89
Features
BVCEO > 50V
IC = 3A high Continuous Collector Current
ICM up to 6A Peak Pulse Current
2W Power Dissipation
Low saturation voltage VCE(sat) < 220mV @ 1A
RCE(sat) = 87mΩ @ 2.75A for a low equivalent on-resistance
hFE characterised up to 6A for high current gain hold-up
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT89
Case Material: Molded Plastic, “Green” Molding Compound
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight: 0.052 grams (Approximate)
Applications
Load Management Functions
Motor Control
DC-DC / DC-AC Converters
Ordering Information (Note 4)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
FCX619TA
619
7
12
1,000
FCX619-13R
619
13
12
4,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http”//www.diodes.com/products/packages.html
Marking Information
Top View
SOT89
Device Symbol
Top View
Pin-Out
619 = Product Type Marking Code
C
E
B
C
E
C
B
619


Similar Part No. - FCX619_13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FCX619 DIODES-FCX619_15 Datasheet
590Kb / 7P
   50V NPN LOW SATURATION POWER TRANSISTOR IN SOT89
More results

Similar Description - FCX619_13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FCX619 DIODES-FCX619_15 Datasheet
590Kb / 7P
   50V NPN LOW SATURATION POWER TRANSISTOR IN SOT89
DPLS350Y DIODES-DPLS350Y_15 Datasheet
286Kb / 7P
   50V PNP LOW SATURATION POWER TRANSISTOR IN SOT89
logo
Zetex Semiconductors
ZX5T851Z ZETEX-ZX5T851Z Datasheet
126Kb / 6P
   60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTN2007Z DIODES-ZXTN2007Z Datasheet
141Kb / 6P
   30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T849Z DIODES-ZX5T849Z Datasheet
128Kb / 6P
   30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Zetex Semiconductors
ZXTN2010Z ZETEX-ZXTN2010Z Datasheet
126Kb / 6P
   60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTN2007Z DIODES-ZXTN2007Z_15 Datasheet
141Kb / 6P
   30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Zetex Semiconductors
ZXTN2005Z ZETEX-ZXTN2005Z Datasheet
105Kb / 6P
   25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T853Z ZETEX-ZX5T853Z Datasheet
97Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T869Z ZETEX-ZX5T869Z Datasheet
103Kb / 6P
   25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com