Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA333AIDR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA333AIDR
Description  1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA333AIDR Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA333AIDR Datasheet HTML 6Page - Texas Instruments OPA333AIDR Datasheet HTML 7Page - Texas Instruments OPA333AIDR Datasheet HTML 8Page - Texas Instruments OPA333AIDR Datasheet HTML 9Page - Texas Instruments OPA333AIDR Datasheet HTML 10Page - Texas Instruments OPA333AIDR Datasheet HTML 11Page - Texas Instruments OPA333AIDR Datasheet HTML 12Page - Texas Instruments OPA333AIDR Datasheet HTML 13Page - Texas Instruments OPA333AIDR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
www.ti.com
R
1
V
EX
V
OUT
V
REF
R
1
OPA333
R
R
R
R
+5V
NOTE:1%resistorsprovideadequatecommon-moderejectionatsmallground-looperrors.
OPA333
ADS1100
Load
V
I C
2
R
1
4.99k
W
R
3
4.99k
W
R
4
48.7k
W
R
2
49.9k
W
+5V
3V
REF3130
R
7
1.18k
W
R
SHUNT
1
W
R
6
71.5k
W
R
N
56
W
R
N
56
W
(PGAGain=4)
FS=3.0V
StrayGround-LoopResistance
I
LOAD
OPA333
Output
R
SHUNT
Load
V+
V+
R
G
R
L
R
(2)
1
10k
W
R
BIAS
+5V
zener
(1)
Twozener
biasingmethods
areshown.
(3)
MOSFETratedto
stand-offsupplyvoltage
suchasBSS84for
upto50V.
(1)zenerratedforopampsupplycapability(thatis,5.1VforOPA333).
(2)Current-limitingresistor.
(3)ChoosezenerbiasingresistorordualNMOSFETs(FDG6301N,NTJD4001N,orSi1034)
NOTES:
OPA333
OPA2333
SBOS351C – MARCH 2006 – REVISED MAY 2007
Figure 21 shows the basic configuration for a bridge
amplifier.
A low-side current shunt monitor is shown in
Figure 22. RN are operational resistors used to
isolate the ADS1100 from the noise of the digital I2C
bus. Since the ADS1100 is a 16-bit converter, a
precise reference is essential for maximum accuracy.
If absolute accuracy is not required, and the 5V
power supply is sufficiently stable, the REF3130 may
be omitted.
Figure 21. Single Op Amp Bridge Amplifier
Figure 22. Low-Side Current Monitor
Figure 23. High-Side Current Monitor
10
Submit Documentation Feedback


Similar Part No. - OPA333AIDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA333AIDR BURR-BROWN-OPA333AIDR Datasheet
474Kb / 18P
   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zer-PI Drift Series
logo
Texas Instruments
OPA333AIDR TI1-OPA333AIDR Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
OPA333AIDR TI1-OPA333AIDR Datasheet
1Mb / 42P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
logo
Burr-Brown (TI)
OPA333AIDRG4 BURR-BROWN-OPA333AIDRG4 Datasheet
474Kb / 18P
   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zer-PI Drift Series
logo
Texas Instruments
OPA333AIDRG4 TI1-OPA333AIDRG4 Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
More results

Similar Description - OPA333AIDR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AS2333 DIODES-AS2333 Datasheet
746Kb / 16P
   1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
logo
Burr-Brown (TI)
OPA333 BURR-BROWN-OPA333 Datasheet
474Kb / 18P
   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zer-PI Drift Series
logo
Texas Instruments
OPA333A-EP TI-OPA333A-EP Datasheet
610Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA333 TI1-OPA333_17 Datasheet
1Mb / 42P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333 TI-OPA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333A-EP TI-OPA333A-EP_09 Datasheet
575Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA333 TI1-OPA333 Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
TLV333 TI1-TLV333 Datasheet
918Kb / 34P
[Old version datasheet]   CMOS Operational Amplifiers Zero-Drift
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Linear Technology
LTC2055 LINER-LTC2055 Datasheet
190Kb / 12P
   Single/Dual Micropower Zero-Drift Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com