Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2206IDAPG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS2206IDAPG4
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2206IDAPG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2206IDAPG4 Datasheet HTML 2Page - Texas Instruments TPS2206IDAPG4 Datasheet HTML 3Page - Texas Instruments TPS2206IDAPG4 Datasheet HTML 4Page - Texas Instruments TPS2206IDAPG4 Datasheet HTML 5Page - Texas Instruments TPS2206IDAPG4 Datasheet HTML 6Page - Texas Instruments TPS2206IDAPG4 Datasheet HTML 7Page - Texas Instruments TPS2206IDAPG4 Datasheet HTML 8Page - Texas Instruments TPS2206IDAPG4 Datasheet HTML 9Page - Texas Instruments TPS2206IDAPG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
TPS2206
DUALSLOT PC CARD POWERINTERFACE SWITCH
WITH RESET FOR SERIAL PCMCIA CONTROLLER
SLVS138D − MAY 1996 − REVISED JANUARY 2001
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics†‡
PARAMETER
TEST CONDITIONS
TPS2206
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Output rise time
VO(xVCC)
1.2
tr
Output rise time
VO(xVPP)
5
ms
tf
Output fall time
VO(xVCC)
10
ms
tf
Output fall time
VO(xVPP)
14
LATCH
↑ to VO(xVPP)
ton
4.4
ms
LATCH
↑ to VO(xVPP)
toff
18
ms
LATCH
↑ to VO(xVCC) (3.3 V), VI(5V) = 5 V
ton
6.5
ms
tpd
Propagation delay (see Figure 1)
LATCH
↑ to VO(xVCC) (3.3 V), VI(5V) = 5 V
toff
20
ms
tpd
Propagation delay (see Figure 1)
LATCH
↑ to VO(xVCC) (5 V)
ton
5.7
ms
LATCH
↑ to VO(xVCC) (5 V)
toff
25
ms
LATCH
↑ to VO(xVCC) (3.3 V), VI(5V) = 0
ton
6.6
ms
LATCH
↑ to VO(xVCC) (3.3 V), VI(5V) = 0
toff
21
ms
† Refer to Parameter Measurement Information
‡ Switching Characteristics are with CL = 150 µF.
electrical characteristics, TA = 25°C, VI(5V) = 5 V (unless otherwise noted)
dc characteristics
PARAMETER
TEST CONDITIONS
TPS2206Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
5 V to xVCC
103
3.3 V to xVCC
VI(5V) = 5 V,
VI(3.3 V) = 3.3 V
69
m
Switch resistances§
3.3 V to xVCC
VI(5V) = 0,
VI(3.3V) = 3.3 V
96
m
Switch resistances§
5 V to xVPP
4.74
3.3 V to xVPP
4.74
12 V to xVPP
0.724
VO(xVPP)
Clamp low voltage
Ipp at 10 mA
0.275
V
VO(xVCC)
Clamp low voltage
ICC at 10 mA
0.275
V
Ilkg
Leakage current
Ipp High-impedance state
TA = 25°C
1
A
Ilkg
Leakage current
ICC High-impedance state
TA = 25°C
1
µA
II
Input current
VI(5V) = 5 V
VO(AVCC) = VO(BVCC) = 5 V,
VO(AVPP) = VO(BVPP) = 12 V
117
µA
II
Input current
VI(5V) = 0,
VI(3.3V) = 3.3 V
VO(AVCC) = VO(BVCC) = 3.3 V,
VO(AVPP) = VO(BVPP) = 0
131
µA
§ Pulse-testing techniques are used to maintain junction temperature close to ambient temperature; thermal effects must be taken into account
separately.


Similar Part No. - TPS2206IDAPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2206IDAPR TI-TPS2206IDAPR Datasheet
458Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
More results

Similar Description - TPS2206IDAPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2202AI TI-TPS2202AI Datasheet
358Kb / 23P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2202A TI1-TPS2202A Datasheet
656Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206 TI-TPS2206 Datasheet
458Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206A TI1-TPS2206A Datasheet
208Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD田?POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2204A TI1-TPS2204A_16 Datasheet
973Kb / 34P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206ADAPR TI-TPS2206ADAPR Datasheet
1,001Kb / 37P
[Old version datasheet]   POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2204A TI1-TPS2204A Datasheet
1,001Kb / 37P
[Old version datasheet]   PC CARD??POWER-INTERFACE SWITCH WITH RESER FOR SERIAL PCMCIA CONTROLLER
TPS2216 TI-TPS2216 Datasheet
371Kb / 27P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2202 TI-TPS2202 Datasheet
455Kb / 21P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com