Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2206IDAP Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS2206IDAP
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2206IDAP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2206IDAP Datasheet HTML 6Page - Texas Instruments TPS2206IDAP Datasheet HTML 7Page - Texas Instruments TPS2206IDAP Datasheet HTML 8Page - Texas Instruments TPS2206IDAP Datasheet HTML 9Page - Texas Instruments TPS2206IDAP Datasheet HTML 10Page - Texas Instruments TPS2206IDAP Datasheet HTML 11Page - Texas Instruments TPS2206IDAP Datasheet HTML 12Page - Texas Instruments TPS2206IDAP Datasheet HTML 13Page - Texas Instruments TPS2206IDAP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
TPS2206
DUALSLOT PC CARD POWERINTERFACE SWITCH
WITH RESET FOR SERIAL PCMCIA CONTROLLER
SLVS138D − MAY 1996 − REVISED JANUARY 2001
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
t − Time − ms
Figure 7. xVCC Propagation Delay and
Rise Time With 1-
µF Load, 3.3-V Switch,
VI(5V) = 0
01
2
3
45
67
89
xVCC (2 V/div)
LATCH (2 V/div)
t − Time − ms
Figure 8. xVCC Propagation Delay and
Fall Time With 1-
µF Load, 3.3-V Switch,
VI(5V) = 0
0
5
10
15
20
25
30
35
40
45
xVCC (2 V/div)
LATCH (2 V/div)
t − Time − ms
Figure 9. xVCC Propagation Delay and
Rise Time With 150-
µF Load, 3.3-V Switch,
VI(5V) = 0
01
2
3
456
78
9
xVCC (2 V/div)
LATCH (2 V/div)
t − Time − ms
Figure 10. xVCC Propagation Delay and
Fall Time With 150-
µF Load, 3.3-V Switch,
VI(5V) = 0
0
5
10
15
20
25
30
35
40
45
xVCC (2 V/div)
LATCH (2 V/div)


Similar Part No. - TPS2206IDAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2206IDAPR TI-TPS2206IDAPR Datasheet
458Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
More results

Similar Description - TPS2206IDAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2202AI TI-TPS2202AI Datasheet
358Kb / 23P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2202A TI1-TPS2202A Datasheet
656Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206 TI-TPS2206 Datasheet
458Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206A TI1-TPS2206A Datasheet
208Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD田?POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2204A TI1-TPS2204A_16 Datasheet
973Kb / 34P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206ADAPR TI-TPS2206ADAPR Datasheet
1,001Kb / 37P
[Old version datasheet]   POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2204A TI1-TPS2204A Datasheet
1,001Kb / 37P
[Old version datasheet]   PC CARD??POWER-INTERFACE SWITCH WITH RESER FOR SERIAL PCMCIA CONTROLLER
TPS2216 TI-TPS2216 Datasheet
371Kb / 27P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2202 TI-TPS2202 Datasheet
455Kb / 21P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com