Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2206IDAP Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS2206IDAP
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2206IDAP Datasheet(HTML) 5 Page - Texas Instruments

  TPS2206IDAP Datasheet HTML 1Page - Texas Instruments TPS2206IDAP Datasheet HTML 2Page - Texas Instruments TPS2206IDAP Datasheet HTML 3Page - Texas Instruments TPS2206IDAP Datasheet HTML 4Page - Texas Instruments TPS2206IDAP Datasheet HTML 5Page - Texas Instruments TPS2206IDAP Datasheet HTML 6Page - Texas Instruments TPS2206IDAP Datasheet HTML 7Page - Texas Instruments TPS2206IDAP Datasheet HTML 8Page - Texas Instruments TPS2206IDAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
TPS2206
DUALSLOT PC CARD POWERINTERFACE SWITCH
WITH RESET FOR SERIAL PCMCIA CONTROLLER
SLVS138D − MAY 1996 − REVISED JANUARY 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
VI(5V)
0
5.25
V
Input voltage range, VI
VI(3.3V)
0
5.25
V
Input voltage range, VI
VI(12V)
0
13.5
V
Output current
IO(xVCC) at 25°C
1
A
Output current
IO(xVPP) at 25°C
150
mA
Clock frequency
0
2.5
MHz
Operating virtual junction temperature, TJ
−40
125
°C
electrical characteristics, TA = 25°C, VI(5V) = 5 V (unless otherwise noted)
dc characteristics
PARAMETER
TEST CONDITIONS
TPS2206
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
5 V to xVCC
103
140
3.3 V to xVCC
VI(5V) = 5 V,
VI(3.3 V) = 3.3 V
69
110
m
Switch resistances†
3.3 V to xVCC
VI(5V) = 0,
VI(3.3V) = 3.3 V
96
180
m
Switch resistances†
5 V to xVPP
6
3.3 V to xVPP
6
12 V to xVPP
1
VO(xVPP)
Clamp low voltage
Ipp at 10 mA
0.8
V
VO(xVCC) Clamp low voltage
ICC at 10 mA
0.8
V
Ipp high-impedance state
TA = 25°C
1
10
Ilkg
Leakage current
Ipp high-impedance state
TA = 85°C
50
A
Ilkg
Leakage current
ICC high-impedance state
TA = 25°C
1
10
µA
ICC high-impedance state
TA = 85°C
50
VI(5V) = 5 V
VO(AVCC) = VO(BVCC) = 5 V,
VO(AVPP) = VO(BVPP) = 12 V
117
150
A
II
Input current
VI(5V) = 0,
VI(3.3V) = 3.3 V
VO(AVCC) = VO(BVCC) = 3.3 V,
VO(AVPP) = VO(BVPP) = 0
131
150
µA
Shutdown mode
VO(BVCC) = VO(AVCC) = VO(AVPP)
= VO(BVPP) = Hi-Z
1
µA
IOS
Short-circuit
IO(xVCC)
TJ = 85°C,
1
2.2
A
IOS
Short-circuit
output-current limit
IO(xVPP)
TJ = 85 C,
Output powered up into a short to GND
120
400
mA
† Pulse-testing techniques are used to maintain junction temperature close to ambient temperature; thermal effects must be taken into account
separately.
logic section
PARAMETER
TEST CONDITIONS
TPS2206
UNIT
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Logic input current
1
µA
Logic input high level
2
V
Logic input low level
0.8
V
VI(5V)= 5 V,
IO = 1mA
VI(5V)−0.4
Logic output high level
VI(5V)= 0,
VI(3.3V) = 3.3 V
IO = 1mA,
VI(3.3V)−0.4
V
Logic output low level
IO = 1mA
0.4
V


Similar Part No. - TPS2206IDAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2206IDAPR TI-TPS2206IDAPR Datasheet
458Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
More results

Similar Description - TPS2206IDAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2202AI TI-TPS2202AI Datasheet
358Kb / 23P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2202A TI1-TPS2202A Datasheet
656Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206 TI-TPS2206 Datasheet
458Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206A TI1-TPS2206A Datasheet
208Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD田?POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2204A TI1-TPS2204A_16 Datasheet
973Kb / 34P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206ADAPR TI-TPS2206ADAPR Datasheet
1,001Kb / 37P
[Old version datasheet]   POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2204A TI1-TPS2204A Datasheet
1,001Kb / 37P
[Old version datasheet]   PC CARD??POWER-INTERFACE SWITCH WITH RESER FOR SERIAL PCMCIA CONTROLLER
TPS2216 TI-TPS2216 Datasheet
371Kb / 27P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2202 TI-TPS2202 Datasheet
455Kb / 21P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com