Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA8453QT Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MMA8453QT
Description  1.95V to 3.6V supply voltage, 1.6V to 3.6V interface voltage
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8453QT Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MMA8453QT Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA8453QT Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA8453QT Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA8453QT Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA8453QT Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA8453QT Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA8453QT Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA8453QT Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA8453QT Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
Freescale Semiconductor
Document Number: MMA8453Q
Data Sheet: Technical Data
Rev. 5, 02/2013
An Energy Efficient Solution by Freescale
© 2010-2013 Freescale Semiconductor, Inc. All rights reserved.
Xtrinsic MMA8453Q 3-Axis,
10-bit/8-bit Digital Accelerometer
The MMA8453Q is a smart, low-power, three-axis, capacitive, micromachined
accelerometer with 10 bits of resolution. This accelerometer is packed with
embedded functions with flexible user programmable options, configurable to two
interrupt pins. Embedded interrupt functions allow for overall power savings
relieving the host processor from continuously polling data.
The MMA8453Q has user selectable full scales of ±2g/±4g/±8g. The device can
be configured to generate inertial wakeup interrupt signals from any combination
of the configurable embedded functions allowing the MMA8453Q to monitor
events and remain in a low-power mode during periods of inactivity. The
MMA8453Q is available in a 3 mm by 3 mm by1 mm QFN package.
Features
1.95V to 3.6V supply voltage
1.6V to 3.6V interface voltage
±2g/±4g/±8g dynamically selectable full-scale
Output Data Rates (ODR) from 1.56 Hz to 800 Hz
99
μg/√Hz noise
10-bit and 8-bit digital output
•I2C digital output interface (operates to 2.25 MHz with 4.7 k
Ω pullup)
Two programmable interrupt pins for six interrupt sources
Three embedded channels of motion detection
Freefall or Motion Detection: 1 channel
Pulse Detection: 1 channel
Jolt Detection: 1 channel
Orientation (Portrait/Landscape) detection with set hysteresis
Automatic ODR change for Auto-WAKE and return to SLEEP
•Self-Test
RoHS compliant
Current Consumption: 6
μA to 165 μA
Typical Applications
E-Compass applications
Static orientation detection (Portrait/Landscape, Up/Down, Left/Right, Back/
Front position identification)
Notebook, e-reader, and Laptop Tumble and Freefall Detection
Real-time orientation detection (virtual reality and gaming 3D user position feedback)
Real-time activity analysis (pedometer step counting, freefall drop detection for HDD, dead-reckoning GPS backup)
Motion detection for portable product power saving (Auto-SLEEP and Auto-WAKE for cell phone, PDA, GPS, gaming)
Shock and vibration monitoring (mechatronic compensation, shipping and warranty usage logging)
User interface (menu scrolling by orientation change, tap detection for button replacement)
ORDERING INFORMATION
Part Number
Temperature Range
Package Description
Shipping
MMA8453QT
-40°C to +85°C
QFN-16
Tray
MMA8453QR1
-40°C to +85°C
QFN-16
Tape and Reel
16 PIN QFN
3 mm by 3 mm by 1 mm
CASE 2077-02
MMA8453Q
Top and Bottom View
Top View
Pin Connections
1
2
3
4
59
10
11
12
13
14
15
16
8
7
6
VDDIO
BYP
NC
SCL
GND
NC
GND
INT1
GND
INT2


Similar Part No. - MMA8453QT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA8453QT FREESCALE-MMA8453QT Datasheet
1Mb / 47P
   Xtrinsic MMA8453Q 3-Axis, 10-bit/8-bit Digital Accelerometer
More results

Similar Description - MMA8453QT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31342SHLD MAXIM-MAX31342SHLD Datasheet
872Kb / 10P
   1.6V to 3.6V Single-Supply Operation
319-100305; Rev 1; 4/19
MAX40025EVKIT MAXIM-MAX40025EVKIT Datasheet
495Kb / 8P
   Supply Voltage 2.7V to 3.6V
319-100306; Rev 3; 5/19
logo
Elite Semiconductor Mem...
F59L1G81A ESMT-F59L1G81A Datasheet
1Mb / 35P
   Voltage Supply: 2.6V ~ 3.6V
logo
Maxim Integrated Produc...
MAX7044EVKIT MAXIM-MAX7044EVKIT Datasheet
6Mb / 32P
   Single Input Voltage Supply from 2.1V to 3.6V
Rev 3; 6/21
logo
Elite Semiconductor Mem...
F25L08QA-2S ESMT-F25L08QA-2S Datasheet
361Kb / 43P
   Single supply voltage 2.7~3.6V
F59L1G81MA ESMT-F59L1G81MA Datasheet
1Mb / 44P
   Voltage Supply: 3.3V (2.7V~3.6V)
F25L32QA-2S ESMT-F25L32QA-2S Datasheet
416Kb / 51P
   Single supply voltage 2.65~3.6V
F59L4G81A ESMT-F59L4G81A Datasheet
1Mb / 54P
   Voltage Supply: 3.3V (2.7V ~ 3.6V)
F25L01PA-2D ESMT-F25L01PA-2D Datasheet
347Kb / 31P
   Single supply voltage 2.7~3.6V
F25L16PA-2S ESMT-F25L16PA-2S Datasheet
408Kb / 42P
   Single supply voltage 2.7~3.6V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com