Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLZ13C Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLZ13C
Description  Small Signal Zener Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLZ13C Datasheet(HTML) 1 Page - Vishay Siliconix

  TLZ13C Datasheet HTML 1Page - Vishay Siliconix TLZ13C Datasheet HTML 2Page - Vishay Siliconix TLZ13C Datasheet HTML 3Page - Vishay Siliconix TLZ13C Datasheet HTML 4Page - Vishay Siliconix TLZ13C Datasheet HTML 5Page - Vishay Siliconix TLZ13C Datasheet HTML 6Page - Vishay Siliconix TLZ13C Datasheet HTML 7Page - Vishay Siliconix TLZ13C Datasheet HTML 8Page - Vishay Siliconix TLZ13C Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TLZ-Series
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 26-Jun-12
1
Document Number: 85635
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Zener Diodes
FEATURES
• Very sharp reverse characteristic
• Low reverse current level
• Very high stability
•Low noise
• High reliability
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Voltage stabilization
PRIMARY CHARACTERISTICS
PARAMETER
VALUE
UNIT
VZ range nom.
2.4 to 56
V
Test current IZT
5 to 20
mA
VZ specification
Pulse current
Int. construction
Single
ORDERING INFORMATION
DEVICE NAME
ORDERING CODE
TAPED UNITS PER REEL
MINIMUM ORDER QUANTITY
TLZ-series
TLZ-series-GS18
10 000 (8 mm tape on 13" reel)
10 000/box
TLZ-series
TLZ-series-GS08
2500 (8 mm tape on 7" reel)
12 500/box
PACKAGE
PACKAGE NAME
WEIGHT
MOLDING COMPOUND
FLAMMABILITY RATING
MOISTURE SENSITIVITY
LEVEL
SOLDERING
CONDITIONS
MiniMELF SOD-80
31 mg
-
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Power dissipation
RthJA  300 K/W
Ptot
500
mW
Zener current
IZ
Ptot/VZ
mA
Junction to ambient air
On PC board 50 mm x 50 mm x 1.6 mm
RthJA
500
K/W
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
- 65 to + 175
°C
Forward voltage (max.)
IF = 200 mA
VF
1.5
V


Similar Part No. - TLZ13C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLZ13C VISHAY-TLZ13C Datasheet
119Kb / 9P
   Z-Diodes
Rev. A4, 08-JAug-02
TLZ13C VISHAY-TLZ13C Datasheet
110Kb / 9P
   Small Signal Zener Diodes
Rev. 1.9, 23-Mar-06
TLZ13C VISHAY-TLZ13C Datasheet
112Kb / 8P
   Small Signal Zener Diodes
Rev. 2.1, 27-Sep-11
TLZ13C VISHAY-TLZ13C Datasheet
110Kb / 8P
   Small Signal Zener Diodes
Rev. 2.2, 26-Jun-12
TLZ13C VISHAY-TLZ13C Datasheet
110Kb / 8P
   Small Signal Zener Diodes
Rev. 2.2, 26-Jun-12
More results

Similar Description - TLZ13C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com