Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPB-2.5-250N-S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SPB-2.5-250N-S
Description  Crimping tools and machines
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SPB-2.5-250N-S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SPB-2.5-250N-S Datasheet HTML 1Page - List of Unclassifed Manufacturers SPB-2.5-250N-S Datasheet HTML 2Page - List of Unclassifed Manufacturers SPB-2.5-250N-S Datasheet HTML 3Page - List of Unclassifed Manufacturers SPB-2.5-250N-S Datasheet HTML 4Page - List of Unclassifed Manufacturers SPB-2.5-250N-S Datasheet HTML 5Page - List of Unclassifed Manufacturers SPB-2.5-250N-S Datasheet HTML 6Page - List of Unclassifed Manufacturers SPB-2.5-250N-S Datasheet HTML 7Page - List of Unclassifed Manufacturers SPB-2.5-250N-S Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
JK-SP/SS2***
YRS-370
KEJ-0.7 for plug, KEJ-0.4 for socket
J-SP/SS1***
YRS-440
YC-440
J-BP/BS1***
DEJ-0.3
J-SP/SS2***
YRS-330
DEJ-0.3
LFO-1.0-250N
–––
JUCS-FO
LFO-2.5-250N
–––
JUCS-FO
MD-SP12**
YRS-470
MEJ-06
MD-SP22**
YRS-460
MEJ-06
RA-SC1290
YRS-231
YRM-232
––
RA-BC12**
EJ-RA
YRM-233
RF-SC22**
––
YRM-230
RF-BC22**
RPJ-SP/SS2331
YRS-331
EJ-RPJ
SAA-21(T)-**
YC-141
LAA-21(T-)**
SAA-50(T)-**
YC-182
LAA-50(T)-**
SAA-51(T)-**
YC-142
LAA-51(T)-**
SAB-51(T)-**
YC-142
LAB-51(T)-**
SACH-003G-P0.2
YRS-1190
SACH-002GU-P0.3
YRS-858
SAN-002T-0.8A
YRS-220
EJ-PH
SAN-002T-0.8K
SBH-001T-P0.5
YC-670R
WC-670
BBH-001T-P0.5
SBHL-002T-P0.5
YRS-857
SBHM-001T-P0.5
YC-670R
BBHM-001T-P0.5
EJ-BHMR
SBHS-002T-P0.5A
YRS-852
EJ-BHS2
SBHS-002T-P0.5A
–––
––
EJ-BHS2
SBHSM-002T-P0.5
YRS-854
EJ-BHSW
SBHT-002T-P0.5
YRS-856
–––
––
EJ-BHT
YRS-857
SBN-001T-1.0
YRS-170
YC-170R
––
BBN-001T-1.0
SCN-001T-1.0K
YRS-191
YC-191R
WC-191
BCN-001T-1.0K
––
SCN-001T-P1.0
BCN-001T-P1.0
SCS-41T-2.3
–––
––
CSJ-23
SCSN-41T-P2.3
–––
EJ-CSN
SCZH-002T-P0.5
YRS-492
4
3
Hand tools
Crimping tools
Crimping tools
Extraction tool
Terminals and parts model
number in alphabetical order
Insertion tool
Hand tools
Hand tools
for chain terminals
for loose piece terminals
for loose piece terminals
Extraction and Insertion tools
YRS
series
Insertion tool allows contacts be inserted
in the housing.
This tool greatly increases efficiency especially
when thin wires are used.
Extraction tool is used to extract
contacts improperly inserted in the housing.
Note: (1) These tools are for prototype tooling or repair.
(2) YC tool has two crimping sections (A and B). YRS tool has also two crimping sections by inverting upper dies.
Be sure to check applicable wires before use. Since the dies are fixed, the crimping height cannot be adjusted. Therefore, some of the
applicable wires described in this catalog may not be crimped properly.
Before use, check for proper crimping (such as tensile strength, terminal/contact deformation).
(3) These tools are not applicable to 2-wire crimping.
(4) When hand crimping board-in terminals (SAN, SCN, SDN, SGN, SIN, SJN, SZN), care should be taken not to contaminate the solder tails of
the terminals, as with greasy or oily fingers. If a solder problem arises, some cleaning of the tips of the terminal is advisable.
(5) WC and JUC hand tools are provided by J.S.T.(U.K.) LTD. and contact them about the details of these hand tools.
Dimensions:
(W
×L) 59×224mm
YC
series
Dimensions:
(W
×L) 70×296mm
YRM
series
Dimensions:
(W
×L) 59×224mm
YRF
series
Dimensions:
(W
×L) 70×295mm
80
×305mm
YRS series
YC series
YRM series
YRF series
WC & JUC series
JUK's Hand Tools
Terminal in loose form
model No.
Crimping tools
It is the manual tool that is convenience to terminate very small quantity of contacts for prototype or maintenance.
It is composed of two crimping dies for the conductor and insulation, and can be crimp easily.
YRK and YRK-EX can be used for mass-production.
YRK . YRK-EX series
Note: Contact JST for wire range.
YRK
series
Dimensions:
(W
×L×D)
75
×314×25mm
Dimensions:
(W
×L×D)
75
×314×25mm
YRK-EX
series


Similar Part No. - SPB-2.5-250N-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPB-2.5-250N-S ETC2-SPB-2.5-250N-S Datasheet
224Kb / 8P
   APPLICATION TOOLING
More results

Similar Description - SPB-2.5-250N-S

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
YRS JST-YRS Datasheet
1,011Kb / 9P
   Crimping machines and tools
logo
List of Unclassifed Man...
HPDM2A ETC2-HPDM2A Datasheet
238Kb / 2P
   ID tools and machines
logo
Lumberg
CAS31-03 LUMBERG-CAS31-03 Datasheet
387Kb / 3P
   Tools and harnessing machines
CM03-01-0364 LUMBERG-CM03-01-0364 Datasheet
374Kb / 3P
   Tools and harnessing machines
CM03-03-0364 LUMBERG-CM03-03-0364 Datasheet
374Kb / 3P
   Tools and harnessing machines
CZK03 LUMBERG-CZK03 Datasheet
366Kb / 3P
   Tools and harnessing machines
HA36E-CA LUMBERG-HA36E-CA Datasheet
395Kb / 3P
   Tools and harnessing machines
HA35F-RK LUMBERG-HA35F-RK Datasheet
528Kb / 3P
   Tools and harnessing machines
HA35F-CA-KC LUMBERG-HA35F-CA-KC Datasheet
549Kb / 3P
   Tools and harnessing machines
HZ36-K LUMBERG-HZ36-K Datasheet
412Kb / 3P
   Tools and harnessing machines
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com