Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDTD122TC-7-F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDTD122TC-7-F
Description  NPN PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTD122TC-7-F Datasheet(HTML) 1 Page - Diodes Incorporated

  DDTD122TC-7-F Datasheet HTML 1Page - Diodes Incorporated DDTD122TC-7-F Datasheet HTML 2Page - Diodes Incorporated DDTD122TC-7-F Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DDTD (LO-R1) C
NPN PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
Features
Epitaxial Planar Die Construction
DS30399 Rev. 6 - 2
1 of 3
www.diodes.com
DDTD (LO-R1) C
© Diodes Incorporated
Complementary PNP Types Available (DDTB)
Built-In Biasing Resistors
Lead, Halogen and Antimony Free, RoHS Compliant
"Green" Device (Notes 2 and 3)
Mechanical Data
Case: SOT-23
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Terminal Connections: See Diagram
Terminals: Solderable per MIL-STD-202, Method 208
Lead Free Plating (Matte Tin Finish annealed over Alloy
42 leadframe).
Marking Information: See Table Below & Page 3
Ordering Information: See Page 3
Weight: 0.008 grams (approximate)
P/N
R1 (NOM)
R2 (NOM)
Type Code
DDTD122LC
DDTD142JC
DDTD122TC
DDTD142TC
0.22K
Ω
0.47K
Ω
0.22K
Ω
0.47K
Ω
10K
Ω
10K
Ω
OPEN
OPEN
N75
N76
N77
N78
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
α
0
°
8
°
All Dime sions in mm
n
A
E
J
L
M
B
TOP VIEW
C
H
G
D
K
R1
OUT
B
C
E
R2
3
2
1
IN
GND(0)
Schematic and Pin Configuation
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Supply Voltage, (3) to (2)
VCC
50
V
Input Voltage, (1) to (2)
DDTD122LC
DDTD142JC
VIN
-5 to +6
-5 to +6
V
Input Voltage, (2) to (1)
DDTD122TC
DDTD142TC
VEBO (MAX)
5
V
Output Current
All
IC
500
mA
Power Dissipation
(Note 1)
PD
200
mW
Thermal Resistance, Junction to Ambient Air
(Note 2)
RθJA
625
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
2. No purposefully added lead. Halogen and Antimony Free.
3. Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
Please click here to visit our online spice models database.


Similar Part No. - DDTD122TC-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTD122TC-7-F DIODES-DDTD122TC-7-F Datasheet
352Kb / 5P
   NPN PRE-BIASED 500 MA SURFACE MOUNT TRANSISTOR
Rev. 8 - 2 July 2021
More results

Similar Description - DDTD122TC-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTD122LU DIODES-DDTD122LU_2 Datasheet
116Kb / 3P
   NPN PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
DS30398 Rev. 6 - 2
DDTDC DIODES-DDTDC Datasheet
352Kb / 5P
   NPN PRE-BIASED 500 MA SURFACE MOUNT TRANSISTOR
Rev. 8 - 2 July 2021
DDTD113EU DIODES-DDTD113EU_1 Datasheet
115Kb / 3P
   NPN PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
DS30382 Rev. 7 - 2
DDTD122LC DIODES-DDTD122LC_1 Datasheet
116Kb / 3P
   NPN PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
DS30399 Rev. 6 - 2
DDTDXXXXC DIODES-DDTDXXXXC Datasheet
66Kb / 3P
   NPN PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30399 Rev. 2 - 2
DDTD122LC DIODES-DDTD122LC Datasheet
75Kb / 3P
   NPN PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30399 Rev. 2 - 2
DDTD113EU DIODES-DDTD113EU Datasheet
66Kb / 3P
   NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30382 Rev. 2 - 2
DDTDXXXXU DIODES-DDTDXXXXU Datasheet
69Kb / 3P
   NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30398 Rev. 2 - 2
DDTD122LU DIODES-DDTD122LU_1 Datasheet
79Kb / 3P
   NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30398 Rev. 5 - 2
DDTB122LU DIODES-DDTB122LU_2 Datasheet
115Kb / 3P
   PNP PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
DS30400 Rev. 6 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com