Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLZ12B Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TLZ12B
Description  Small Signal Zener Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLZ12B Datasheet(HTML) 4 Page - Vishay Siliconix

  TLZ12B Datasheet HTML 1Page - Vishay Siliconix TLZ12B Datasheet HTML 2Page - Vishay Siliconix TLZ12B Datasheet HTML 3Page - Vishay Siliconix TLZ12B Datasheet HTML 4Page - Vishay Siliconix TLZ12B Datasheet HTML 5Page - Vishay Siliconix TLZ12B Datasheet HTML 6Page - Vishay Siliconix TLZ12B Datasheet HTML 7Page - Vishay Siliconix TLZ12B Datasheet HTML 8Page - Vishay Siliconix TLZ12B Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TLZ-Series
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 26-Jun-12
4
Document Number: 85635
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Total Power Dissipation vs. Ambient Temperature
Fig. 2 - Typical Change of Working Voltage under Operating
Conditions at Tamb = 25 °C
Fig. 3 - Typical Change of Working Voltage vs.
Junction Temperature
Fig. 4 - Temperature Coefficient of VZ vs. Z-Voltage
TLZ39A
39A
34.68
39
36.47
5
0.5
0.04
32.9
85
250
TLZ39B
39B
35.36
39
37.19
5
0.5
0.04
33.6
85
250
TLZ39C
39C
36
39
37.85
5
0.5
0.04
34.2
85
250
TLZ39D
39D
36.63
39
38.52
5
0.5
0.04
34.8
85
250
TLZ39E
39E
37.36
39
39.29
5
0.5
0.04
35.5
85
250
TLZ39F
39F
38.14
39
40.11
5
0.5
0.04
36.2
85
250
TLZ39G
39G
38.94
39
40.8
5
0.5
0.04
37
85
250
TLZ43
43
40
43
45
5
-
0.04
38
90
-
TLZ47
47
44
47
49
5
-
0.04
41.8
90
-
TLZ51
51
48
51
54
5
-
0.04
45.6
100
-
TLZ56
56
53
56
60
5
-
0.04
50.4
100
-
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
MARKING
CODE
ZENER VOLTAGE RANGE
TEST CURRENT
REVERSE LEAKAGE
CURRENT
DYNAMIC
RESISTANCE
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1
ZZK at IZT2
V
mA
μA
V
MIN.
NOM.
MAX.
MAX.
MAX.
MAX.
0
120
160
0
100
300
400
500
600
T
amb - Ambient Temperature (°C)
200
95 9602
200
80
40
10
15
20
1
10
100
1000
VZ - Z-Voltage (V)
25
95 9598
T
j = 25 °C
I
Z = 5 mA
0
5
- 60
60
120
180
0.8
0.9
1.0
1.1
1.2
1.3
Tj - Junction Temperature (°C)
240
95 9599
0
V
Ztn = VZt/VZ (25 °C)
0
TKVZ = 10 x 10
-4/K
8 x 10-4/K
2 x 10-4/K
6 x 10-4/K
4 x 10-4/K
- 4 x 10-4/K
- 2 x 10-4/K
- 5
0
5
10
15
VZ - Z-Voltage (V)
95 9600
I
Z = 5 mA
0
10
203040
50


Similar Part No. - TLZ12B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLZ12B VISHAY-TLZ12B Datasheet
119Kb / 9P
   Z-Diodes
Rev. A4, 08-JAug-02
TLZ12B VISHAY-TLZ12B Datasheet
110Kb / 9P
   Small Signal Zener Diodes
Rev. 1.9, 23-Mar-06
TLZ12B VISHAY-TLZ12B Datasheet
112Kb / 8P
   Small Signal Zener Diodes
Rev. 2.1, 27-Sep-11
TLZ12B VISHAY-TLZ12B Datasheet
110Kb / 8P
   Small Signal Zener Diodes
Rev. 2.2, 26-Jun-12
TLZ12B VISHAY-TLZ12B Datasheet
110Kb / 8P
   Small Signal Zener Diodes
Rev. 2.2, 26-Jun-12
More results

Similar Description - TLZ12B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com