Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCF5206FT33A Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MCF5206FT33A
Description  ColdFire Processor Core, DRAM Controller, Dual Universal Synchronous/Asynchronous Receiver/Transmitter (DUART)
Download  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5206FT33A Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MCF5206FT33A Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5206FT33A Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5206FT33A Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5206FT33A Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5206FT33A Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF5206FT33A Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF5206FT33A Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF5206FT33A Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF5206FT33A Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 449 page
background image
TABLE OF CONTENTS (Continued)
Paragraph
Page
Number
Title
Number
iv
USERÕS MANUAL
MOTOROLA
3.5.10
Fault-on-Fault Halt ................................................................... 3-11
3.5.11
Reset Exception ....................................................................... 3-11
3.6
Instruction Execution Timing .............................................................. 3-11
3.6.1
Timing Assumptions ................................................................. 3-12
3.6.2
MOVE Instruction Execution Times ......................................... 3-12
Section 4
Instruction Cache
4.1
Features Of Instruction Cache ............................................................. 4-1
4.2
Instruction Cache Physical Organization ............................................. 4-1
4.3
Instruction Cache Operation ................................................................ 4-2
4.3.1
Interaction With Other Modules .................................................. 4-3
4.3.2
Memory Reference Attributes .................................................... 4-3
4.3.3
Cache Coherency and Invalidation ............................................ 4-3
4.3.4
Reset .......................................................................................... 4-4
4.3.5
Cache Miss Fetch Algorithm/Line Fills ....................................... 4-4
4.4
Instruction Cache Programming Model ................................................ 4-5
4.4.1
Instruction Cache Registers Memory Map ................................. 4-5
4.4.2
Instruction Cache Register ......................................................... 4-6
4.4.2.1
Cache Control Register (CACR) ..................................... 4-6
4.4.2.2
Access Control Registers (ACR0, ACR1) ....................... 4-8
Section 5
SRAM
5.1
SRAM Features .................................................................................... 5-1
5.2
SRAM Operation .................................................................................. 5-1
5.3
Programming Model ............................................................................. 5-1
5.3.1
SRAM Register Memory Map .................................................... 5-1
5.3.2
SRAM Registers ......................................................................... 5-2
5.3.2.1
SRAM Base Address Register (RAMBAR) ..................... 5-2
5.3.3
SRAM Initialization ..................................................................... 5-3
5.3.4
Power Management ................................................................... 5-4
Section 6
Bus Operation
6.1
Features ............................................................................................... 6-1
6.2
Bus And Control Signals ...................................................................... 6-1
6.2.1
Address Bus (A[27:0]) ................................................................ 6-1
6.2.2
Data Bus (D[31:0]) ..................................................................... 6-2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCF5206FT33A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCF5206 MOTOROLA-MCF5206 Datasheet
208Kb / 8P
   MCF5206 Integrated Microprocessor
logo
Freescale Semiconductor...
MCF5206E FREESCALE-MCF5206E Datasheet
3Mb / 3P
   CodeWarrior Development Studio for ColdFire짰 Architectures
MCF5206EAB40 FREESCALE-MCF5206EAB40 Datasheet
274Kb / 12P
   ColdFire Version 2 core, 32-bit data base
MCF5206ECAB40 FREESCALE-MCF5206ECAB40 Datasheet
271Kb / 2P
   Motorolas ColdFire MCF5206e Integrated Microprocessor
MCF5206EPB FREESCALE-MCF5206EPB Datasheet
274Kb / 12P
   MCF5206e Integrated ColdFire Microprocessor Product Brief
More results

Similar Description - MCF5206FT33A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCN68681 PHILIPS-SCN68681 Datasheet
187Kb / 28P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SC28L92 PHILIPS-SC28L92 Datasheet
284Kb / 44P
   3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681 PHILIPS-SCC2681 Datasheet
204Kb / 29P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2692 PHILIPS-SCC2692 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN2681 PHILIPS-SCN2681 Datasheet
205Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com